Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S-19100N17H-M5T2U Datasheet(PDF) 1 Page - Seiko Instruments Inc

Part # S-19100N17H-M5T2U
Description  FOR AUTOMOTIVE 105째C OPERATION VOLTAGE DETECTOR BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING)
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-19100N17H-M5T2U Datasheet(HTML) 1 Page - Seiko Instruments Inc

  S-19100N17H-M5T2U Datasheet HTML 1Page - Seiko Instruments Inc S-19100N17H-M5T2U Datasheet HTML 2Page - Seiko Instruments Inc S-19100N17H-M5T2U Datasheet HTML 3Page - Seiko Instruments Inc S-19100N17H-M5T2U Datasheet HTML 4Page - Seiko Instruments Inc S-19100N17H-M5T2U Datasheet HTML 5Page - Seiko Instruments Inc S-19100N17H-M5T2U Datasheet HTML 6Page - Seiko Instruments Inc S-19100N17H-M5T2U Datasheet HTML 7Page - Seiko Instruments Inc S-19100N17H-M5T2U Datasheet HTML 8Page - Seiko Instruments Inc S-19100N17H-M5T2U Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 45 page
background image
S-19100xxxH Series
www.sii-ic.com
FOR AUTOMOTIVE 105°C OPERATION VOLTAGE DETECTOR
BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING)
© SII Semiconductor Corporation, 2012-2015
Rev.2.0_01
1
The S-19100xxxH Series, developed by using CMOS technology, is a voltage detector IC for automotive 105
°C operation.
The detection voltage is fixed internally with an accuracy of
±2.5% (−VDET = 2.4 V). It operates with current consumption of
270 nA typ.
The release signal can be delayed by setting a capacitor externally, and the delay time accuracy at Ta =
+25°C is ±15%.
The operation temperature range is Ta =
−40°C to +105°C. Two output forms Nch open-drain and CMOS output are
available.
Compared with conventional CMOS voltage detectors, the S-19100xxxH Series has super-low current consumption and
small packages.
Caution This product can be used in vehicle equipment and in-vehicle equipment. Before using the product in
the purpose, contact to SII Semiconductor Corporation is indispensable.
Features
• Detection voltage:
1.2 V to 4.6 V (0.1 V step)
• Detection voltage accuracy:
±2.5% (2.4 V ≤ −VDET ≤ 4.6 V, Ta = −40°C to +105°C)
±(2.0% + 12 mV) (1.2 V ≤ −VDET < 2.4 V, Ta = −40°C to +105°C)
• Current consumption:
270 nA typ. (1.2 V
≤ −VDET < 2.3 V)
• Operation voltage range:
0.6 V to 10.0 V (CMOS output product)
• Hysteresis width*1:
5%
±2% (Ta = −40°C to +105°C)
• Delay time accuracy:
±15% (CD = 4.7 nF, Ta = +25°C)
• Output form:
Nch open-drain output (active "L")
CMOS output (active "L")
• Operation temperature range:
Ta =
−40°C to +105°C
• Lead-free (Sn 100%), halogen-free
• AEC-Q100 qualified*2:
SOT-23-5 package product, SC-82AB package product
*1. The product without hysteresis width is also available.
*2. SNT-4A package product is in the process of AEC-Q100.
Contact our sales office for details.
Applications
• For automotive use (meter, car body, headlight, ITS, accessory, car navigation system, car audio system, etc.)
: SOT-23-5 package product, SC-82AB package product
• For automotive use (accessory, car navigation system, car audio system, etc.)
: SNT-4A package product
Packages
• SOT-23-5
• SC-82AB
• SNT-4A


Similar Part No. - S-19100N17H-M5T2U

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-19100N17H-M5T2U SII-S-19100N17H-M5T2U Datasheet
2Mb / 45P
   BUILT-IN DELAY CIRCUIT
More results

Similar Description - S-19100N17H-M5T2U

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S19101XXXH SII-S19101XXXH Datasheet
1Mb / 31P
   FOR AUTOMOTIVE 105째C OPERATION VOLTAGE DETECTOR BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING)
S19101XXXA SII-S19101XXXA Datasheet
1Mb / 30P
   FOR AUTOMOTIVE 125째C OPERATION VOLTAGE DETECTOR BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING)
S19100XXXA SII-S19100XXXA Datasheet
2Mb / 39P
   FOR AUTOMOTIVE 125 OPERATION VOLTAGE DETECTOR BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING)
S1011 SII-S1011 Datasheet
2Mb / 43P
   BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING) VOLTAGE DETECTOR
S19110AXXH SII-S19110AXXH Datasheet
5Mb / 49P
   FOR AUTOMOTIVE OPERATION HIGH-WITHSTAND VOLTAGE BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING) VOLTAGE DETECTOR
S19110JXXA SII-S19110JXXA Datasheet
5Mb / 46P
   FOR AUTOMOTIVE OPERATION HIGH-WITHSTAND VOLTAGE BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING) VOLTAGE DETECTOR
S19104 SII-S19104 Datasheet
2Mb / 40P
   FOR AUTOMOTIVE 105C OPERATION BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING)
S19105 SII-S19105 Datasheet
2Mb / 37P
   FOR AUTOMOTIVE 105C OPERATION BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING)
S19110AXXA SII-S19110AXXA Datasheet
4Mb / 49P
   FOR AUTOMOTIVE 125째C OPERATION HIGH-WITHSTAND VOLTAGE BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING) VOLTAGE DETECTOR
S1004 SII-S1004 Datasheet
2Mb / 42P
   BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com