Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S-19100N18A-M5T2U Datasheet(PDF) 3 Page - Seiko Instruments Inc

Part # S-19100N18A-M5T2U
Description  FOR AUTOMOTIVE 125 OPERATION VOLTAGE DETECTOR BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING)
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-19100N18A-M5T2U Datasheet(HTML) 3 Page - Seiko Instruments Inc

  S-19100N18A-M5T2U Datasheet HTML 1Page - Seiko Instruments Inc S-19100N18A-M5T2U Datasheet HTML 2Page - Seiko Instruments Inc S-19100N18A-M5T2U Datasheet HTML 3Page - Seiko Instruments Inc S-19100N18A-M5T2U Datasheet HTML 4Page - Seiko Instruments Inc S-19100N18A-M5T2U Datasheet HTML 5Page - Seiko Instruments Inc S-19100N18A-M5T2U Datasheet HTML 6Page - Seiko Instruments Inc S-19100N18A-M5T2U Datasheet HTML 7Page - Seiko Instruments Inc S-19100N18A-M5T2U Datasheet HTML 8Page - Seiko Instruments Inc S-19100N18A-M5T2U Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 39 page
background image
FOR AUTOMOTIVE 125°C OPERATION VOLTAGE DETECTOR BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING)
Rev.1.2_01
S-19100xxxA Series
3
AEC-Q100 Qualified
This IC supports AEC-Q100 for operation temperature grade 1.
Contact our sales office for details of AEC-Q100 reliability specification.
Product Name Structure
Users can select the output form, the detection voltage value and the package type for the S-19100xxxA Series. Refer
to "1. Product name" regarding the contents of product name, "2. Packages" regarding the package drawings and
"3. Product name list" regarding details of product name.
1. Product name
S-19100 x xx A - xxxx U
Output form
N:
Nch open-drain output (active "L")
C:
CMOS output (active "L")
Package abbreviation and IC packing specifications
*1
M5T2: SOT-23-5, Tape
N4T2: SC-82AB, Tape
Detection voltage value
12 to 46
(e.g., when the detection voltage is 1.2 V, it is expressed as 12.)
Environmental code
U:
Lead-free (Sn 100%), halogen-free
Operation temperature
A:
Ta =
−40°C to +125°C
*1. Refer to the tape drawing.
2. Packages
Table 1 Package Drawing Codes
Package Name
Dimension
Tape
Reel
SOT-23-5
MP005-A-P-SD
MP005-A-C-SD
MP005-A-R-SD
SC-82AB
NP004-A-P-SD
NP004-A-C-SD
NP004-A-C-S1
NP004-A-R-SD


Similar Part No. - S-19100N18A-M5T2U

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-19100N18A-M5T2U SII-S-19100N18A-M5T2U Datasheet
2Mb / 39P
   BUILT-IN DELAY CIRCUIT
More results

Similar Description - S-19100N18A-M5T2U

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S19100XXXH SII-S19100XXXH Datasheet
2Mb / 45P
   FOR AUTOMOTIVE 105째C OPERATION VOLTAGE DETECTOR BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING)
S19101XXXH SII-S19101XXXH Datasheet
1Mb / 31P
   FOR AUTOMOTIVE 105째C OPERATION VOLTAGE DETECTOR BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING)
S19101XXXA SII-S19101XXXA Datasheet
1Mb / 30P
   FOR AUTOMOTIVE 125째C OPERATION VOLTAGE DETECTOR BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING)
S1011 SII-S1011 Datasheet
2Mb / 43P
   BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING) VOLTAGE DETECTOR
S19110AXXH SII-S19110AXXH Datasheet
5Mb / 49P
   FOR AUTOMOTIVE OPERATION HIGH-WITHSTAND VOLTAGE BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING) VOLTAGE DETECTOR
S19110JXXA SII-S19110JXXA Datasheet
5Mb / 46P
   FOR AUTOMOTIVE OPERATION HIGH-WITHSTAND VOLTAGE BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING) VOLTAGE DETECTOR
S19104 SII-S19104 Datasheet
2Mb / 40P
   FOR AUTOMOTIVE 105C OPERATION BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING)
S19105 SII-S19105 Datasheet
2Mb / 37P
   FOR AUTOMOTIVE 105C OPERATION BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING)
S19110AXXA SII-S19110AXXA Datasheet
4Mb / 49P
   FOR AUTOMOTIVE 125째C OPERATION HIGH-WITHSTAND VOLTAGE BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING) VOLTAGE DETECTOR
S1004 SII-S1004 Datasheet
2Mb / 42P
   BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com