Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S-8880A24-I8T1U Datasheet(PDF) 4 Page - Seiko Instruments Inc

Part # S-8880A24-I8T1U
Description  ENERGY HARVESTING POWERED BY ULTRA-LOW POWER AND ULTRA-LOW VOLTAGE OPERATION BOOST CHARGE PUMP FOR STEP-UP DC-DC CONVERTER STARTUP
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-8880A24-I8T1U Datasheet(HTML) 4 Page - Seiko Instruments Inc

  S-8880A24-I8T1U Datasheet HTML 1Page - Seiko Instruments Inc S-8880A24-I8T1U Datasheet HTML 2Page - Seiko Instruments Inc S-8880A24-I8T1U Datasheet HTML 3Page - Seiko Instruments Inc S-8880A24-I8T1U Datasheet HTML 4Page - Seiko Instruments Inc S-8880A24-I8T1U Datasheet HTML 5Page - Seiko Instruments Inc S-8880A24-I8T1U Datasheet HTML 6Page - Seiko Instruments Inc S-8880A24-I8T1U Datasheet HTML 7Page - Seiko Instruments Inc S-8880A24-I8T1U Datasheet HTML 8Page - Seiko Instruments Inc S-8880A24-I8T1U Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
ENERGY HARVESTING POWERED BY ULTRA-LOW POWER AND ULTRA-LOW VOLTAGE OPERATION BOOST CHARGE PUMP FOR STEP-UP DC-DC CONVERTER STARTUP
S-8880A Series
Rev.1.0_01
4
Absolute Maximum Ratings
Table 5
(Ta =
+25°C unless otherwise specified)
Item
Symbol
Absolute Maximum Rating
Unit
VIN pin voltage
VIN
VSS
− 0.3 to VSS + 3.3
V
CPOUT pin voltage
VCPOUT
VSS
− 0.3 to VSS + 3.3
V
OUT pin voltage
VOUT
VSS
− 0.3 to VSS + 3.3
V
VM pin voltage
VVM
VSS
− 0.3 to VSS + 3.3
V
Operation ambient temperature
Topr
−40 to +85
°C
Storage temperature
Tstg
−40 to +125
°C
Caution The absolute maximum ratings are rated values exceeding which the product could suffer physical
damage. These values must therefore not be exceeded under any conditions.
Thermal Resistance Value
Table 6
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Junction-to-ambient thermal resistance
*1
θJA
SOT-23-5
Board A
192
°C/W
Board B
160
°C/W
Board C
−−
°C/W
Board D
−−
°C/W
Board E
−−
°C/W
SNT-8A
Board A
211
°C/W
Board B
173
°C/W
Board C
°C/W
Board D
°C/W
Board E
°C/W
*1. Test environment: compliance with JEDEC STANDARD JESD51-2A
Remark Refer to " Power Dissipation" and "Test Board" for details.


Similar Part No. - S-8880A24-I8T1U

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-8813 SII-S-8813 Datasheet
366Kb / 29P
   3-CHANNEL WHITE LED DRIVER IC (CHARGE PUMP IC WITH BUILT-IN CONSTANT-CURRENT CIRCUIT)
S-8821 SII-S-8821 Datasheet
199Kb / 19P
   VOLTAGE REGULATION STEP-UP CHARGE PUMP DC-DC CONVERTER
logo
ABLIC Inc.
S-8821 ABLIC-S-8821 Datasheet
424Kb / 24P
   VOLTAGE REGULATION BOOST CHARGE PUMP DC-DC CONVERTER
Rev.5.1_03
logo
Seiko Instruments Inc
S-882125AMH-M2ATFG SII-S-882125AMH-M2ATFG Datasheet
199Kb / 19P
   VOLTAGE REGULATION STEP-UP CHARGE PUMP DC-DC CONVERTER
S-882125AMH-M2ATFZ SII-S-882125AMH-M2ATFZ Datasheet
1Mb / 24P
   VOLTAGE REGULATION
More results

Similar Description - S-8880A24-I8T1U

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S8823A SII-S8823A Datasheet
2Mb / 28P
   ENERGY HARVESTING POWERED BY ULTRA-LOW POWER AND ULTRA-LOW VOLTAGE OPERATION BOOST CHARGE PUMP
S-882Z SII-S-882Z Datasheet
560Kb / 24P
   ULTRA-LOW VOLTAGE OPERATION CHARGE PUMP IC FOR STEP-UP DC-DC CONVERTER STARTUP
logo
Renesas Technology Corp
M62216FP RENESAS-M62216FP Datasheet
164Kb / 12P
   Low Voltage Operation STEP-UP DC/DC Converter
logo
Mitsubishi Electric Sem...
M62216FP MITSUBISHI-M62216FP Datasheet
72Kb / 8P
   Low Voltage Operation STEP-UP DC-DC Converter
logo
Seiko Instruments Inc
S-8821 SII-S-8821 Datasheet
199Kb / 19P
   VOLTAGE REGULATION STEP-UP CHARGE PUMP DC-DC CONVERTER
S8821 SII-S8821 Datasheet
1Mb / 24P
   VOLTAGE REGULATION BOOST CHARGE PUMP DC-DC CONVERTER
logo
ABLIC Inc.
S-8821 ABLIC-S-8821 Datasheet
424Kb / 24P
   VOLTAGE REGULATION BOOST CHARGE PUMP DC-DC CONVERTER
Rev.5.1_03
logo
Cypress Semiconductor
MB39C831 CYPRESS-MB39C831 Datasheet
2Mb / 40P
   Ultra Low Voltage Boost Power Management IC for Solar/Thermal Energy Harvesting Datasheet
logo
ON Semiconductor
LV52130N0XA ONSEMI-LV52130N0XA Datasheet
441Kb / 19P
   1coil Boost DC-DC converter and Inverter Charge Pump
October 2015 - Rev. 0
logo
AiT Semiconductor Inc.
A7534 AITSEMI-A7534 Datasheet
649Kb / 9P
   DC-DC CONVERTER BOOST (STEP-UP) 0.9V STARTUP, 1MHz, 300mA IOUT, LOW IQ, SYNCHRONOUS
REV1.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com