Electronic Components Datasheet Search |
|
EBSP1624MYG-D Datasheet(PDF) 1 Page - DDK Ltd. |
|
EBSP1624MYG-D Datasheet(HTML) 1 Page - DDK Ltd. |
1 / 6 page http://www.ddknet.co.jp ◎ Specifications and/or dimensions in this catalog are subject to change without notice. ◎ Your checking the latest specifications with our drawings would be highly appreciated. EB series is a moistureproof circular connector to meet Class IP55 protection when mated. The rubber inserts prevent moisture and dust from intruding into a system. EB series has a bayonet coupling design which is suitable for applications requiring quick positive coupling and vibration resistance. EB Series Moistureproof Circular Connectors for Solder Terminations Meeting IP55 RoHS Compliant RoHS Compliant Contact Size #20 Contact #16 Contact Male Contact Diameter 1.0mm 1.6mm Rated Voltage 250V AC(r.m.s.) or 350V DC Rated Current 5A / Contact 10A / Contact Applicable Cable Conductor Diameter 1.0mm max. 1.5mm max. Nominal Sectional Area 0.5mm2 max. 1.25mm2 max. Reference Wire Size AWG #20 max. AWG #16 max. Operating Temperature - 25℃~+ 85℃ Insulation Resistance 1,000M Ω (min.) at 500V DC. Dielectric Withstanding Voltage 1,000V AC(r.m.s.) at 1 minute. Contact Resistance 5m Ω max. at 1A DC Vibration Amplitude : 10-55Hz / 1.5mm Waterproof Rating IP55 Shock Acceleration 50G. Durability 500 cycles Humidity(Stable Condition) 40℃、90-95% , 96 hours Heat Cycle - 40℃ to +100℃:5 cycles Salt Spray 5% , 35℃ , 48 hours 121105 Item Material / Finish Insert Polychloroprene Rubber / Black Contact Copper Alloy / Silver Plating (Standard) or Gold Plating (Option) Shell Zinc Diecast / Zinc Plating, Trivalent Chromium Treatment(Black) Hood Aluminum Alloy / Zinc Plating, Trivalent Chromium Treatment(Black) Boot Polychloroprene Rubber / Black Protection Cap Polychloroprene Rubber / Black, Zinc Plating, Trivalent Chromium Treatment Waterproof IP55 Lock Type Bayonet 1. Bayonet Coupling This series has a bayonet coupling design. The click sound after rotating the coupling ring gives you the indication of full coupling. 2. 5 Keys to Prevent Mismating The shell has five keys. Alternate insert positions eliminate the connector mismating if more than one connector with the same size and arrangement is to be used in a system. The insulator is permanently positioned in the shell so that only a connector with the same degree of rotation can be mated with it. 3. Quick and Easy Termination The contacts are preloaded in the connector. The solder cups are oriented in one direction to simplify termination. OUTLINE FEATURE SPECIFICATIONS MATERIAL / FINISH Note: AWG wire sizes for reference only. |
Similar Part No. - EBSP1624MYG-D |
|
Similar Description - EBSP1624MYG-D |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |