Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U4275B Datasheet(PDF) 3 Page - TEMIC Semiconductors

Part # U4275B
Description  FM-Receiving Condition Analyser and Multipath Noise Cancellation
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

U4275B Datasheet(HTML) 3 Page - TEMIC Semiconductors

  U4275B Datasheet HTML 1Page - TEMIC Semiconductors U4275B Datasheet HTML 2Page - TEMIC Semiconductors U4275B Datasheet HTML 3Page - TEMIC Semiconductors U4275B Datasheet HTML 4Page - TEMIC Semiconductors U4275B Datasheet HTML 5Page - TEMIC Semiconductors U4275B Datasheet HTML 6Page - TEMIC Semiconductors U4275B Datasheet HTML 7Page - TEMIC Semiconductors U4275B Datasheet HTML 8Page - TEMIC Semiconductors U4275B Datasheet HTML 9Page - TEMIC Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
U4275B
TELEFUNKEN Semiconductors
Preliminary Information
3
Rev. A1: 14.03.1995
MPXIN / MPXOUT
94 8649
VS
50 k
W
MPXIN
50 k
W
94 8650
VS
60 k
W
60 k
W
MPXOUT
200
mA
VS
The MPX signal is fed directly from the FM demodulator
to input MPXIN and is available amplified by a factor of
1.5 at MPXOUT. The MPX signal is blanked out in the
event of multipath interference or when MUTE is
activated externally in the circuit part MNC (Multipath
Noise Canceller). In all other cases, the MPX signal
passes through the IC unchanged.
GND2
GND2 is the reference potential for the MPX signal.
GND2 should be connected directly with the ground
terminal of the IF FM demodulator to ensure a high
signal-to-noise ratio of the MPX signal.
MUTE
94 8651
MUTE
The function unit MNC can be controlled externally via
this pin. Blanking occurs when the voltage at the MUTE
pin falls below 1 V. A voltage in the range VS/2 > 1 V
defines the switching threshold as from which multipath
interference is signalled at pin INT.
CRIN
94 8652
CRIN
VS
40 k
W
The internal one-pin oscillator is connected to CRIN with
a 456 kHz ceramic resonator. The 456 kHz reference
frequency is used for calibrating the filters and generating
pulses at INT.
ANAOUT
94 8653
ANAOUT
60
mA
+ 5 V
Analyzer output. DC values are available at this pin that
characterize the respective reception situation. The
output voltage is limited to max. 5 V. ANAOUT is a
multiplex output, i.e. the value for the fieldstrength, level
of multipath interference or level of common channel
interference is applied to this output depending on
addressing.
ANAOUT
can
be
switched
to
the
high-impedance state by means of OE.


Similar Part No. - U4275B

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
U4270B TEMIC-U4270B Datasheet
104Kb / 7P
   FM IF limiter amplifier and detector
U4270B-C TEMIC-U4270B-C Datasheet
104Kb / 7P
   FM IF limiter amplifier and detector
U4270B-CFS TEMIC-U4270B-CFS Datasheet
104Kb / 7P
   FM IF limiter amplifier and detector
U4270B-CFSG3 TEMIC-U4270B-CFSG3 Datasheet
104Kb / 7P
   FM IF limiter amplifier and detector
U4276B TEMIC-U4276B Datasheet
83Kb / 8P
   FM Multipath Noise Cancellation
More results

Similar Description - U4275B

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
U4276B TEMIC-U4276B Datasheet
83Kb / 8P
   FM Multipath Noise Cancellation
logo
Cirrus Logic
WM8281 CIRRUS-WM8281 Datasheet
7Mb / 392P
   Low Power Audio System with Ambient Noise Cancellation and Echo Cancellation
logo
Potato Semiconductor Co...
PO74GU04A POTATO-PO74GU04A_14 Datasheet
1Mb / 5P
   74 Series Noise Cancellation GHz Logic
PO74G32A POTATO-PO74G32A_14 Datasheet
1Mb / 5P
   74 Series Noise Cancellation GHz Logic
logo
Pomona Electronics
PO49FCT32807G POMONA-PO49FCT32807G_14 Datasheet
1Mb / 6P
   400MHz Noise Cancellation TTL/CMOS Potato Chip
PO49FCT3807B POMONA-PO49FCT3807B_14 Datasheet
1Mb / 6P
   800MHz Noise Cancellation TTL/CMOS Potato Chip
logo
Siemens Semiconductor G...
TDA4210-3 SIEMENS-TDA4210-3 Datasheet
136Kb / 6P
   FM IF IC WITH SEARCH TUNING STOP PULSE, FIELD STRENGTH INDICATOR, MUTE SETTING AND MULTIPATH
logo
Pomona Electronics
PO74G553A POMONA-PO74G553A_14 Datasheet
1Mb / 5P
   800MHz Noise Cancellation TTL/CMOS Potato Chip
logo
Potato Semiconductor Co...
PO74G04A POTATO-PO74G04A_14 Datasheet
1Mb / 6P
   54, 74 Series Noise Cancellation GHz Logic
logo
Samsung semiconductor
KA2272D SAMSUNG-KA2272D Datasheet
152Kb / 6P
   FM NOISE CANCELLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com