Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S-19100N19H-I4T1U Datasheet(PDF) 8 Page - Seiko Instruments Inc

Part # S-19100N19H-I4T1U
Description  FOR AUTOMOTIVE 105째C OPERATION VOLTAGE DETECTOR BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING)
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-19100N19H-I4T1U Datasheet(HTML) 8 Page - Seiko Instruments Inc

Back Button S-19100N19H-I4T1U Datasheet HTML 4Page - Seiko Instruments Inc S-19100N19H-I4T1U Datasheet HTML 5Page - Seiko Instruments Inc S-19100N19H-I4T1U Datasheet HTML 6Page - Seiko Instruments Inc S-19100N19H-I4T1U Datasheet HTML 7Page - Seiko Instruments Inc S-19100N19H-I4T1U Datasheet HTML 8Page - Seiko Instruments Inc S-19100N19H-I4T1U Datasheet HTML 9Page - Seiko Instruments Inc S-19100N19H-I4T1U Datasheet HTML 10Page - Seiko Instruments Inc S-19100N19H-I4T1U Datasheet HTML 11Page - Seiko Instruments Inc S-19100N19H-I4T1U Datasheet HTML 12Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 45 page
background image
FOR AUTOMOTIVE 105°C OPERATION VOLTAGE DETECTOR BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING)
S-19100xxxH Series
Rev.2.0_01
8
Electrical Characteristics
1. Nch open-drain output product
Table 9
(Ta =
−40°C to +105°C unless otherwise specified)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Test
Circuit
Detection voltage*1
−VDET
1.2 V
≤ −VDET < 2.4 V
−VDET(S)
× 0.98
− 0.012
−VDET(S)
−VDET(S)
× 1.02
+ 0.012
V
1
2.4 V
≤ −VDET ≤ 4.6 V
−VDET(S)
× 0.975
−VDET(S)
−VDET(S)
× 1.025
V
1
Hysteresis width
VHYS
−VDET
× 0.03
−VDET
× 0.05
−VDET
× 0.07
V
1
Current consumption ISS
VDD =
+VDET + 0.6 V
1.2 V
≤ −VDET < 2.3 V
0.27
1.10
μA
2
2.3 V
≤ −VDET < 3.6 V
0.42
1.20
μA
2
3.6 V
≤ −VDET ≤ 4.6 V
0.39
1.20
μA
2
Operation voltage
VDD
0.8
10.0
V
1
Output current
IOUT
Output transistor
Nch
VDS*2 = 0.5 V
VDD = 0.7 V
S-19100N12 to 14
0.14
0.40
mA
3
VDD = 1.2 V
S-19100N15 to 46
0.73
1.33
mA
3
VDD = 2.4 V
S-19100N27 to 46
1.17
2.39
mA
3
Leakage current
ILEAK
Output transistor
Nch
VDD = 10.0 V, VOUT = 10.0 V
1.20
μA
3
Delay time
tD
CD = 4.7 nF
12.0
26.0
57.0
ms
4
*1.
−VDET: Actual detection voltage value, −VDET(S): Set detection voltage value (The center value of the detection voltage
range in Table 2.)
*2.
VDS: Drain-to-source voltage of the output transistor


Similar Part No. - S-19100N19H-I4T1U

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-19100N19H-I4T1U SII-S-19100N19H-I4T1U Datasheet
2Mb / 45P
   BUILT-IN DELAY CIRCUIT
More results

Similar Description - S-19100N19H-I4T1U

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S19101XXXH SII-S19101XXXH Datasheet
1Mb / 31P
   FOR AUTOMOTIVE 105째C OPERATION VOLTAGE DETECTOR BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING)
S19101XXXA SII-S19101XXXA Datasheet
1Mb / 30P
   FOR AUTOMOTIVE 125째C OPERATION VOLTAGE DETECTOR BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING)
S19100XXXA SII-S19100XXXA Datasheet
2Mb / 39P
   FOR AUTOMOTIVE 125 OPERATION VOLTAGE DETECTOR BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING)
S1011 SII-S1011 Datasheet
2Mb / 43P
   BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING) VOLTAGE DETECTOR
S19110AXXH SII-S19110AXXH Datasheet
5Mb / 49P
   FOR AUTOMOTIVE OPERATION HIGH-WITHSTAND VOLTAGE BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING) VOLTAGE DETECTOR
S19110JXXA SII-S19110JXXA Datasheet
5Mb / 46P
   FOR AUTOMOTIVE OPERATION HIGH-WITHSTAND VOLTAGE BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING) VOLTAGE DETECTOR
S19104 SII-S19104 Datasheet
2Mb / 40P
   FOR AUTOMOTIVE 105C OPERATION BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING)
S19105 SII-S19105 Datasheet
2Mb / 37P
   FOR AUTOMOTIVE 105C OPERATION BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING)
S19110AXXA SII-S19110AXXA Datasheet
4Mb / 49P
   FOR AUTOMOTIVE 125째C OPERATION HIGH-WITHSTAND VOLTAGE BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING) VOLTAGE DETECTOR
S1004 SII-S1004 Datasheet
2Mb / 42P
   BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com