Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S-8520B27MC-ARMT2x Datasheet(PDF) 8 Page - Seiko Instruments Inc

Part # S-8520B27MC-ARMT2x
Description  STEP-DOWN, PWM CONTROL or PWM / PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-8520B27MC-ARMT2x Datasheet(HTML) 8 Page - Seiko Instruments Inc

Back Button S-8520B27MC-ARMT2x Datasheet HTML 4Page - Seiko Instruments Inc S-8520B27MC-ARMT2x Datasheet HTML 5Page - Seiko Instruments Inc S-8520B27MC-ARMT2x Datasheet HTML 6Page - Seiko Instruments Inc S-8520B27MC-ARMT2x Datasheet HTML 7Page - Seiko Instruments Inc S-8520B27MC-ARMT2x Datasheet HTML 8Page - Seiko Instruments Inc S-8520B27MC-ARMT2x Datasheet HTML 9Page - Seiko Instruments Inc S-8520B27MC-ARMT2x Datasheet HTML 10Page - Seiko Instruments Inc S-8520B27MC-ARMT2x Datasheet HTML 11Page - Seiko Instruments Inc S-8520B27MC-ARMT2x Datasheet HTML 12Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 44 page
background image
STEP-DOWN, PWM CONTROL or PWM / PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S-8520/8521 Series
Rev.9.0_01
8
Absolute Maximum Ratings
Table 4
(Ta =
+25°C unless otherwise specified)
Item
Symbol
Absolute maximum rating
Unit
VIN pin voltage
A, C, E types
VIN
VSS
− 0.3 to VSS + 12.0
V
B, D, F types
VSS
− 0.3 to VSS + 18.0
V
VOUT pin voltage
A, C, E types
VOUT
VSS
− 0.3 to VSS + 12.0
V
B, D, F types
VSS
− 0.3 to VSS + 18.0
V
ON/OFF
______
pin voltage
A, C, E types
VON/OFF
______
VSS
− 0.3 to VSS + 12.0
V
B, D, F types
VSS
− 0.3 to VSS + 18.0
V
EXT pin voltage
VEXT
VSS
− 0.3 to VIN + 0.3
V
EXT pin current
IEXT
±50
mA
Power dissipation
PD
250 (When not mounted on board)
mW
600*1
mW
Operating ambient temperature
Topr
−40 to +85
°C
Storage temperature
Tstg
−40 to +125
°C
*1. When mounted on board
[Mounted board]
(1) Board size :
114.3 mm
× 76.2 mm × t1.6 mm
(2) Board name : JEDEC STANDARD51-7
Caution
The absolute maximum ratings are rated values exceeding which the product could suffer
physical damage. These values must therefore not be exceeded under any conditions.
(1) When mounted on board
(2) When not mounted on board
0
50
100
150
400
200
0
500
300
100
600
700
Ambient Temperature (Ta) [
°C]
0
50
100
150
200
100
0
250
150
50
300
Ambient Temperature (Ta) [
°C]
Figure 4 Power Dissipation of Package


Similar Part No. - S-8520B27MC-ARMT2x

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-8520B18MC-ARD-T2 SII-S-8520B18MC-ARD-T2 Datasheet
2Mb / 34P
   PWM CONTROL & PWM/PFM CONTROL STEP-DOWN SWITCHING REGULATOR-CONTROLLERS
More results

Similar Description - S-8520B27MC-ARMT2x

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-8520 ABLIC-S-8520 Datasheet
612Kb / 44P
   STEP-DOWN, PWM CONTROL or PWM / PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
Rev.9.0_02
logo
Seiko Instruments Inc
S8540 SII-S8540 Datasheet
2Mb / 36P
   STEP-DOWN, 600 kHz PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S-8540 SII-S-8540 Datasheet
445Kb / 36P
   STEP-DOWN, 600 kHz PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S8340 SII-S8340 Datasheet
3Mb / 55P
   STEP-UP, 600 kHz, PWM CONTROL OR PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S-8365AAABA-M5T1Y2 SII-S-8365AAABA-M5T1Y2 Datasheet
3Mb / 63P
   PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S-8355K18MC-NADT2X SII-S-8355K18MC-NADT2X Datasheet
3Mb / 72P
   PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S8353 SII-S8353 Datasheet
2Mb / 49P
   STEP-UP, PWM CONTROL or PWM / PFM SWITCHABLE BUILT-IN TRANSISTOR SWITCHING REGULATOR
logo
ABLIC Inc.
S-8353 ABLIC-S-8353 Datasheet
567Kb / 49P
   STEP-UP, PWM CONTROL or PWM / PFM SWITCHABLE BUILT-IN TRANSISTOR SWITCHING REGULATOR
Rev.3.0_02
logo
Seiko Instruments Inc
S-8520 SII-S-8520 Datasheet
2Mb / 34P
   PWM CONTROL & PWM/PFM CONTROL STEP-DOWN SWITCHING REGULATOR-CONTROLLERS
S8355 SII-S8355 Datasheet
3Mb / 72P
   STEP-UP, SUPER-SMALL PACKAGE, 600 kHz, PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com