Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FA18X7R2A471KNU06 Datasheet(PDF) 1 Page - TDK Electronics

Part # FA18X7R2A471KNU06
Description  MLCC with Dipped Radial Lead
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

FA18X7R2A471KNU06 Datasheet(HTML) 1 Page - TDK Electronics

  FA18X7R2A471KNU06 Datasheet HTML 1Page - TDK Electronics FA18X7R2A471KNU06 Datasheet HTML 2Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MLCC with Dipped Radial Lead
1 of 2
Creation Date : September 06, 2017
(GMT)
FA18X7R2A471KNU06
Applications
Automotive Grade
Feature
Mid
Mid Voltage (100 to 630V)
Halogen-free
Halogen-free
AEC-Q200
AEC-Q200
Series
FA
Status
Production
Size
Length(L)
4.00mm Max.
Width(W)
5.50mm Max.
Thickness(T)
2.50mm Max.
Lead Gap(F)
2.50mm +0.50,-0.20mm
Lead Diameter(d)
0.50mm +0.10,-0.03mm
Electrical Characteristics
Capacitance
470pF ±10%
Rated Voltage
100VDC
Withstanding Voltage
250VDC
Temperature Characteristic
X7R(±15%)
Dissipation Factor (Max.)
3%
Insulation Resistance (Min.)
10000MΩ
Other
Soldering Method
Wave (Flow)
Iron Soldering
Lead Length / Package Type
Taping
AEC-Q200
Yes
Package Quantity
2000pcs
! Images are for reference only and show exemplary products.
! This PDF document was created based on the data listed on the TDK Corporation website.
! All specifications are subject to change without notice.
Copyright(c) TDK Corporation. All rights reserved.


Similar Part No. - FA18X7R2A471KNU06

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
FA18X7R2A471KNU00 TDK-FA18X7R2A471KNU00 Datasheet
137Kb / 2P
   MLCC with Dipped Radial Lead
More results

Similar Description - FA18X7R2A471KNU06

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
FA14C0G1H223JNU00 TDK-FA14C0G1H223JNU00 Datasheet
136Kb / 2P
   MLCC with Dipped Radial Lead
FA14C0G2A153JRU00 TDK-FA14C0G2A153JRU00 Datasheet
134Kb / 2P
   MLCC with Dipped Radial Lead
FA14X7R1H225KRU00 TDK-FA14X7R1H225KRU00 Datasheet
142Kb / 2P
   MLCC with Dipped Radial Lead
FA14X7R1H334KNU06 TDK-FA14X7R1H334KNU06 Datasheet
146Kb / 2P
   MLCC with Dipped Radial Lead
FA14X7S2A154KRU00 TDK-FA14X7S2A154KRU00 Datasheet
145Kb / 2P
   MLCC with Dipped Radial Lead
FA16C0G1H683JNU06 TDK-FA16C0G1H683JNU06 Datasheet
135Kb / 2P
   MLCC with Dipped Radial Lead
FA18C0G2A1R5CNU06 TDK-FA18C0G2A1R5CNU06 Datasheet
135Kb / 2P
   MLCC with Dipped Radial Lead
FA18C0G2A6R8DNU06 TDK-FA18C0G2A6R8DNU06 Datasheet
135Kb / 2P
   MLCC with Dipped Radial Lead
FA18C0G2A122JNU06 TDK-FA18C0G2A122JNU06 Datasheet
136Kb / 2P
   MLCC with Dipped Radial Lead
FA18C0G2A181JNU00 TDK-FA18C0G2A181JNU00 Datasheet
135Kb / 2P
   MLCC with Dipped Radial Lead
FA18C0G2A221JNU00 TDK-FA18C0G2A221JNU00 Datasheet
135Kb / 2P
   MLCC with Dipped Radial Lead
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com