Electronic Components Datasheet Search |
|
S-8520C32MC-BRRT2x Datasheet(PDF) 8 Page - Seiko Instruments Inc |
|
S-8520C32MC-BRRT2x Datasheet(HTML) 8 Page - Seiko Instruments Inc |
8 / 44 page STEP-DOWN, PWM CONTROL or PWM / PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER S-8520/8521 Series Rev.9.0_01 8 Absolute Maximum Ratings Table 4 (Ta = +25°C unless otherwise specified) Item Symbol Absolute maximum rating Unit VIN pin voltage A, C, E types VIN VSS − 0.3 to VSS + 12.0 V B, D, F types VSS − 0.3 to VSS + 18.0 V VOUT pin voltage A, C, E types VOUT VSS − 0.3 to VSS + 12.0 V B, D, F types VSS − 0.3 to VSS + 18.0 V ON/OFF ______ pin voltage A, C, E types VON/OFF ______ VSS − 0.3 to VSS + 12.0 V B, D, F types VSS − 0.3 to VSS + 18.0 V EXT pin voltage VEXT VSS − 0.3 to VIN + 0.3 V EXT pin current IEXT ±50 mA Power dissipation PD 250 (When not mounted on board) mW 600*1 mW Operating ambient temperature Topr −40 to +85 °C Storage temperature Tstg −40 to +125 °C *1. When mounted on board [Mounted board] (1) Board size : 114.3 mm × 76.2 mm × t1.6 mm (2) Board name : JEDEC STANDARD51-7 Caution The absolute maximum ratings are rated values exceeding which the product could suffer physical damage. These values must therefore not be exceeded under any conditions. (1) When mounted on board (2) When not mounted on board 0 50 100 150 400 200 0 500 300 100 600 700 Ambient Temperature (Ta) [ °C] 0 50 100 150 200 100 0 250 150 50 300 Ambient Temperature (Ta) [ °C] Figure 4 Power Dissipation of Package |
Similar Part No. - S-8520C32MC-BRRT2x |
|
Similar Description - S-8520C32MC-BRRT2x |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |