Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A1015 Datasheet(PDF) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

Part # A1015
Description  TO-92 Plastic-Encapsulate Transistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Direct Link  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

A1015 Datasheet(HTML) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  A1015 Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd A1015 Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd A1015 Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd A1015 Datasheet HTML 4Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
www.cj-elec.com
1
A,Jun,2014
www.cj-elec.com
F,Dec,2015
JIANGSU CHANGJIANG ELECTRONICS TECHNOLOGY CO.,LTD
TO-92 Plastic-Encapsulate Transistors
A1015 TRANSISTOR (PNP)
FEATURES
Power dissipation
MAXIMUM RATINGS (Ta=25
℃ unless otherwise noted)
Symbol
Parameter
Value
Unit
VCBO
Collector-Base Voltage
-50
V
VCEO
Collector-Emitter Voltage
-50
V
VEBO
Emitter-Base Voltage
-5
V
IC
Collector Current -Continuous
-150
mA
PD
Collector Power Dissipation
400
mW
Tj
Junction Temperature
1
50
Tstg
Storage Temperature
-55
~+150
ELECTRICAL CHARACTERISTICS (Ta=25
℃ unless otherwise specified)
Parameter
Symbol
Test conditions
Min
Typ
Max
Unit
Collector-base breakdown voltage
V(BR)CBO
IC= -100μA, IE=0
-50
V
Collector-emitter breakdown voltage
V(BR)CEO
IC= -0.1mA, IB=0
-50
V
Emitter-base breakdown voltage
V(BR)EBO
IE= -100μA, IC=0
-5
V
Collector cut-off current
ICBO
VCB= -50V,IE=0
-0.1
μA
Collector cut-off current
ICEO
VCE= -50V, IB=0
-0.1
μA
Emitter cut-off current
IEBO
VEB= -5V, IC=0
-0.1
μA
DC current gain
hFE
VCE= -6V, IC= -2mA
70
400
Collector-emitter saturation voltage
VCE(sat)
IC= -100mA, IB= -10mA
-0.3
V
Base-emitter saturation voltage
VBE(sat)
IC= -100mA, IB= -10mA
-1.1
V
Transition frequency
fT
VCE= -10 V, IC= -1mA
f =30MHz
80
MHz
Collector utput apacitance
Cob
VCB=-10V,IE=0,f=1MH
z
7
pF
Noise igure
NF
VCE= -6 V, IC= -0.1mA,
f =1
kHz,RG=10kΩ
6
dB
CLASSIFICATIONOFhFE
Rank
O
Y
GR
Range
70-140
120-240
200-400
TO-92
1.EMITTER
2.COLLECTOR
3.BASE
RθJA
Thermal Resistance
from Junction to
Ambient
312
℃/W


Similar Part No. - A1015

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
A1015 PANASONIC-A1015 Datasheet
48Kb / 2P
   Photo Interrupters
logo
MAKO SEMICONDUCTOR CO.,...
A1015 MAKOSEMI-A1015 Datasheet
123Kb / 2P
   High voltage and high current
logo
Toshiba Semiconductor
A1015 TOSHIBA-A1015 Datasheet
156Kb / 2P
   PNP EPITAXIAL TYPE(AUDIO FREQUENCY GENERAL PURPOSE AMPLIFIER, DRIVER STAGE AMPLIFIER)
logo
GUANGDONG HOTTECH INDUS...
A1015 HOTTECH-A1015 Datasheet
216Kb / 2P
   Plastic-Encapsulate Transistors
logo
Unisonic Technologies
A1015 UTC-A1015 Datasheet
62Kb / 2P
   PNP EPITAXIAL SILICON TRANSISTOR
More results

Similar Description - A1015

ManufacturerPart #DatasheetDescription
logo
Tiger Electronic Co.,Lt...
MCR100-6 TGS-MCR100-6 Datasheet
132Kb / 2P
   TO-92 Plastic-Encapsulate Transistors (TO-92)
logo
Avic Technology
AV42 AVICTEK-AV42 Datasheet
148Kb / 2P
   TO-92 Plastic-Encapsulate Transistors
AV1015 AVICTEK-AV1015 Datasheet
423Kb / 3P
   TO-92 Plastic-Encapsulate Transistors
AV1815 AVICTEK-AV1815 Datasheet
404Kb / 3P
   TO-92 Plastic-Encapsulate Transistors
AV4401 AVICTEK-AV4401 Datasheet
478Kb / 3P
   TO-92 Plastic-Encapsulate Transistors
logo
Jiangsu Changjiang Elec...
2SC2001 JIANGSU-2SC2001 Datasheet
802Kb / 5P
   TO-92 Plastic-Encapsulate Transistors
logo
Jiangsu High diode Semi...
S9014-TO-92 HDSEMI-S9014-TO-92 Datasheet
2Mb / 4P
   TO-92 Plastic-Encapsulate Transistors
logo
Jiangsu Changjiang Elec...
2SD1513 JIANGSU-2SD1513 Datasheet
422Kb / 3P
   TO-92 Plastic-Encapsulate Transistors
2SD1835 JIANGSU-2SD1835 Datasheet
1Mb / 4P
   TO-92 Plastic-Encapsulate Transistors
BC237 JIANGSU-BC237 Datasheet
1Mb / 4P
   TO-92 Plastic-Encapsulate Transistors
BC327 JIANGSU-BC327 Datasheet
534Kb / 4P
   TO-92 Plastic-Encapsulate Transistors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com