Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC558 Datasheet(PDF) 2 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

Part # BC558
Description  TO-92 Plastic-Encapsulate Transistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Direct Link  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

BC558 Datasheet(HTML) 2 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  BC558 Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd BC558 Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd BC558 Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd BC558 Datasheet HTML 4Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www
.cj-elec.com

(Aug
(/(&75,&$/&+$5$&7(5,67,&6
a
T =25
unless otherwise specified
Parameter
Symbol
Test
conditions
Min
Typ
Max
Unit
BC556
-80
BC557
-50
Collector-base
breakdown voltage
BC558
V(BR)CBO
IC= -0.1mA,IE=0
-30
V
BC556
-65
BC557
-45
Collector-emitter
breakdown voltage
BC558
V(BR)CEO
IC=-2mA,IB=0
-30
V
Emitter-base breakdown voltage
V(BR)EBO
IE=-100μA,IC=0
-5
V
BC556
VCB=-70V,IE=0
-0.1
μA
BC557
VCB=-45V,IE=0
-0.1
μA
Collector cut-off current
BC558
ICBO
VCB=-25V,IE=0
-0.1
μA
BC556
VCE=-60V,IB=0
-0.1
μA
BC557
VCE=-40V,IB=0
-0.1
μA
Collector cut-off current
BC558
ICEO
VCE=-25V,IB=0
-0.1
μA
Emitter cut-off current
IEBO
VEB=-5V,IC=0
-0.1
μA
DC current gain
hFE
*
VCE=-5V, IC=-2mA
120
800
IC=-10mA,IB=-0.5mA
-0.3
V
Collector-emitter saturation voltage
VCE(sat)
IC=-100mA,IB=-5mA
-0.65
V
IC=-10mA,IB=-0.5mA
-0.8
V
Base-emitter saturation voltage
VBE(sat)
IC=-100mA,IB=-5mA
-1
V
VCE=-5V, IC=-2mA
-0.55
-0.7
V
Base-emitter voltage
VBE
VCE=-5V, IC=-10mA
-0.82
V
Collector output capacitance
Cob
VCB=-10V,IE=0, f=1MHz
6
pF
BC556
150
MHz
BC557
150
MHz
Transition frequency
BC558
fT
VCE=-5V,IC=-10mA, f=
100MHz
150
MHz
CLASSIFICATION of hFE
RANK
A
B
C
RANGE
120-220
180-460
420-800


Similar Part No. - BC558

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BC558 ETC2-BC558 Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
Semtech Corporation
BC558 SEMTECH-BC558 Datasheet
370Kb / 5P
   PNP Silicon Epitaxial Planar Transistor for switching and AF applications???
logo
Unisonic Technologies
BC558 UTC-BC558 Datasheet
108Kb / 4P
   SWITCHING AND AMPLIFIER APPLICATIONS
logo
Fairchild Semiconductor
BC558 FAIRCHILD-BC558 Datasheet
142Kb / 6P
   PNP Epitaxial Silicon Transistor
logo
List of Unclassifed Man...
BC558 ETC-BC558 Datasheet
106Kb / 2P
   PNP Epitaxial Silicon Transistor
More results

Similar Description - BC558

ManufacturerPart #DatasheetDescription
logo
Tiger Electronic Co.,Lt...
MCR100-6 TGS-MCR100-6 Datasheet
132Kb / 2P
   TO-92 Plastic-Encapsulate Transistors (TO-92)
logo
Avic Technology
AV42 AVICTEK-AV42 Datasheet
148Kb / 2P
   TO-92 Plastic-Encapsulate Transistors
AV1015 AVICTEK-AV1015 Datasheet
423Kb / 3P
   TO-92 Plastic-Encapsulate Transistors
AV1815 AVICTEK-AV1815 Datasheet
404Kb / 3P
   TO-92 Plastic-Encapsulate Transistors
AV4401 AVICTEK-AV4401 Datasheet
478Kb / 3P
   TO-92 Plastic-Encapsulate Transistors
logo
Jiangsu Changjiang Elec...
2SC2001 JIANGSU-2SC2001 Datasheet
802Kb / 5P
   TO-92 Plastic-Encapsulate Transistors
logo
Jiangsu High diode Semi...
S9014-TO-92 HDSEMI-S9014-TO-92 Datasheet
2Mb / 4P
   TO-92 Plastic-Encapsulate Transistors
logo
Jiangsu Changjiang Elec...
2SD1513 JIANGSU-2SD1513 Datasheet
422Kb / 3P
   TO-92 Plastic-Encapsulate Transistors
2SD1835 JIANGSU-2SD1835 Datasheet
1Mb / 4P
   TO-92 Plastic-Encapsulate Transistors
BC237 JIANGSU-BC237 Datasheet
1Mb / 4P
   TO-92 Plastic-Encapsulate Transistors
BC327 JIANGSU-BC327 Datasheet
534Kb / 4P
   TO-92 Plastic-Encapsulate Transistors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com