Electronic Components Datasheet Search |
|
EBLP1317MYG-D Datasheet(PDF) 3 Page - DDK Ltd. |
|
EBLP1317MYG-D Datasheet(HTML) 3 Page - DDK Ltd. |
3 / 6 page http://www.ddknet.co.jp EB Series 3 ◎ Specifications and/or dimensions in this catalog are subject to change without notice. ◎ Your checking the latest specifications with our drawings would be highly appreciated. Unit:mm ○ EBSP(Straight Plug) ○ EBLP(Angle Plug) Shell Size A max. B max. C±0.5 D±0.5 E±1 H 13 51.6 71.6 23.5 8.2 25.5 12.7 16 53.6 73.6 27.49.2 29.5 16.3 21 55.6 75.6 31.6 12.2 33.5 20.5 25 57.6 77.6 34.8 15.0 37.4 24.0 0 -0.3 Shell Size A max. B max. C±0.5 D±0.5 E±1 H 13 55.5 63.1 43.1 8.2 25.5 12.7 16 60.0 67.1 47.1 9.2 29.5 16.3 21 63.8 71.1 51.1 12.2 33.5 20.5 25 68.0 74.7 54.7 15.0 37.4 24.0 0 -0.3 (B) (A) 11.2 (A) φ D 11.2 EBSP2524M □ G-D ①② ③ ④ ⑤ ⑥ ⑦ ① Connector Style SP:Straight Plug ② Shell Size 13, 16, 21 and 25 ③ Number of Contacts 03, 07, 10, 16, 19, 24 and 32 ④ Contact Style M : Male Contact(Pin) F : Female Contact(Socket) ⑤ Alternate Insert Position Omit : Standard Position X, Y, Z : Alternate Insert Position ⑥ Contact Plating Omit : Silver Plating (Standard) G : Gold Plating ⑦ Finish D:Black Trivalent Chromium Treatment EBLP2524M □ G-D ①② ③ ④ ⑤ ⑥ ⑦ ① Connector Style LP:Angle Plug ② Shell Size 13, 16, 21 and 25 ③ Number of Contacts 03, 07, 10, 16, 19, 24 and 32 ④ Contact Style M : Male Contact(Pin) F : Female Contact(Socket) ⑤ Alternate Insert Position Omit : Standard Position X, Y, Z : Alternate Insert Position ⑥ Contact Plating Omit : Silver Plating (Standard) G : Gold Plating ⑦ Finish D:Black Trivalent Chromium Treatment |
Similar Part No. - EBLP1317MYG-D |
|
Similar Description - EBLP1317MYG-D |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |