Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BL081 Datasheet(PDF) 1 Page - BeRex Corporation

Part # BL081
Description  5-4000 MHz Wideband Low Noise Amplifier
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation

BL081 Datasheet(HTML) 1 Page - BeRex Corporation

  BL081 Datasheet HTML 1Page - BeRex Corporation BL081 Datasheet HTML 2Page - BeRex Corporation BL081 Datasheet HTML 3Page - BeRex Corporation BL081 Datasheet HTML 4Page - BeRex Corporation BL081 Datasheet HTML 5Page - BeRex Corporation BL081 Datasheet HTML 6Page - BeRex Corporation BL081 Datasheet HTML 7Page - BeRex Corporation BL081 Datasheet HTML 8Page - BeRex Corporation BL081 Datasheet HTML 9Page - BeRex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1
Rev. E
BeRex
●website: www.berex.com
●email: sales@berex.com
Specifications and information are subject to change and products may be discontinued without notice. BeRex is a trademark of BeRex.
All other trademarks are the property of their respective owners. © 2015 BeRex
5-4000 MHz Wideband Low Noise Amplifier
BL081
NF = 0.95 dB @ 900MHz at RF connectors of Demo board
Gain = 20.5 dB @ 900 MHz
OIP3 = 30.0 dBm @ 1900MHz
Output P1 dB = 17.5 dBm @ 900MHz
5V/27mA, MTTF > 100 Years, MSL 1, Class 0
Lead-free/RoHS-compliant SOT-89 SMT package
BeRex’s BL081 is a high performance LNA
based on GaAs material with E-pHEMT pro-
cess, packaged in a RoHS-compliant with SOT-
89 surface mount package. It is designed for
use where low noise and high linearity are re-
quired and features low noise and high OIP3
with low current at wideband frequency. It
requires a few external matching components.
All devices are 100% RF/DC tested and classi-
fied as HBM ESDS Class 0.
Product Description
Device Features
 Base station Infrastructure/RFID
 Commercial/Industrial/Military wireless system
Applications
Applications Circuit
1 Device performance _ measured on a BeRex evaluation board at 25°C, 50 Ω system.
2 OIP3 _ measured with two tones at an output of 5 dBm per tone separated by 1 MHz.
Typical Performance
1
Absolute Maximum Ratings
Parameter
Frequency
Unit
900
1900
2140
2450
3500
MHz
Gain
20.5
17.0
16.0
15.5
13.4
dB
S11
-20.0
-20.0
-20.0
-21.0
-18.3
dB
S22
-22.0
-17.0
-17.0
-17.0
-12.1
dB
OIP3
2
28.5
30.0
30.0
30.0
31.1
dBm
P1dB
17.5
17.5
17.5
17.5
18.5
dBm
Noise Figure
0.95
1.13
1.15
1.25
1.4
dB
Min.
Typical
Max.
Unit
Bandwidth
5
4000
MHz
IC @ (Vc = 5V)
15
27
35
mA
VC
5.0
V
RTH
63
°C/W
Parameter
Unit
Rating
Operating Case Temperature
°C
-40 to +85
Storage Temperature
°C
-55 to +155
Junction Temperature
°C
+220
Operating Voltage
V
+6.0
Supply Current
mA
160
Input RF Power
dBm
30
Operation of this device above any of these parameters may result in permanent damage.
*external matching circuit: refer to the page 4 to 12.
RF Choke
RF In
RF Out
Vcc
BL081
DC
Block
Bypass
DC
Block


Similar Part No. - BL081

ManufacturerPart #DatasheetDescription
logo
BeRex Corporation
BL081 BEREX-BL081 Datasheet
1Mb / 15P
   5-4000 MHz Wideband Low Noise Amplifier
BL081 BEREX-BL081 Datasheet
737Kb / 12P
   5-4000 MHz Wideband Low Noise Amplifier
BL081 BEREX-BL081 Datasheet
1Mb / 13P
   5-4000 MHz Wideband Low Noise Amplifier
BL081 BEREX-BL081_1 Datasheet
1Mb / 15P
   5-4000 MHz Wideband Low Noise Amplifier
BL081 BEREX-BL081_18 Datasheet
1Mb / 13P
   5-4000 MHz Wideband Low Noise Amplifier
More results

Similar Description - BL081

ManufacturerPart #DatasheetDescription
logo
BeRex Corporation
BL011 BEREX-BL011_1 Datasheet
1Mb / 16P
   5-4000 MHz Wideband Low Noise Amplifier
BL081 BEREX-BL081_1 Datasheet
1Mb / 15P
   5-4000 MHz Wideband Low Noise Amplifier
BL011 BEREX-BL011_18 Datasheet
1Mb / 16P
   5-4000 MHz Wideband Low Noise Amplifier
BL051 BEREX-BL051 Datasheet
720Kb / 13P
   5-4000 MHz Wideband Low Noise Amplifier
BL011 BEREX-BL011 Datasheet
727Kb / 13P
   5-4000 MHz Wideband Low Noise Amplifier
BL081 BEREX-BL081 Datasheet
737Kb / 12P
   5-4000 MHz Wideband Low Noise Amplifier
BL051 BEREX-BL051_1 Datasheet
1Mb / 16P
   5-4000 MHz Wideband Low Noise Amplifier
BL081 BEREX-BL081_18 Datasheet
1Mb / 13P
   5-4000 MHz Wideband Low Noise Amplifier
BL011 BEREX-BL011_14 Datasheet
1Mb / 16P
   5-4000 MHz Wideband Low Noise Amplifier
BL082 BEREX-BL082_18 Datasheet
1Mb / 26P
   5-4000 MHz Wideband Low Nosie Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com