Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LH1546AEFTR Datasheet(PDF) 1 Page - Vishay Siliconix

Part # LH1546AEFTR
Description  1 Form A Solid-State Relay
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

LH1546AEFTR Datasheet(HTML) 1 Page - Vishay Siliconix

  LH1546AEFTR Datasheet HTML 1Page - Vishay Siliconix LH1546AEFTR Datasheet HTML 2Page - Vishay Siliconix LH1546AEFTR Datasheet HTML 3Page - Vishay Siliconix LH1546AEFTR Datasheet HTML 4Page - Vishay Siliconix LH1546AEFTR Datasheet HTML 5Page - Vishay Siliconix LH1546AEFTR Datasheet HTML 6Page - Vishay Siliconix LH1546AEFTR Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
LH1546AEF, LH1546AEFTR
www.vishay.com
Vishay Semiconductors
Rev. 1.9, 16-Aug-12
1
Document Number: 83837
For technical questions, contact: optocoupleranswers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
1 Form A Solid-State Relay
DESCRIPTION
The LH1546AEF (4 pin SOP) is robust, ideal for telecom and
ground fault applications. It is an SPST normally open
switch (1 form A) that replaces electromechanical relays in
many applications. It is constructed using a GaAs LED for
actuation control and MOSFETs for the switch output. In
addition, it employs current-limiting circuitry which meets
lightning surge testing as per ANSI/TIA-968-B and other
regulatory voltage surge requirements when overvoltage
protection is provided.
FEATURES
• Current limit protection
• Isolation test voltage 3750 VRMS
• Typical RON 28
Ω
• Load voltage 350 V
• Load current 120 mA
• High surge capability
• Clean bounce free switching
• Low power consumption
• SMD lead available on tape and reel
• Equivalent to CPC1035N
• Material categorization: For definitions of compliance
please see www.vishay.com/doc?99912
APPLICATIONS
• General telecom switching
- On/off hook control
- Ring relay
- Dial pulse
- Ground start
- Ground fault protection
• Instrumentation
• Industrial controls
Note
• See “solid-state relays” (application note 56)
AGENCY APPROVALS
• UL1577, file no. E52744 system code O
• BSI/BABT certification no. 8500 issue 2
18221-1
1
2
A
K
4
3
S
S1
SS'
22624
ORDERING INFORMATION
L
H
1546
A
#
#
T
#
PART NUMBER
ELECTR.
VARIATION
PACKAGE
CONFIG.
TAPE AND
REEL
PACKAGE
UL, BSI
SOP-4, tape and reel (T2 rotation)
LH1546AEFT2
SOP-4, tape and reel
LH1546AEFTR
SOP-4, tubes
LH1546AEF
SOP-#
7.21 mm


Similar Part No. - LH1546AEFTR

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LH1546AEFTR VISHAY-LH1546AEFTR Datasheet
104Kb / 6P
   1 Form A Solid-State Relay
Rev. 1.8, 25-Jul-11
LH1546AEFTR VISHAY-LH1546AEFTR Datasheet
146Kb / 9P
   1 Form A Solid-State Relay (Normally Open)
Rev. 2.1, 29-Sep-2020
LH1546AEFTR VISHAY-LH1546AEFTR Datasheet
146Kb / 9P
   1 Form A Solid-State Relay (Normally Open)
01-Jan-2022
LH1546AEFTR VISHAY-LH1546AEFTR Datasheet
146Kb / 9P
   1 Form A Solid-State Relay (Normally Open)
01-Jan-2023
More results

Similar Description - LH1546AEFTR

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VOR1142B6 VISHAY-VOR1142B6 Datasheet
155Kb / 9P
   1 Form A Solid-State Relay
Rev. 1.1, 17-Nov-15
LH1540AAB VISHAY-LH1540AAB Datasheet
210Kb / 9P
   1 Form A Solid State Relay
Rev. 1.4, 26-Oct-04
logo
Solid State Optronic
AD8C250 SSOUSA-AD8C250 Datasheet
165Kb / 4P
   1 Form A Solid State Relay
S111 SSOUSA-S111 Datasheet
228Kb / 5P
   1 Form A Solid State Relay
SP540-X SSOUSA-SP540-X Datasheet
166Kb / 5P
   1 Form A Solid State Relay
logo
Vishay Siliconix
LH1540AAB VISHAY-LH1540AAB_11 Datasheet
158Kb / 8P
   1 Form A Solid-State Relay
Rev. 1.9, 25-Jul-11
VO14642AT VISHAY-VO14642AT_V02 Datasheet
185Kb / 10P
   1 Form A Solid-State Relay
01-Jan-2023
VOR1142B4 VISHAY-VOR1142B4_V01 Datasheet
120Kb / 8P
   1 Form A Solid-State Relay
01-Jan-2022
LH1500AAB VISHAY-LH1500AAB Datasheet
179Kb / 9P
   1 Form A Solid State Relay
Rev. 1.5, 26-Oct-04
logo
Solid State Optronic
S742-X SSOUSA-S742-X Datasheet
167Kb / 4P
   1 Form A Solid State Relay
AD8C111-L SSOUSA-AD8C111-L Datasheet
165Kb / 4P
   1 Form A Solid State Relay
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com