Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZK2000-002-31 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # ZK2000-002-31
Description  Fully interchangeable with COTS systems
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ZK2000-002-31 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  ZK2000-002-31 Datasheet HTML 1Page - List of Unclassifed Manufacturers ZK2000-002-31 Datasheet HTML 2Page - List of Unclassifed Manufacturers ZK2000-002-31 Datasheet HTML 3Page - List of Unclassifed Manufacturers ZK2000-002-31 Datasheet HTML 4Page - List of Unclassifed Manufacturers ZK2000-002-31 Datasheet HTML 5Page - List of Unclassifed Manufacturers ZK2000-002-31 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
cPCI SERIES
cPCI CONNECTOR SERIES
FEATURES
Rugged implementation of the Compact PCI Standard
Fully interchangeable with COTS systems
Reverse gender of commercial 2 mm products
Physical hole pattern in accordance with cPCI PICMG 2.0
Contact identification in accordance with IEC 1076-4 101
Reliable Hypertac® contact technology
Hi-Rel and NASA GSFC qualified versions
Only cPCI approved by NASA
LCP insulator meets NASA outgassing requirements
Press-Fit available for receptacle assembly (consult factory)
Available keying feature
Qualification testing
cPCI Series meets applicable performance requirements
of MIL-DTL-55302, EEE-INST-002, GEVS-SE Rev. A and
NASA GSFC S-311-P822 specifications
BENEFITS
Meets cPCI mechanical footprint and electrical
performance specifications
Modular design for standard 3U/6U configurations
Highly optimized connector design for high speed data
rates, impedance matching and minimal losses
Durability
Field proven immunity to shock and vibration
Hyperboloid contact enables 360° self-wiping action
Resistant to fretting corrosion
EMI/RFI shielding
Superior lead traces provide excellent performance in
high speed signal applications
Compatible with standard reflow soldering processes
Delivers the high reliability essential in military/
aerospace applications
Smiths Connectors’ ruggedized 2 mm cPCI Series addresses the market need for a
high reliability connector solution which meets the mechanical footprint and electrical
performance of the Compact PCI specification. Highly optimized for durability and high
speed performance, the cPCI connectors utilize the superior Hypertac hyperboloid
contact technology. The 0.4 mm Hypertac contacts in the backplane provide a
current rating of 1 A and data rate performance up to 3.125 Gbps with less
than 8 mΩ contact resistance. This combined with optimized lead traces
provides exception performance in high speed signal applications.
Our connectors have completed and exceeded rigorous testing from
NASA for extreme environmental conditions, including thermal
excursions, corrosive atmospheres, excessive shock and vibration
and contact engagement/separation cycling. As a result, NASA
released specification S-311-P-822 naming Smiths Connectors |
Hypertac’s 2 mm cPCI as the mandated Compact PCI connector
in all NASA space flights.
The 2 mm cPCI Series are the high reliability connectors essential
in any mission critical applications that are fully interchangeable with
Compact PCI COTS systems and IEC 1076-4-101 compliant.


Similar Part No. - ZK2000-002-31

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
ZK2000A LUGUANG-ZK2000A Datasheet
2Mb / 1P
   FAST RECOVERY DIODES
More results

Similar Description - ZK2000-002-31

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
HP4-AC220V PANASONIC-HP4-AC220V Datasheet
312Kb / 11P
   Interchangeable with existing models
logo
Phihong USA Inc.
PSC03R-050 PHIHONG-PSC03R-050 Datasheet
93Kb / 2P
   2.5W USB Adapter with Interchangeable Plugs
PSB05R-050Q PHIHONG-PSB05R-050Q Datasheet
129Kb / 2P
   5W USB Adapter with Interchangeable Plugs
PMA36R-120PHW PHIHONG-PMA36R-120PHW Datasheet
151Kb / 3P
   36W Medical Grade Adapter with Interchangeable Plugs
logo
E+E Elektronik Ges.m.b....
EE07 EPLUSE-EE07 Datasheet
572Kb / 3P
   Interchangeable Humidity / Temperature Probes with Digital Output
v2.6
EE220 EPLUSE-EE220 Datasheet
3Mb / 10P
   Humidity and Temperature Sensor with Interchangeable Probes
01-2024
logo
Phihong USA Inc.
PMA10R-050AW PHIHONG-PMA10R-050AW Datasheet
125Kb / 3P
   10W Medical Grade Adapter with Interchangeable Plugs
logo
FSP TECHNOLOGY INC.
FSP015-RBMM FSP-FSP015-RBMM Datasheet
84Kb / 1P
   Interchangeable AC plugs
FSP015-RADM-NP FSP-FSP015-RADM-NP Datasheet
83Kb / 1P
   Interchangeable AC plugs
FSP030-RDAMF FSP-FSP030-RDAMF Datasheet
133Kb / 1P
   Interchangeable AC plugs
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com