Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VCA2618YR Datasheet(PDF) 7 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # VCA2618YR
Description  Dual, VARIABLE GAIN AMPLIFIER with Input Buffer
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

VCA2618YR Datasheet(HTML) 7 Page - Burr-Brown (TI)

Back Button VCA2618YR Datasheet HTML 3Page - Burr-Brown (TI) VCA2618YR Datasheet HTML 4Page - Burr-Brown (TI) VCA2618YR Datasheet HTML 5Page - Burr-Brown (TI) VCA2618YR Datasheet HTML 6Page - Burr-Brown (TI) VCA2618YR Datasheet HTML 7Page - Burr-Brown (TI) VCA2618YR Datasheet HTML 8Page - Burr-Brown (TI) VCA2618YR Datasheet HTML 9Page - Burr-Brown (TI) VCA2618YR Datasheet HTML 10Page - Burr-Brown (TI) VCA2618YR Datasheet HTML 11Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
VCA2618
7
SBOS254B
www.ti.com
TYPICAL CHARACTERISTICS (Cont.)
At TA = +25°C, VDD = 5V, load resistance = 500Ω on each output to ground, differential output (2VPP) MGS = 111, and fIN = 5MHz, unless otherwise noted.
CROSS TALK vs FREQUENCY
(Differential, 2Vp-p, MGS = 011)
Frequency (MHz)
1
6
11
16
21
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
VCA
CNTRL = 1.5V
VCA
CNTRL = 0V
VCA
CNTRL = 3.0V
HARMONIC DISTORTION vs VCA
CNTL
(Single-Ended, 1Vp-p)
VCA
CNTL (V)
0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 2.2 2.4 2.6 2.8 3.0
0
–5
–10
–15
–20
–25
–30
–35
–40
–45
–50
–55
–60
–65
–70
–75
MGS = 001, H2
MGS = 011, H2
MGS = 111, H2
MGS = 001, H3
MGS = 011, H3
MGS = 111, H3
HARMONIC DISTORTION vs VCA
CNTL
(Differential, 2Vp-p)
VCA
CNTL (V)
0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 2.2 2.4 2.6 2.8 3.0
0
–5
–10
–15
–20
–25
–30
–35
–40
–45
–50
–55
–60
–65
–70
–75
–80
MGS = 001, H2
MGS = 011, H2
MGS = 111, H2
MGS = 001, H3
MGS = 011, H3
MGS = 111, H3
HARMONIC DISTORTION vs FREQUENCY
(Single-Ended, 1Vp-p, MGS = 111)
Frequency (Hz)
100k
1M
10M
–30
–35
–40
–45
–50
–55
–60
–65
–70
–75
–80
–85
–90
VCACNTL = 0.2V, H2
VCACNTL = 0.2V, H3
VCACNTL = 3.0V, H2
VCACNTL = 3.0V, H3
INTERMODULATION DISTORTION
(Single-Ended, 1Vp-p, f
IN = 10MHz, VCACNTL = 3.0V)
Frequency (MHz)
10.1
10.0
10.2 10.3 10.4 10.5
9.9
9.8
9.7
9.6
9.5
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
INTERMODULATION DISTORTION
(Differential, 2Vp-p, f
IN = 10MHz, VCACNTL = 3.0V)
Frequency (MHz)
9.8
9.6
9.5
9.7
9.9
10
10.2
10.1
10.3
10.5
10.4
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100


Similar Part No. - VCA2618YR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
VCA2618 TI1-VCA2618 Datasheet
934Kb / 30P
[Old version datasheet]   High Gain Adjust Range, Wideband, VARIABLE GAIN AMPLIFIER
More results

Similar Description - VCA2618YR

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
VCA2614 BURR-BROWN-VCA2614 Datasheet
290Kb / 13P
   Dual, VARIABLE GAIN AMPLIFIER with Input Buffer
VCA2619 BURR-BROWN-VCA2619 Datasheet
315Kb / 16P
   Dual, Variable Gain Amplifier with Input Buffer
logo
Texas Instruments
VCA2619 TI1-VCA2619 Datasheet
732Kb / 19P
[Old version datasheet]   Dual, Variable Gain Amplifier with Input Buffer
logo
Burr-Brown (TI)
VCA2617 BURR-BROWN-VCA2617 Datasheet
526Kb / 19P
   Dual, Variable Gain Amplifier
logo
TEXAS ADVANCED OPTOELEC...
VCA2616 TAOS-VCA2616 Datasheet
1Mb / 23P
   Dual, Variable-Gain Amplifier with Low-Noise Preamp
logo
Texas Instruments
VCA2613 TI1-VCA2613 Datasheet
775Kb / 20P
[Old version datasheet]   Dual, VARIABLE GAIN AMPLIFIER with Low-Noise Preamp
VCA2612 TI1-VCA2612_14 Datasheet
1Mb / 25P
[Old version datasheet]   Dual, VARIABLE GAIN AMPLIFIER with Low Noise Preamp
logo
Burr-Brown (TI)
VCA2611 BURR-BROWN-VCA2611 Datasheet
389Kb / 19P
   Dual, Variable-Gain Amplifier with Low-Noise Preamp
VCA2613 BURR-BROWN-VCA2613 Datasheet
343Kb / 16P
   Dual, VARIABLE GAIN AMPLIFIER with Low-Noise Preamp
logo
Texas Instruments
VCA2615 TI-VCA2615 Datasheet
744Kb / 29P
[Old version datasheet]   Dual, Low-Noise Variable-Gain Amplifier with Preamp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com