Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP1K10 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # EP1K10
Description  Programmable Logic Device Family
Download  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

EP1K10 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button EP1K10 Datasheet HTML 7Page - List of Unclassifed Manufacturers EP1K10 Datasheet HTML 8Page - List of Unclassifed Manufacturers EP1K10 Datasheet HTML 9Page - List of Unclassifed Manufacturers EP1K10 Datasheet HTML 10Page - List of Unclassifed Manufacturers EP1K10 Datasheet HTML 11Page - List of Unclassifed Manufacturers EP1K10 Datasheet HTML 12Page - List of Unclassifed Manufacturers EP1K10 Datasheet HTML 13Page - List of Unclassifed Manufacturers EP1K10 Datasheet HTML 14Page - List of Unclassifed Manufacturers EP1K10 Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 86 page
background image
Altera Corporation
11
ACEX 1K Programmable Logic Device Family Data Sheet
13
Figure 3. ACEX 1K EAB in Dual-Port RAM Mode
Figure 4. ACEX 1K Device in Single-Port RAM Mode
Note:
(1)
EP1K10, EP1K30, and EP1K50 devices have 88 EAB local interconnect channels; EP1K100 devices have 104 EAB
local interconnect channels.
Port A
Port B
address_a[]
address_b[]
data_a[]
data_b[]
we_a
we_b
clkena_a
clkena_b
Clock A
Clock B
Column Interconnect
EAB Local
Interconnect (1)
Dedicated Inputs
& Global Signals
DQ
DQ
RAM/ROM
256
× 16
512
× 8
1,024
× 4
2,048
× 2
Data In
Address
Write Enable
Data Out
4, 8, 16, 32
4, 8, 16, 32
DQ
DQ
4
8, 4, 2, 1
8, 9, 10, 11
Row Interconnect
Dedicated
Clocks
2
4, 8
Chip-Wide
Reset


Similar Part No. - EP1K10

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP1K10 ALTERA-EP1K10 Datasheet
456Kb / 34P
   1. Enhanced Configuration Devices (EPC4, EPC8, and EPC16) Data Sheet
EP1K10 ALTERA-EP1K10 Datasheet
633Kb / 36P
   Enhanced Configuration (EPC) Devices Datasheet
EP1K10 ALTERA-EP1K10 Datasheet
621Kb / 36P
   This datasheet describes enhanced configuration (EPC) devices
EP1K10 ALTERA-EP1K10 Datasheet
1Mb / 86P
   Programmable Logic Device Family
EP1K10 ALTERA-EP1K10 Datasheet
1Mb / 86P
   Programmable Logic Device Family
More results

Similar Description - EP1K10

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP20K400EFI672-2X ALTERA-EP20K400EFI672-2X Datasheet
724Kb / 117P
   Programmable Logic Device Family
EPM7128SLC84-15 ALTERA-EPM7128SLC84-15 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM7128STC100-15N ALTERA-EPM7128STC100-15N Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM3064ATC44-10N ALTERA-EPM3064ATC44-10N Datasheet
715Kb / 46P
   Programmable Logic Device Family
EP1K30TC144-3N ALTERA-EP1K30TC144-3N Datasheet
1Mb / 86P
   Programmable Logic Device Family
EPM7192SQI160-10N ALTERA-EPM7192SQI160-10N Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM7160STI100-10 ALTERA-EPM7160STI100-10 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPF8282ALC84-4 ALTERA-EPF8282ALC84-4 Datasheet
957Kb / 62P
   Programmable Logic Device Family
EPM5064JC-1 ALTERA-EPM5064JC-1 Datasheet
831Kb / 36P
   Programmable Logic Device Family
EPM7032LC44-7 ALTERA-EPM7032LC44-7 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EP1K10TC144-2N ALTERA-EP1K10TC144-2N Datasheet
1Mb / 86P
   Programmable Logic Device Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com