Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMCRB1A476MTR Datasheet(PDF) 1 Page - Hitachi Semiconductor

Part # TMCRB1A476MTR
Description  Low ESR Tantalum Chip Capacitors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

TMCRB1A476MTR Datasheet(HTML) 1 Page - Hitachi Semiconductor

  TMCRB1A476MTR Datasheet HTML 1Page - Hitachi Semiconductor TMCRB1A476MTR Datasheet HTML 2Page - Hitachi Semiconductor TMCRB1A476MTR Datasheet HTML 3Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
177
TANTALUM CAPACITORS
AIC
HITACHI AIC / BOSTON AIC • 69 Milk Street • Westborough, MA 01581 • Phone: 508-366-4092 • Fax: 508-366-9164
TMCR Series
•Low ESR Tantalum Chip Capacitors
The TMCR Series offers ultra low ESR for tantalum chip
capacitors. They are suitable for hight frequency
applications such as high speed PC, Switching
Regulators, DC/DC converters, and similar product
designs.
Jan
n
A
N
a
Feb
p
B
P
b
Mar
q
C
Q
c
Sep
w
J
W
j
Aug
v
H
V
h
Jul
u
G
U
g
Jun
t
F
T
f
May
s
E
S
e
Apr
r
D
R
d
Dec
n
M
Z
m
Nov
n
L
Y
l
Oct
n
K
X
k
Month
Year
2000
2001
2002
2003
Tantalum Capacitor Date Code Table
B Case
C, E Case
Simplified code of rated voltage (G: 4V)
+
Note: The simplified code is subject to JIS C 5143 10.1.2.
GA7a
Anode Indication belt mark
Date Code
(for manufacturing in January, 2003)
15
16a
Nominal capacitance value (15
µF)
Anode Indication belt mark
Date Code
(for manufacturing in January, 2003)
+
Rated voltage (16V)
TMCR Product Markings
Outline Drawings and Dimensions
Anode Indication belt mark
For Specifications see Table on Page 153.
TMCR Case Code Table
Case
Code
B
C
E
L ±
0.2
3.5
5.8
7.3
Dimensions
W ±
0.2
2.8
3.2
4.3 ±
0.3
H
MAX
1.9
2.5
2.8
l
±0.3
0.8
1.3
1.3
a ±
0.2
2.2
2.2
2.4
Simplified code of nominal capacitance (A7: 10
µF)
1


Similar Part No. - TMCRB1A476MTR

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TMCRB1A106TRF VISHAY-TMCRB1A106TRF Datasheet
260Kb / 13P
   Solid Tantalum Surface Mount Chip Capacitors, Molded Case, Low ESR
Revision: 26-Oct-17
TMCRB1A156TRF VISHAY-TMCRB1A156TRF Datasheet
260Kb / 13P
   Solid Tantalum Surface Mount Chip Capacitors, Molded Case, Low ESR
Revision: 26-Oct-17
More results

Similar Description - TMCRB1A476MTR

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NTCL NIC-NTCL Datasheet
83Kb / 3P
   Low ESR Tantalum Chip Capacitors
NTC-L NIC-NTC-L Datasheet
83Kb / 3P
   Low ESR Tantalum Chip Capacitors
logo
Dubilier
SHJL DUBILIER-SHJL Datasheet
262Kb / 3P
   TANTALUM CHIP - LOW ESR
logo
Vishay Siliconix
TR8 VISHAY-TR8 Datasheet
138Kb / 9P
   Solid Tantalum Chip Capacitors MICROTANTM Low ESR, Leadframeless Molded
Revision: 09-Aug-11
logo
Cornell Dubilier Electr...
T495D686K006AS CDE-T495D686K006AS Datasheet
251Kb / 3P
   Low ESR, High Ripple Current, Solid Tantalum Chip Capacitors
logo
Kemet Corporation
T494T336M004AT KEMET-T494T336M004AT_16 Datasheet
1Mb / 22P
   Tantalum Surface Mount Capacitors ??Low ESR
T495X107M010ATE045 KEMET-T495X107M010ATE045 Datasheet
1Mb / 29P
   Tantalum Surface Mount Capacitors ??Low ESR
T495X107M010ATE045 KEMET-T495X107M010ATE045_17 Datasheet
1Mb / 28P
   Tantalum Surface Mount Capacitors ??Low ESR
logo
Suntan Capacitors
TS20L SUNTAN-TS20L_17 Datasheet
388Kb / 3P
   CHIP TANTALUM CAPACITOR LOW ESR - SMD
logo
Kingtronics Internation...
EKT KINGTRONICS-EKT Datasheet
184Kb / 4P
   Chip Tantalum Capacitor Low ESR. SMD
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com