Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S-24C04D Datasheet(PDF) 8 Page - Seiko Instruments Inc

Part # S-24C04D
Description  2-WIRE SERIAL E2PROM
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-24C04D Datasheet(HTML) 8 Page - Seiko Instruments Inc

Back Button S-24C04D Datasheet HTML 4Page - Seiko Instruments Inc S-24C04D Datasheet HTML 5Page - Seiko Instruments Inc S-24C04D Datasheet HTML 6Page - Seiko Instruments Inc S-24C04D Datasheet HTML 7Page - Seiko Instruments Inc S-24C04D Datasheet HTML 8Page - Seiko Instruments Inc S-24C04D Datasheet HTML 9Page - Seiko Instruments Inc S-24C04D Datasheet HTML 10Page - Seiko Instruments Inc S-24C04D Datasheet HTML 11Page - Seiko Instruments Inc S-24C04D Datasheet HTML 12Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 47 page
background image
2-WIRE SERIAL E2PROM
S-24C02D/04D/08D16D
Rev.3.0_01_U
8
AC Electrical Characteristics
Table 9 Measurement Conditions
0.8
× VCC
Input pulse voltage
Output reference voltage
0.2
× VCC
0.7
× VCC
0.3
× VCC
Input pulse voltage
0.2
× VCC to 0.8 × VCC
Input pulse rising / falling time
20 ns or less
Output reference voltage
0.3
× VCC to 0.7 × VCC
Output load
100 pF
Figure 1 Input / Output Waveform during AC Measurement
Table 10
Item
Symbol
Ta =
−40°C to +85°C
Unit
VCC = 2.5 V to 5.5 V
VCC = 1.7 V to 5.5 V
Min.
Max.
Min.
Max.
SCL clock frequency
fSCL
0
1000
0
400
kHz
SCL clock time "L"
tLOW
0.4
1.3
μs
SCL clock time "H"
tHIGH
0.3
0.6
μs
SDA output delay time
tAA
0.1
0.5
0.1
0.9
μs
SDA output hold time
tDH
50
50
ns
Start condition setup time
tSU.STA
0.25
0.6
μs
Start condition hold time
tHD.STA
0.25
0.6
μs
Data input setup time
tSU.DAT
80
100
ns
Data input hold time
tHD.DAT
0
0
ns
Stop condition setup time
tSU.STO
0.25
0.6
μs
SCL, SDA rising time
tR
0.3
0.3
μs
SCL, SDA falling time
tF
0.3
0.3
μs
WP setup time
tWS1
0
0
μs
WP hold time
tWH1
0
0
μs
WP release setup time
tWS2
0
0
μs
WP release hold time
tWH2
0
0
μs
Bus release time
tBUF
0.5
1.3
μs
Noise suppression time
tI
50
50
ns
Write time
tWR
5.0
5.0
ms


Similar Part No. - S-24C04D

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-24C04D ABLIC-S-24C04D Datasheet
746Kb / 47P
   2-WIRE SERIAL E2PROM
Rev.3.0_02_U
logo
Seiko Instruments Inc
S-24C04DI-A8T1U5 SII-S-24C04DI-A8T1U5 Datasheet
1Mb / 47P
   Write protect function during low power supply voltage
logo
ABLIC Inc.
S-24C04DI-A8T1U5 ABLIC-S-24C04DI-A8T1U5 Datasheet
746Kb / 47P
   2-WIRE SERIAL E2PROM
Rev.3.0_02_U
logo
Seiko Instruments Inc
S-24C04DI-I8T1U5 SII-S-24C04DI-I8T1U5 Datasheet
1Mb / 47P
   Write protect function during low power supply voltage
logo
ABLIC Inc.
S-24C04DI-I8T1U5 ABLIC-S-24C04DI-I8T1U5 Datasheet
746Kb / 47P
   2-WIRE SERIAL E2PROM
Rev.3.0_02_U
More results

Similar Description - S-24C04D

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S24C256C SII-S24C256C Datasheet
1Mb / 35P
   2-WIRE SERIAL E2PROM
logo
ABLIC Inc.
S-24C512C ABLIC-S-24C512C Datasheet
493Kb / 35P
   2-WIRE SERIAL E2PROM
Rev.2.0_03_S
S-24C32C ABLIC-S-24C32C Datasheet
649Kb / 44P
   2-WIRE SERIAL E2PROM
Rev.4.0_03_H
S-24C256C ABLIC-S-24C256C Datasheet
496Kb / 35P
   2-WIRE SERIAL E2PROM
Rev.2.0_03_S
logo
Seiko Instruments Inc
S24C512C SII-S24C512C Datasheet
1Mb / 35P
   2-WIRE SERIAL E2PROM
S24CM01C SII-S24CM01C Datasheet
1Mb / 32P
   2-WIRE SERIAL E2PROM
logo
ABLIC Inc.
S-24CM01C ABLIC-S-24CM01C Datasheet
465Kb / 32P
   2-WIRE SERIAL E2PROM
Rev.2.0_03_S
S-24C16C ABLIC-S-24C16C Datasheet
456Kb / 33P
   2-WIRE SERIAL E2PROM
Rev.1.0_01_H
S-24C02D ABLIC-S-24C02D Datasheet
746Kb / 47P
   2-WIRE SERIAL E2PROM
Rev.3.0_02_U
S-24C08C ABLIC-S-24C08C Datasheet
449Kb / 33P
   2-WIRE SERIAL E2PROM
Rev.1.0_01_H
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com