Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S-19190AXH-M6T1U Datasheet(PDF) 6 Page - Seiko Instruments Inc

Part # S-19190AXH-M6T1U
Description  FOR AUTOMOTIVE OPERATION VOLTAGE MONITORING IC WITH CELL BALANCING FUNCTION
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-19190AXH-M6T1U Datasheet(HTML) 6 Page - Seiko Instruments Inc

Back Button S-19190AXH-M6T1U Datasheet HTML 2Page - Seiko Instruments Inc S-19190AXH-M6T1U Datasheet HTML 3Page - Seiko Instruments Inc S-19190AXH-M6T1U Datasheet HTML 4Page - Seiko Instruments Inc S-19190AXH-M6T1U Datasheet HTML 5Page - Seiko Instruments Inc S-19190AXH-M6T1U Datasheet HTML 6Page - Seiko Instruments Inc S-19190AXH-M6T1U Datasheet HTML 7Page - Seiko Instruments Inc S-19190AXH-M6T1U Datasheet HTML 8Page - Seiko Instruments Inc S-19190AXH-M6T1U Datasheet HTML 9Page - Seiko Instruments Inc S-19190AXH-M6T1U Datasheet HTML 10Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
FOR AUTOMOTIVE 105°C OPERATION VOLTAGE MONITORING IC WITH CELL BALANCING FUNCTION
S-19190 Series
Rev.1.5_00
6
Absolute Maximum Ratings
Table 6
(Ta =
+25°C unless otherwise specified)
Item
Symbol
Applied Pin
Absolute Maximum Rating
Unit
Input voltage between VDD pin and
VSS pin
VDS
VDD
VSS
− 0.3 to VSS + 6.0
V
Input pin voltage
VIN
CE
_____
, DP
VSS
− 0.3 to VDD + 0.3 ≤ VSS + 6.0
V
Output pin voltage
VOUT
CO, CB
VSS
− 0.3 to VDD + 0.3 ≤ VSS + 6.0
V
Output pin current
ICB
CB
100 (
−40°C to +105°C)
mA
Operation ambient temperature
Topr
−40 to +105
°C
Storage temperature
Tstg
−55 to +125
°C
Caution The absolute maximum ratings are rated values exceeding which the product could suffer
physical damage. These values must therefore not be exceeded under any conditions.
Thermal Resistance Value
Table 7
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Junction-to-ambient thermal resistance
*1 θJA
SOT-23-6
Board A
159
°C/W
Board B
124
°C/W
Board C
°C/W
Board D
°C/W
Board E
°C/W
*1. Test environment: compliance with JEDEC STANDARD JESD51-2A
Remark Refer to " Power Dissipation" and "Test Board" for details.


Similar Part No. - S-19190AXH-M6T1U

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-19190AOH-M6T1U SII-S-19190AOH-M6T1U Datasheet
2Mb / 24P
   VOLTAGE MONITORING IC WITH CELL BALANCING FUNCTION
S-19190AYH-M6T1U SII-S-19190AYH-M6T1U Datasheet
2Mb / 24P
   VOLTAGE MONITORING IC WITH CELL BALANCING FUNCTION
More results

Similar Description - S-19190AXH-M6T1U

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S8249 SII-S8249 Datasheet
1Mb / 23P
   VOLTAGE MONITORING IC WITH CELL BALANCING FUNCTION
S-8249AAP-M6T1U SII-S-8249AAP-M6T1U Datasheet
1Mb / 22P
   VOLTAGE MONITORING IC WITH CELL BALANCING FUNCTION
S-19190AOH-M6T1U SII-S-19190AOH-M6T1U Datasheet
2Mb / 24P
   VOLTAGE MONITORING IC WITH CELL BALANCING FUNCTION
logo
ABLIC Inc.
S-8249 ABLIC-S-8249 Datasheet
1,006Kb / 23P
   VOLTAGE MONITORING IC WITH CELL BALANCING FUNCTION
Rev.1.4_01
logo
Aeroflex Circuit Techno...
BEU8635-24 AEROFLEX-BEU8635-24 Datasheet
212Kb / 8P
   Balancing for 24-Cell Battery Cell Voltage Monitoring and Telemetry
BEU8635-08 AEROFLEX-BEU8635-08 Datasheet
211Kb / 8P
   Balancing for 8-Cell Battery Cell Voltage Monitoring and Telemetry
BEU8635-12 AEROFLEX-BEU8635-12 Datasheet
212Kb / 8P
   Balancing for 12-Cell Battery Cell Voltage Monitoring and Telemetry
logo
STMicroelectronics
L9963E STMICROELECTRONICS-L9963E Datasheet
9Mb / 184P
   Automotive Multicell battery monitoring and balancing IC
Rev 4 - June 2021
logo
Aeroflex Circuit Techno...
BEU8637-08 AEROFLEX-BEU8637-08 Datasheet
248Kb / 9P
   Independent Balancing for Two 8-Cell Batteries Cell Voltage Monitoring and Telemetry
BEU8637-12 AEROFLEX-BEU8637-12 Datasheet
254Kb / 9P
   Independent Balancing for Two 12-Cell Batteries Cell Voltage Monitoring and Telemetry
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com