Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S-19212B25A-V5T2U Datasheet(PDF) 8 Page - Seiko Instruments Inc

Part # S-19212B25A-V5T2U
Description  FOR AUTOMOTIVE OPERATION HIGH-WITHSTAND VOLTAGE LOW DROPOUT CMOS VOLTAGE REGULATOR
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-19212B25A-V5T2U Datasheet(HTML) 8 Page - Seiko Instruments Inc

Back Button S-19212B25A-V5T2U Datasheet HTML 4Page - Seiko Instruments Inc S-19212B25A-V5T2U Datasheet HTML 5Page - Seiko Instruments Inc S-19212B25A-V5T2U Datasheet HTML 6Page - Seiko Instruments Inc S-19212B25A-V5T2U Datasheet HTML 7Page - Seiko Instruments Inc S-19212B25A-V5T2U Datasheet HTML 8Page - Seiko Instruments Inc S-19212B25A-V5T2U Datasheet HTML 9Page - Seiko Instruments Inc S-19212B25A-V5T2U Datasheet HTML 10Page - Seiko Instruments Inc S-19212B25A-V5T2U Datasheet HTML 11Page - Seiko Instruments Inc S-19212B25A-V5T2U Datasheet HTML 12Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 58 page
background image
FOR AUTOMOTIVE 125
°C OPERATION HIGH-WITHSTAND VOLTAGE LOW DROPOUT CMOS VOLTAGE REGULATOR
S-19212B/DxxA Series
Rev.5.1_00
8
Absolute Maximum Ratings
Table 11
(Ta =
+25°C unless otherwise specified)
Item
Symbol
Absolute Maximum Rating
Unit
Input voltage
VIN
VSS
− 0.3 to VSS + 45
V
VON / OFF
VSS
− 0.3 to VIN + 0.3 ≤ VSS + 45
V
Output voltage
VOUT
VSS
− 0.3 to VIN + 0.3 ≤ VSS + 45
V
Output current
IOUT
280
mA
Junction temperature
Tj
−40 to +150
°C
Operation ambient temperature
Topr
−40 to +125
°C
Storage temperature
Tstg
−40 to +150
°C
Caution The absolute maximum ratings are rated values exceeding which the product could suffer physical
damage. These values must therefore not be exceeded under any conditions.
Thermal Resistance Value
Table 12
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Junction-to-ambient thermal resistance
*1
θja
TO-252-5S(A)
Board A
90
°C/W
Board B
58
°C/W
Board C
38
°C/W
Board D
30
°C/W
Board E
29
°C/W
HSOP-8A
Board A
115
°C/W
Board B
82
°C/W
Board C
42
°C/W
Board D
43
°C/W
Board E
35
°C/W
HSOP-6
Board A
106
°C/W
Board B
82
°C/W
Board C
°C/W
Board D
51
°C/W
Board E
48
°C/W
SOT-89-5
Board A
123
°C/W
Board B
90
°C/W
Board C
°C/W
Board D
53
°C/W
Board E
41
°C/W
HTMSOP-8
Board A
161
°C/W
Board B
116
°C/W
Board C
44
°C/W
Board D
44
°C/W
Board E
35
°C/W
SOT-23-5
Board A
180
°C/W
Board B
143
°C/W
Board C
°C/W
Board D
°C/W
Board E
°C/W
*1.
Test environment: compliance with JEDEC STANDARD JESD51-2A
Remark Refer to " Power Dissipation" and "Test Board" for details.


Similar Part No. - S-19212B25A-V5T2U

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-19212B25A-V5T2U SII-S-19212B25A-V5T2U Datasheet
3Mb / 58P
   CMOS VOLTAGE REGULATOR
logo
ABLIC Inc.
S-19212B25A-V5T2U ABLIC-S-19212B25A-V5T2U Datasheet
960Kb / 60P
   AUTOMOTIVE, 125째C OPERATION, 36 V INPUT, 250 mA VOLTAGE REGULATOR
Rev.5.3_00
More results

Similar Description - S-19212B25A-V5T2U

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S19212BXXH SII-S19212BXXH Datasheet
3Mb / 58P
   FOR AUTOMOTIVE OPERATION HIGH-WITHSTAND VOLTAGE LOW DROPOUT CMOS VOLTAGE REGULATOR
S19200AXXH SII-S19200AXXH Datasheet
3Mb / 37P
   FOR AUTOMOTIVE OPERATION HIGH-WITHSTAND VOLTAGE LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
S19200AXXA SII-S19200AXXA Datasheet
2Mb / 32P
   FOR AUTOMOTIVE OPERATION HIGH-WITHSTAND VOLTAGE LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
S1142A-H SII-S1142A-H Datasheet
1Mb / 32P
   HIGH-WITHSTAND VOLTAGE LOW CURRENT CONSUMPTION LOW DROPOUT OPERATION CMOS VOLTAGE REGULATOR
S1142C-H SII-S1142C-H Datasheet
1Mb / 32P
   HIGH-WITHSTAND VOLTAGE LOW CURRENT CONSUMPTION LOW DROPOUT OPERATION CMOS VOLTAGE REGULATOR
logo
ABLIC Inc.
S-1142A ABLIC-S-1142A Datasheet
478Kb / 32P
   HIGH-WITHSTAND VOLTAGE LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.4.2_02
logo
Seiko Instruments Inc
S1142C-A SII-S1142C-A Datasheet
1Mb / 31P
   HIGH-WITHSTAND VOLTAGE LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
S-1142A SII-S-1142A Datasheet
1Mb / 32P
   HIGH-WITHSTAND VOLTAGE LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
S1212B SII-S1212B Datasheet
3Mb / 58P
   HIGH-WITHSTAND VOLTAGE LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
S-1142C SII-S-1142C Datasheet
1Mb / 32P
   HIGH-WITHSTAND VOLTAGE LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com