Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S-24C08DI-J8T1U5 Datasheet(PDF) 1 Page - Seiko Instruments Inc

Part # S-24C08DI-J8T1U5
Description  2-WIRE SERIAL E2PROM
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-24C08DI-J8T1U5 Datasheet(HTML) 1 Page - Seiko Instruments Inc

  S-24C08DI-J8T1U5 Datasheet HTML 1Page - Seiko Instruments Inc S-24C08DI-J8T1U5 Datasheet HTML 2Page - Seiko Instruments Inc S-24C08DI-J8T1U5 Datasheet HTML 3Page - Seiko Instruments Inc S-24C08DI-J8T1U5 Datasheet HTML 4Page - Seiko Instruments Inc S-24C08DI-J8T1U5 Datasheet HTML 5Page - Seiko Instruments Inc S-24C08DI-J8T1U5 Datasheet HTML 6Page - Seiko Instruments Inc S-24C08DI-J8T1U5 Datasheet HTML 7Page - Seiko Instruments Inc S-24C08DI-J8T1U5 Datasheet HTML 8Page - Seiko Instruments Inc S-24C08DI-J8T1U5 Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 47 page
background image
S-24C02D/04D/08D/16D
www.sii-ic.com
2-WIRE SERIAL E2PROM
© SII Semiconductor Corporation, 2012
Rev.3.0_01_U
1
This IC is a 2-wire, low current consumption and wide range operation serial E2PROM. This IC has the capacity of 2 K-bit,
4 K-bit, 8-K bit and 16 K-bit, and the organization is 256 words
× 8-bit, 512 words × 8-bit, 1024 words × 8-bit and 2048 words
× 8-bit, respectively. Page write and sequential read are available.
Caution This product is intended to use in general electronic devices such as consumer electronics, office
equipment, and communications devices. Before using the product in medical equipment or automobile
equipment including car audio, keyless entry and engine control unit, contact to SII Semiconductor
Corporation is indispensable.
Features
• Operation voltage range
Read:
1.7 V to 5.5 V
Write:
1.7 V to 5.5 V
• Operation frequency:
1.0 MHz max. (VCC = 2.5 V to 5.5 V)
400 kHz max. (VCC = 1.7 V to 5.5 V)
• Write time:
5.0 ms max.
• Page write
S-24C02D:
8 bytes / page
S-24C04D: 16 bytes / page
S-24C08D: 16 bytes / page
S-24C16D: 16 bytes / page
• Sequential read
• Noise suppression:
Schmitt trigger and noise filter on input pins (SCL, SDA)
• Write protect function during low power supply voltage
• Endurance:
106 cycle / word*1 (Ta =
+25°C)
• Data retention: 100 years (Ta = +25°C)
• Memory capacity
S-24C02D:
2 K-bit
S-24C04D:
4 K-bit
S-24C08D:
8 K-bit
S-24C16D: 16 K-bit
• Write protect:
100%
• Initial delivery state:
FFh
• Operation temperature range:
Ta =
−40°C to +85°C
• Lead-free (Sn 100%), halogen-free
*1.
For each address (Word: 8-bit)
Packages
• 8-Pin SOP (JEDEC)
1
4
5
8
(5.0
× 6.0 × t1.75 mm)
• 8-Pin TSSOP
1
4
5
8
(3.0
× 6.4 × t1.1 mm)
• TMSOP-8
1
4
5
8
(2.9
× 4.0 × t0.8 mm)
• SOT-23-5
1
3
4
5
(2.8
× 2.9 × t1.3 mm)
• DFN-8(2030)
1
8
4
5
(3.0
× 2.0 × t0.5 mm)
• SNT-8A
1
8
4
5
(2.5
× 2.0 × t0.5 mm)


Similar Part No. - S-24C08DI-J8T1U5

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-24C08DI-J8T1U5 SII-S-24C08DI-J8T1U5 Datasheet
1Mb / 47P
   Write protect function during low power supply voltage
logo
ABLIC Inc.
S-24C08DI-J8T1U5 ABLIC-S-24C08DI-J8T1U5 Datasheet
746Kb / 47P
   2-WIRE SERIAL E2PROM
Rev.3.0_02_U
More results

Similar Description - S-24C08DI-J8T1U5

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S24C256C SII-S24C256C Datasheet
1Mb / 35P
   2-WIRE SERIAL E2PROM
logo
ABLIC Inc.
S-24C512C ABLIC-S-24C512C Datasheet
493Kb / 35P
   2-WIRE SERIAL E2PROM
Rev.2.0_03_S
S-24C32C ABLIC-S-24C32C Datasheet
649Kb / 44P
   2-WIRE SERIAL E2PROM
Rev.4.0_03_H
S-24C256C ABLIC-S-24C256C Datasheet
496Kb / 35P
   2-WIRE SERIAL E2PROM
Rev.2.0_03_S
logo
Seiko Instruments Inc
S24C512C SII-S24C512C Datasheet
1Mb / 35P
   2-WIRE SERIAL E2PROM
S24CM01C SII-S24CM01C Datasheet
1Mb / 32P
   2-WIRE SERIAL E2PROM
logo
ABLIC Inc.
S-24CM01C ABLIC-S-24CM01C Datasheet
465Kb / 32P
   2-WIRE SERIAL E2PROM
Rev.2.0_03_S
S-24C16C ABLIC-S-24C16C Datasheet
456Kb / 33P
   2-WIRE SERIAL E2PROM
Rev.1.0_01_H
S-24C02D ABLIC-S-24C02D Datasheet
746Kb / 47P
   2-WIRE SERIAL E2PROM
Rev.3.0_02_U
S-24C08C ABLIC-S-24C08C Datasheet
449Kb / 33P
   2-WIRE SERIAL E2PROM
Rev.1.0_01_H
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com