Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S-19190BEH-M6T1U Datasheet(PDF) 8 Page - Seiko Instruments Inc

Part # S-19190BEH-M6T1U
Description  FOR AUTOMOTIVE OPERATION VOLTAGE MONITORING IC WITH CELL BALANCING FUNCTION
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-19190BEH-M6T1U Datasheet(HTML) 8 Page - Seiko Instruments Inc

Back Button S-19190BEH-M6T1U Datasheet HTML 4Page - Seiko Instruments Inc S-19190BEH-M6T1U Datasheet HTML 5Page - Seiko Instruments Inc S-19190BEH-M6T1U Datasheet HTML 6Page - Seiko Instruments Inc S-19190BEH-M6T1U Datasheet HTML 7Page - Seiko Instruments Inc S-19190BEH-M6T1U Datasheet HTML 8Page - Seiko Instruments Inc S-19190BEH-M6T1U Datasheet HTML 9Page - Seiko Instruments Inc S-19190BEH-M6T1U Datasheet HTML 10Page - Seiko Instruments Inc S-19190BEH-M6T1U Datasheet HTML 11Page - Seiko Instruments Inc S-19190BEH-M6T1U Datasheet HTML 12Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
FOR AUTOMOTIVE 105°C OPERATION VOLTAGE MONITORING IC WITH CELL BALANCING FUNCTION
S-19190 Series
Rev.1.5_00
8
Table 8 (2 / 2)
(Ta =
+25°C unless otherwise specified)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Delay time
Cell balancing detection
delay time
tBU
tBU
× 0.8
tBU
tBU
× 1.2 ms
Cell balancing release
delay time
tBL
tBL
× 0.8
tBL
tBL
× 1.2
ms
Overcharge detection delay
time
tCU
tCU
× 0.8
tCU
tCU
× 1.2 ms
Overcharge release delay
time
tCL
tCL
× 0.8
tCL
tCL
× 1.2
ms
Output current
CB pin output current
CB pin sink current
ICBS
V1 = VBU
+ 0.1 V, SW2 = ON,
V4 = 0.5 V
30
mA
CB pin leakage current
ICBL
V1 = VBL
− 0.1 V, SW2 = ON,
V4 = 6.0 V
0.1
μA
CO pin output current (output form: CMOS output, output logic: active "H")
CO pin sink current
ICOL
V1 = VCL
− 0.1 V, SW4 = ON,
V5 = 0.5 V
5.0
mA
CO pin source current
ICOH
V1 = VCU
+ 0.1 V, SW4 = ON,
V5 = V1
− 0.5 V
1.0
mA
CO pin output current (output form: CMOS output, output logic: active "L")
CO pin sink current
ICOL
V1 = VCU
+ 0.1 V, SW4 = ON,
V5 = 0.5 V
5.0
mA
CO pin source current
ICOH
V1 = VCL
− 0.1 V, SW4 = ON,
V5 = V1
− 0.5 V
1.0
mA
CO pin output current (output form: Nch open-drain output, output logic: active "H")
CO pin sink current
ICOL
V1 = VCL
− 0.1 V, SW4 = ON,
V5 = 0.5 V
5.0
mA
CO pin leakage current
ICOHL
V1 = VCU
+ 0.1 V, SW4 = ON,
V5 = 6.0 V
0.1
μA
CO pin output current (output form: Nch open-drain output, output logic: active "L")
CO pin sink current
ICOL
V1 = VCU
+ 0.1 V, SW4 = ON,
V5 = 0.5 V
5.0
mA
CO pin leakage current
ICOHL
V1 = VCL
− 0.1 V, SW4 = ON,
V5 = 6.0 V
0.1
μA


Similar Part No. - S-19190BEH-M6T1U

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-19190AOH-M6T1U SII-S-19190AOH-M6T1U Datasheet
2Mb / 24P
   VOLTAGE MONITORING IC WITH CELL BALANCING FUNCTION
S-19190AYH-M6T1U SII-S-19190AYH-M6T1U Datasheet
2Mb / 24P
   VOLTAGE MONITORING IC WITH CELL BALANCING FUNCTION
More results

Similar Description - S-19190BEH-M6T1U

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S8249 SII-S8249 Datasheet
1Mb / 23P
   VOLTAGE MONITORING IC WITH CELL BALANCING FUNCTION
S-8249AAP-M6T1U SII-S-8249AAP-M6T1U Datasheet
1Mb / 22P
   VOLTAGE MONITORING IC WITH CELL BALANCING FUNCTION
S-19190AOH-M6T1U SII-S-19190AOH-M6T1U Datasheet
2Mb / 24P
   VOLTAGE MONITORING IC WITH CELL BALANCING FUNCTION
logo
ABLIC Inc.
S-8249 ABLIC-S-8249 Datasheet
1,006Kb / 23P
   VOLTAGE MONITORING IC WITH CELL BALANCING FUNCTION
Rev.1.4_01
logo
Aeroflex Circuit Techno...
BEU8635-24 AEROFLEX-BEU8635-24 Datasheet
212Kb / 8P
   Balancing for 24-Cell Battery Cell Voltage Monitoring and Telemetry
BEU8635-08 AEROFLEX-BEU8635-08 Datasheet
211Kb / 8P
   Balancing for 8-Cell Battery Cell Voltage Monitoring and Telemetry
BEU8635-12 AEROFLEX-BEU8635-12 Datasheet
212Kb / 8P
   Balancing for 12-Cell Battery Cell Voltage Monitoring and Telemetry
logo
STMicroelectronics
L9963E STMICROELECTRONICS-L9963E Datasheet
9Mb / 184P
   Automotive Multicell battery monitoring and balancing IC
Rev 4 - June 2021
logo
Aeroflex Circuit Techno...
BEU8637-08 AEROFLEX-BEU8637-08 Datasheet
248Kb / 9P
   Independent Balancing for Two 8-Cell Batteries Cell Voltage Monitoring and Telemetry
BEU8637-12 AEROFLEX-BEU8637-12 Datasheet
254Kb / 9P
   Independent Balancing for Two 12-Cell Batteries Cell Voltage Monitoring and Telemetry
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com