Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S-19243B12H-U5T1U Datasheet(PDF) 6 Page - Seiko Instruments Inc

Part # S-19243B12H-U5T1U
Description  FOR AUTOMOTIVE OPERATION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR WITH SOFT-START FUNCTION
Download  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-19243B12H-U5T1U Datasheet(HTML) 6 Page - Seiko Instruments Inc

Back Button S-19243B12H-U5T1U Datasheet HTML 2Page - Seiko Instruments Inc S-19243B12H-U5T1U Datasheet HTML 3Page - Seiko Instruments Inc S-19243B12H-U5T1U Datasheet HTML 4Page - Seiko Instruments Inc S-19243B12H-U5T1U Datasheet HTML 5Page - Seiko Instruments Inc S-19243B12H-U5T1U Datasheet HTML 6Page - Seiko Instruments Inc S-19243B12H-U5T1U Datasheet HTML 7Page - Seiko Instruments Inc S-19243B12H-U5T1U Datasheet HTML 8Page - Seiko Instruments Inc S-19243B12H-U5T1U Datasheet HTML 9Page - Seiko Instruments Inc S-19243B12H-U5T1U Datasheet HTML 10Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 74 page
background image
FOR AUTOMOTIVE 105
°C OPERATION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR WITH SOFT-START FUNCTION
S-19243xxxH Series
Rev.3.1_00
6
AEC-Q100 Qualified
This IC supports AEC-Q100 for operation temperature grade 2.
Contact our sales office for details of AEC-Q100 reliability specification.
Product Name Structure
Users can select the product type, output voltage and package type for the S-19243xxxH Series. Refer to
"1. Product name" regarding the contents of product name, "2. Function list of product type" regarding the
product type, "3. Packages" regarding the package drawings and "4. Product name list" for details of product
names.
1. Product name
S-19243 x xx H - xxxx U
Product type
*3
A to H
Package abbreviation and IC packing specifications
*1
V5T2:
TO-252-5S(A), Tape
E8T1:
HSOP-8A, Tape
E6T1:
HSOP-6, Tape
U5T1:
SOT-89-5, Tape
A8T1:
HSNT-8(2030), Tape
Environmental code
U:
Lead-free (Sn 100%), halogen-free
Operation temperature
H:
Ta =
−40°C to +105°C
Output voltage
*2
00:
Externally set
*3
10 to 60: Internally set
(e.g., when the output voltage is 1.0 V, it is expressed as 10.)
*1. Refer to the tape drawing.
*2. If you request the product which has 0.05 V step, contact our sales office.
*3. Refer to "2. Function list of product type".


Similar Part No. - S-19243B12H-U5T1U

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-19243B12H-U5T1U SII-S-19243B12H-U5T1U Datasheet
3Mb / 74P
   CMOS VOLTAGE REGULATOR WITH SOFT-START FUNCTION
logo
ABLIC Inc.
S-19243B12H-U5T1U ABLIC-S-19243B12H-U5T1U Datasheet
1Mb / 74P
   AUTOMOTIVE, 105째C OPERATION, 10 V INPUT, 500 mA VOLTAGE REGULATOR WITH SOFT-START FUNCTION
Rev.3.2_00
More results

Similar Description - S-19243B12H-U5T1U

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S19244XXXH SII-S19244XXXH Datasheet
3Mb / 68P
   FOR AUTOMOTIVE OPERATION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR WITH SOFT-START FUNCTION
S19243XXXA SII-S19243XXXA Datasheet
3Mb / 74P
   FOR AUTOMOTIVE OPERATION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR WITH SOFT-START FUNCTION
S19253XXXH SII-S19253XXXH Datasheet
2Mb / 30P
   FOR AUTOMOTIVE OPERATION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR WITH SOFT-START FUNCTION
S19254XXXH SII-S19254XXXH Datasheet
2Mb / 32P
   FOR AUTOMOTIVE OPERATION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR WITH SOFT-START FUNCTION
S19244XXXA SII-S19244XXXA Datasheet
3Mb / 68P
   FOR AUTOMOTIVE OPERATION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR WITH SOFT-START FUNCTION
S-1137 SII-S-1137 Datasheet
2Mb / 47P
   HIGH RIPPLE-REJECTION LOW DROPOUT SOFT-START FUNCTION CMOS VOLTAGE REGULATOR
S-19243A12A-E8T1U SII-S-19243A12A-E8T1U Datasheet
3Mb / 74P
   CMOS VOLTAGE REGULATOR WITH SOFT-START FUNCTION
S-19253E12H-U5T1U SII-S-19253E12H-U5T1U Datasheet
2Mb / 30P
   CMOS VOLTAGE REGULATOR WITH SOFT-START FUNCTION
S-19254E12H-E8T1U SII-S-19254E12H-E8T1U Datasheet
2Mb / 32P
   CMOS VOLTAGE REGULATOR WITH SOFT-START FUNCTION
S-19243A12H-E8T1U SII-S-19243A12H-E8T1U Datasheet
3Mb / 74P
   CMOS VOLTAGE REGULATOR WITH SOFT-START FUNCTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com