Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S-19212D50H-V5T2U Datasheet(PDF) 3 Page - Seiko Instruments Inc

Part # S-19212D50H-V5T2U
Description  FOR AUTOMOTIVE OPERATION HIGH-WITHSTAND VOLTAGE LOW DROPOUT CMOS VOLTAGE REGULATOR
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-19212D50H-V5T2U Datasheet(HTML) 3 Page - Seiko Instruments Inc

  S-19212D50H-V5T2U Datasheet HTML 1Page - Seiko Instruments Inc S-19212D50H-V5T2U Datasheet HTML 2Page - Seiko Instruments Inc S-19212D50H-V5T2U Datasheet HTML 3Page - Seiko Instruments Inc S-19212D50H-V5T2U Datasheet HTML 4Page - Seiko Instruments Inc S-19212D50H-V5T2U Datasheet HTML 5Page - Seiko Instruments Inc S-19212D50H-V5T2U Datasheet HTML 6Page - Seiko Instruments Inc S-19212D50H-V5T2U Datasheet HTML 7Page - Seiko Instruments Inc S-19212D50H-V5T2U Datasheet HTML 8Page - Seiko Instruments Inc S-19212D50H-V5T2U Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 58 page
background image
FOR AUTOMOTIVE 105
°C OPERATION HIGH-WITHSTAND VOLTAGE LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.3.2_00
S-19212B/DxxH Series
3
AEC-Q100 Qualified
This IC supports AEC-Q100 for operation temperature grade 2.
Contact our sales office for details of AEC-Q100 reliability specification.
Product Name Structure
Users can select the output voltage and package type for the S-19212B/DxxH Series. Refer to "1. Product name"
regarding the contents of product name, "2. Function list of product types" regarding the product type,
"3. Packages" regarding the package drawings and "4. Product name list" for details of product names.
1. Product name
S-19212 x xx H - xxxx U
Package abbreviation and IC packing specifications
*1
V5T2: TO-252-5S(A), Tape
E8T1: HSOP-8A, Tape
E6T1: HSOP-6, Tape
U5T1: SOT-89-5, Tape
S8T1: HTMSOP-8, Tape
M5T1: SOT-23-5, Tape
Operation temperature
H:
Ta =
−40°C to +105°C
Set output voltage
25 to G0
(e.g., when the set output voltage is 2.5 V, it is expressed as 25.
when the set output voltage is 10.0 V, it is expressed as A0.
when the set output voltage is 11.0 V, it is expressed as B0.
when the set output voltage is 16.0 V, it is expressed as G0.)
Product type
*2
B, D
Environmental code
U:
Lead-free (Sn 100%), halogen-free
*1. Refer to the tape drawing.
*2. Refer to "2. Function list of product types" and "3. ON / OFF pin" in " Operation".
2. Function list of product types
Table 1
Product Type
ON / OFF Logic
ON / OFF pin input voltage "H" ON / OFF pin input voltage "L"
B
Active "H"
1.5 V min.
0.25 V max.
D
Active "H"
2.0 V min.
0.8 V max.


Similar Part No. - S-19212D50H-V5T2U

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-19212D50A-E6T1U SII-S-19212D50A-E6T1U Datasheet
3Mb / 58P
   FOR AUTOMOTIVE OPERATION HIGH-WITHSTAND VOLTAGE LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
ABLIC Inc.
S-19212D50A-E6T1U ABLIC-S-19212D50A-E6T1U Datasheet
960Kb / 60P
   AUTOMOTIVE, 125째C OPERATION, 36 V INPUT, 250 mA VOLTAGE REGULATOR
Rev.5.3_00
logo
Seiko Instruments Inc
S-19212D50A-E8T1U SII-S-19212D50A-E8T1U Datasheet
3Mb / 58P
   FOR AUTOMOTIVE OPERATION HIGH-WITHSTAND VOLTAGE LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
ABLIC Inc.
S-19212D50A-E8T1U ABLIC-S-19212D50A-E8T1U Datasheet
960Kb / 60P
   AUTOMOTIVE, 125째C OPERATION, 36 V INPUT, 250 mA VOLTAGE REGULATOR
Rev.5.3_00
logo
Seiko Instruments Inc
S-19212D50A-M5T1U SII-S-19212D50A-M5T1U Datasheet
3Mb / 58P
   FOR AUTOMOTIVE OPERATION HIGH-WITHSTAND VOLTAGE LOW DROPOUT CMOS VOLTAGE REGULATOR
More results

Similar Description - S-19212D50H-V5T2U

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S19212BXXA SII-S19212BXXA Datasheet
3Mb / 58P
   FOR AUTOMOTIVE OPERATION HIGH-WITHSTAND VOLTAGE LOW DROPOUT CMOS VOLTAGE REGULATOR
S19200AXXH SII-S19200AXXH Datasheet
3Mb / 37P
   FOR AUTOMOTIVE OPERATION HIGH-WITHSTAND VOLTAGE LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
S19200AXXA SII-S19200AXXA Datasheet
2Mb / 32P
   FOR AUTOMOTIVE OPERATION HIGH-WITHSTAND VOLTAGE LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
S1142A-H SII-S1142A-H Datasheet
1Mb / 32P
   HIGH-WITHSTAND VOLTAGE LOW CURRENT CONSUMPTION LOW DROPOUT OPERATION CMOS VOLTAGE REGULATOR
S1142C-H SII-S1142C-H Datasheet
1Mb / 32P
   HIGH-WITHSTAND VOLTAGE LOW CURRENT CONSUMPTION LOW DROPOUT OPERATION CMOS VOLTAGE REGULATOR
logo
ABLIC Inc.
S-1142A ABLIC-S-1142A Datasheet
478Kb / 32P
   HIGH-WITHSTAND VOLTAGE LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.4.2_02
logo
Seiko Instruments Inc
S1142C-A SII-S1142C-A Datasheet
1Mb / 31P
   HIGH-WITHSTAND VOLTAGE LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
S-1142A SII-S-1142A Datasheet
1Mb / 32P
   HIGH-WITHSTAND VOLTAGE LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
S1212B SII-S1212B Datasheet
3Mb / 58P
   HIGH-WITHSTAND VOLTAGE LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
S-1142C SII-S-1142C Datasheet
1Mb / 32P
   HIGH-WITHSTAND VOLTAGE LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com