Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S-13A1A30-E6T1U3 Datasheet(PDF) 1 Page - Seiko Instruments Inc

Part # S-13A1A30-E6T1U3
Description  HIGH RIPPLE-REJECTION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR
Download  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-13A1A30-E6T1U3 Datasheet(HTML) 1 Page - Seiko Instruments Inc

  S-13A1A30-E6T1U3 Datasheet HTML 1Page - Seiko Instruments Inc S-13A1A30-E6T1U3 Datasheet HTML 2Page - Seiko Instruments Inc S-13A1A30-E6T1U3 Datasheet HTML 3Page - Seiko Instruments Inc S-13A1A30-E6T1U3 Datasheet HTML 4Page - Seiko Instruments Inc S-13A1A30-E6T1U3 Datasheet HTML 5Page - Seiko Instruments Inc S-13A1A30-E6T1U3 Datasheet HTML 6Page - Seiko Instruments Inc S-13A1A30-E6T1U3 Datasheet HTML 7Page - Seiko Instruments Inc S-13A1A30-E6T1U3 Datasheet HTML 8Page - Seiko Instruments Inc S-13A1A30-E6T1U3 Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 74 page
background image
S-13A1 Series
www.sii-ic.com
HIGH RIPPLE-REJECTION LOW DROPOUT
HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR
© SII Semiconductor Corporation, 2011-2016
Rev.2.1_00
1
The S-13A1 Series is a positive voltage regulator with a low dropout voltage, high-accuracy output voltage, and low current
consumption developed based on CMOS technology.
A 2.2
μF small ceramic capacitor can be used, and the very small dropout voltage and the large output current due to the
built-in transistor with low on-resistance are provided. The S-13A1 Series includes a load current protection circuit that
prevents the output current from exceeding the current capacity of the output transistor and a thermal shutdown circuit that
prevents damage due to overheating. In addition to the types in which output voltage is set inside the IC, a type for which
output voltage can be set via an external resistor is added to a lineup. Also, the S-13A1 Series includes an inrush current
limit circuit to limit the excess inrush current generated at power-on or at the time when the ON / OFF pin is set to ON. High
heat radiation HSOP-8A and HSOP-6 or small SOT-89-5 and HSNT-6A packages realize high-density mounting.
Features
• Output voltage (internally set):
1.0 V to 3.5 V, selectable in 0.05 V step
• Output voltage (externally set):
1.05 V to 5.0 V, settable via external resistor
(HSOP-8A, HSOP-6 and SOT-89-5 only)
• Input voltage:
1.5 V to 5.5 V
• Output voltage accuracy:
±1.0% (internally set, 1.0 V to 1.45 V output product: ±15 mV)
• Dropout voltage:
70 mV typ. (3.0 V output product, IOUT = 300 mA)
• Current consumption:
During operation: 60
μA typ., 90 μA max.
During power-off: 0.1
μA typ., 1.0 μA max.
• Output current:
Possible to output 1000 mA (VIN
≥ VOUT(S) + 1.0 V)
*1
• Input and output capacitors:
A ceramic capacitor of 2.2
μF or more can be used.
• Ripple rejection:
70 dB typ. (f = 1.0 kHz)
• Built-in overcurrent protection circuit:
Limits overcurrent of output transistor.
• Built-in thermal shutdown circuit:
Prevents damage caused by heat.
• Built-in inrush current limit circuit:
Limits excessive inrush current generated at power-on or at the time when
the ON / OFF pin is set to ON.
For types in which output voltage is internally set of HSOP-8A, HSOP-6 and
SOT-89-5 inrush current limit time can be changed via an external capacitor
(CSS).
Inrush current limit time 0.7 ms typ.
(types in which output voltage is internally set of HSOP-8A, HSOP-6
SOT-89-5, CSS = 1.0 nF)
Inrush current limit time 0.4 ms typ.
(types in which output voltage is internally set of HSOP-8A, HSOP-6,
SOT-89-5, SSC pin = open)
Inrush current limit time 0.4 ms typ.
(types in which output voltage is externally set of HSOP-8A, HSOP-6,
SOT-89-5, types in which output voltage is internally set of HSNT-6A
*2)
• Built-in ON / OFF circuit:
Ensures long battery life.
• Pull-down resistor is selectable.
• Discharge shunt function is selectable.
• Operation temperature range:
Ta =
−40°C to +85°C
• Lead-free (Sn 100%), halogen-free
*1. Please make sure that the loss of the IC will not exceed the power dissipation when the output current is large.
*2. Types in which output voltage is externally set are unavailable.
Applications
• Constant-voltage power supply for battery-powered device
• Constant-voltage power supply for TV, notebook PC and home electric appliance
• Constant-voltage power supply for portable equipment
Packages
• HSOP-8A
• HSOP-6
• SOT-89-5
• HSNT-6A


Similar Part No. - S-13A1A30-E6T1U3

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-13A1A30-E6T1U3 ABLIC-S-13A1A30-E6T1U3 Datasheet
1Mb / 74P
   5.5 V INPUT, 1000 mA VOLTAGE REGULATOR
Rev.2.2_00
More results

Similar Description - S-13A1A30-E6T1U3

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-1172 SII-S-1172 Datasheet
654Kb / 34P
   HIGH RIPPLE-REJECTION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR
logo
Unisonic Technologies
L1136 UTC-L1136_12 Datasheet
290Kb / 9P
   HIGH RIPPLE-REJECTION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR
L1136 UTC-L1136 Datasheet
229Kb / 9P
   HIGH RIPPLE-REJECTION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR
logo
ABLIC Inc.
S-1155 ABLIC-S-1155 Datasheet
515Kb / 28P
   HIGH RIPPLE-REJECTION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR
Rev.2.1_03
logo
Seiko Instruments Inc
S-1155 SII-S-1155 Datasheet
773Kb / 28P
   HIGH RIPPLE-REJECTION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR
logo
Unisonic Technologies
L1136 UTC-L1136_11 Datasheet
214Kb / 9P
   HIGH RIPPLE-REJECTION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR
logo
ABLIC Inc.
S-1172 ABLIC-S-1172 Datasheet
601Kb / 35P
   HIGH RIPPLE-REJECTION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR
Rev.2.2_03
logo
Seiko Instruments Inc
S-1132 SII-S-1132 Datasheet
531Kb / 35P
   HIGH RIPPLE-REJECTION LOW DROPOUT MIDDLE OUTPUT CURRENT CMOS VOLTAGE REGULATOR
S-1135 SII-S-1135 Datasheet
2Mb / 48P
   HIGH RIPPLE-REJECTION LOW DROPOUT MIDDLE OUTPUT CURRENT CMOS VOLTAGE REGULATOR
S-1170 SII-S-1170 Datasheet
392Kb / 29P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com