Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S-19243F33A-U5T1U Datasheet(PDF) 9 Page - Seiko Instruments Inc

Part # S-19243F33A-U5T1U
Description  FOR AUTOMOTIVE OPERATION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR WITH SOFT-START FUNCTION
Download  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-19243F33A-U5T1U Datasheet(HTML) 9 Page - Seiko Instruments Inc

Back Button S-19243F33A-U5T1U Datasheet HTML 5Page - Seiko Instruments Inc S-19243F33A-U5T1U Datasheet HTML 6Page - Seiko Instruments Inc S-19243F33A-U5T1U Datasheet HTML 7Page - Seiko Instruments Inc S-19243F33A-U5T1U Datasheet HTML 8Page - Seiko Instruments Inc S-19243F33A-U5T1U Datasheet HTML 9Page - Seiko Instruments Inc S-19243F33A-U5T1U Datasheet HTML 10Page - Seiko Instruments Inc S-19243F33A-U5T1U Datasheet HTML 11Page - Seiko Instruments Inc S-19243F33A-U5T1U Datasheet HTML 12Page - Seiko Instruments Inc S-19243F33A-U5T1U Datasheet HTML 13Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 74 page
background image
FOR AUTOMOTIVE 125
°C OPERATION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR WITH SOFT-START FUNCTION
Rev.3.1_00
S-19243xxxA Series
9
4. 5 S-19243xxxA Series E type
ON / OFF logic
: Active "H"
Discharge shunt function : Available
Pull-down resistor
: Available
Soft-start time
: Changeable by CSS
Table 7
Output Voltage
TO-252-5S(A)
HSOP-8A
HSOP-6
SOT-89-5
HSNT-8(2030)
Externally set
S-19243E00A-E8T1U
S-19243E00A-A8T1U
1.2 V
± 2.3%
S-19243E12A-V5T2U
S-19243E12A-E8T1U
S-19243E12A-E6T1U
S-19243E12A-U5T1U
S-19243E12A-A8T1U
1.8 V
± 2.3%
S-19243E18A-V5T2U
S-19243E18A-E8T1U
S-19243E18A-E6T1U
S-19243E18A-U5T1U
S-19243E18A-A8T1U
3.3 V
± 2.3%
S-19243E33A-V5T2U
S-19243E33A-E8T1U
S-19243E33A-E6T1U
S-19243E33A-U5T1U
S-19243E33A-A8T1U
5.0 V
± 2.3%
S-19243E50A-V5T2U
S-19243E50A-E8T1U
S-19243E50A-E6T1U
S-19243E50A-U5T1U
S-19243E50A-A8T1U
Remark Please contact our sales office for products with specifications other than the above output voltage.
4. 6 S-19243xxxA Series F type
ON / OFF logic
: Active "H"
Discharge shunt function : Available
Pull-down resistor
: Unavailable
Soft-start time
: Changeable by CSS
Table 8
Output Voltage
TO-252-5S(A)
HSOP-8A
HSOP-6
SOT-89-5
HSNT-8(2030)
Externally set
S-19243F00A-E8T1U
S-19243F00A-A8T1U
1.2 V
± 2.3%
S-19243F12A-V5T2U
S-19243F12A-E8T1U
S-19243F12A-E6T1U
S-19243F12A-U5T1U
S-19243F12A-A8T1U
1.8 V
± 2.3%
S-19243F18A-V5T2U
S-19243F18A-E8T1U
S-19243F18A-E6T1U
S-19243F18A-U5T1U
S-19243F18A-A8T1U
3.3 V
± 2.3%
S-19243F33A-V5T2U
S-19243F33A-E8T1U
S-19243F33A-E6T1U
S-19243F33A-U5T1U
S-19243F33A-A8T1U
5.0 V
± 2.3%
S-19243F50A-V5T2U
S-19243F50A-E8T1U
S-19243F50A-E6T1U
S-19243F50A-U5T1U
S-19243F50A-A8T1U
Remark Please contact our sales office for products with specifications other than the above output voltage.
4. 7 S-19243xxxA Series G type
ON / OFF logic
: Active "H"
Discharge shunt function : Unavailable
Pull-down resistor
: Available
Soft-start time
: Changeable by CSS
Table 9
Output Voltage
TO-252-5S(A)
HSOP-8A
HSOP-6
SOT-89-5
HSNT-8(2030)
Externally set
S-19243G00A-E8T1U
S-19243G00A-A8T1U
1.2 V
± 2.3%
S-19243G12A-V5T2U
S-19243G12A-E8T1U
S-19243G12A-E6T1U
S-19243G12A-U5T1U
S-19243G12A-A8T1U
1.8 V
± 2.3%
S-19243G18A-V5T2U
S-19243G18A-E8T1U
S-19243G18A-E6T1U
S-19243G18A-U5T1U
S-19243G18A-A8T1U
3.3 V
± 2.3%
S-19243G33A-V5T2U
S-19243G33A-E8T1U
S-19243G33A-E6T1U
S-19243G33A-U5T1U
S-19243G33A-A8T1U
5.0 V
± 2.3%
S-19243G50A-V5T2U
S-19243G50A-E8T1U
S-19243G50A-E6T1U
S-19243G50A-U5T1U
S-19243G50A-A8T1U
Remark Please contact our sales office for products with specifications other than the above output voltage.
4. 8 S-19243xxxA Series H type
ON / OFF logic
: Active "H"
Discharge shunt function : Unavailable
Pull-down resistor
: Unavailable
Soft-start time
: Changeable by CSS
Table 10
Output Voltage
TO-252-5S(A)
HSOP-8A
HSOP-6
SOT-89-5
HSNT-8(2030)
Externally set
S-19243H00A-E8T1U
S-19243H00A-A8T1U
1.2 V
± 2.3%
S-19243H12A-V5T2U
S-19243H12A-E8T1U
S-19243H12A-E6T1U
S-19243H12A-U5T1U
S-19243H12A-A8T1U
1.8 V
± 2.3%
S-19243H18A-V5T2U
S-19243H18A-E8T1U
S-19243H18A-E6T1U
S-19243H18A-U5T1U
S-19243H18A-A8T1U
3.3 V
± 2.3%
S-19243H33A-V5T2U
S-19243H33A-E8T1U
S-19243H33A-E6T1U
S-19243H33A-U5T1U
S-19243H33A-A8T1U
5.0 V
± 2.3%
S-19243H50A-V5T2U
S-19243H50A-E8T1U
S-19243H50A-E6T1U
S-19243H50A-U5T1U
S-19243H50A-A8T1U
Remark Please contact our sales office for products with specifications other than the above output voltage.


Similar Part No. - S-19243F33A-U5T1U

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-19243F33A-U5T1U ABLIC-S-19243F33A-U5T1U Datasheet
1Mb / 74P
   AUTOMOTIVE, 125째C OPERATION, 10 V INPUT, 500 mA VOLTAGE REGULATOR WITH SOFT-START FUNCTION
Rev.3.2_00
More results

Similar Description - S-19243F33A-U5T1U

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S19244XXXH SII-S19244XXXH Datasheet
3Mb / 68P
   FOR AUTOMOTIVE OPERATION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR WITH SOFT-START FUNCTION
S19253XXXH SII-S19253XXXH Datasheet
2Mb / 30P
   FOR AUTOMOTIVE OPERATION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR WITH SOFT-START FUNCTION
S19254XXXH SII-S19254XXXH Datasheet
2Mb / 32P
   FOR AUTOMOTIVE OPERATION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR WITH SOFT-START FUNCTION
S19243XXXH SII-S19243XXXH Datasheet
3Mb / 74P
   FOR AUTOMOTIVE OPERATION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR WITH SOFT-START FUNCTION
S19244XXXA SII-S19244XXXA Datasheet
3Mb / 68P
   FOR AUTOMOTIVE OPERATION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR WITH SOFT-START FUNCTION
S-1137 SII-S-1137 Datasheet
2Mb / 47P
   HIGH RIPPLE-REJECTION LOW DROPOUT SOFT-START FUNCTION CMOS VOLTAGE REGULATOR
S-19243A12A-E8T1U SII-S-19243A12A-E8T1U Datasheet
3Mb / 74P
   CMOS VOLTAGE REGULATOR WITH SOFT-START FUNCTION
S-19253E12H-U5T1U SII-S-19253E12H-U5T1U Datasheet
2Mb / 30P
   CMOS VOLTAGE REGULATOR WITH SOFT-START FUNCTION
S-19254E12H-E8T1U SII-S-19254E12H-E8T1U Datasheet
2Mb / 32P
   CMOS VOLTAGE REGULATOR WITH SOFT-START FUNCTION
S-19243A12H-E8T1U SII-S-19243A12H-E8T1U Datasheet
3Mb / 74P
   CMOS VOLTAGE REGULATOR WITH SOFT-START FUNCTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com