Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S-35399A03-J8T2U Datasheet(PDF) 10 Page - Seiko Instruments Inc

Part # S-35399A03-J8T2U
Description  2-WIRE REAL-TIME CLOCK
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-35399A03-J8T2U Datasheet(HTML) 10 Page - Seiko Instruments Inc

Back Button S-35399A03-J8T2U Datasheet HTML 6Page - Seiko Instruments Inc S-35399A03-J8T2U Datasheet HTML 7Page - Seiko Instruments Inc S-35399A03-J8T2U Datasheet HTML 8Page - Seiko Instruments Inc S-35399A03-J8T2U Datasheet HTML 9Page - Seiko Instruments Inc S-35399A03-J8T2U Datasheet HTML 10Page - Seiko Instruments Inc S-35399A03-J8T2U Datasheet HTML 11Page - Seiko Instruments Inc S-35399A03-J8T2U Datasheet HTML 12Page - Seiko Instruments Inc S-35399A03-J8T2U Datasheet HTML 13Page - Seiko Instruments Inc S-35399A03-J8T2U Datasheet HTML 14Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 54 page
background image
2-WIRE REAL-TIME CLOCK
S-35399A03
Rev.3.1_02
10
2. Configuration of command
13 types of command are available for the S-35399A03. The S-35399A03 reads / writes the various registers by inputting
these codes and commands. The S-35399A03 does not perform any operation with any codes and commands other than
those below.
Table 10 List of Commands
Code
Command
Data
C2 C1 C0
Description
B7
B6
B5
B4
B3
B2
B1
B0
0110
0
0
0 Status register 1 access
RESET
*1
24
/
12
SC0
*2
SC1
*2
INT1
*3
INT2
*3
BLD
*4
POC
*4
0
0
1 Status register 2 access
INT1FE INT1ME INT1AE
32kE
INT2FE INT2ME INT2AE TEST
*5
0
1
0
Real-time data 1 access
(year data to)
Y1
M1
D1
W1
H1
m1
s1
Y2
M2
D2
W2
H2
m2
s2
Y4
M4
D4
W4
H4
m4
s4
Y8
M8
D8
*6
H8
m8
s8
Y10
M10
D10
*6
H10
m10
s10
Y20
*6
D20
*6
H20
m20
s20
Y40
*6
*6
*6
PM
/
AM
m40
s40
Y80
*6
*6
*6
*6
*6
*6
0
1
1
Real-time data 2 access
(hour data to)
H1
m1
s1
H2
m2
s2
H4
m4
s4
H8
m8
s8
H10
m10
s10
H20
m20
s20
PM
/
AM
m40
s40
*6
*6
*6
1
0
0
INT1 register access
(alarm time 1: week / hour / minute)
(INT1AE = 1, INT1ME = 0,
INT1FE = 0)
W1
H1
m1
W2
H2
m2
W4
H4
m4
*6
H8
m8
*6
H10
m10
*6
H20
m20
*6
PM
/
AM
m40
A1WE
A1HE
A1mE
INT1 register access
(output of user-set frequency)
(INT1ME = 0, INT1FE = 1)
1 Hz
2 Hz
4 Hz
8 Hz
16 Hz
SC2
*2
SC3
*2
SC4
*2
1
0
1
INT2 register access
(alarm time 2: week / hour / minute)
(INT2AE = 1, INT2ME = 0,
INT2FE = 0)
W1
H1
m1
W2
H2
m2
W4
H4
m4
*6
H8
m8
*6
H10
m10
*6
H20
m20
*6
PM
/
AM
m40
A2WE
A2HE
A2mE
INT2 register access
(output of user-set frequency)
(INT2ME = 0, INT2FE = 1)
1 Hz
2 Hz
4 Hz
8 Hz
16 Hz
SC5
*2
SC6
*2
SC7
*2
1
1
0 Clock correction register access
V0
V1
V2
V3
V4
V5
V6
V7
1
1
1 Free register 1 access
F10
F11
F12
F13
F14
F15
F16
F17
0111
0
0
0 Up counter access
*7
C64k
C256
C1
C128k
C512
C2
C256k
C1k
C4
C512k
C2k
C8
C1M
C4k
C16
C2M
C8k
C32
C4M
C16k
C64
C8M
C32k
C128
0
0
1 Free register 2 access
F20
F21
F22
F23
F24
F25
F26
F27
0
1
0 Free register 3 access
F30
F31
F32
F33
F34
F35
F36
F37
1
0
0
Alarm expansion register 1 access
(alarm time 1: year / month / day)
Y1
M1
D1
Y2
M2
D2
Y4
M4
D4
Y8
M8
D8
Y10
M10
D10
Y20
*6
D20
Y40
A1YE
*6
Y80
A1ME
A1DE
1
0
1
Alarm expansion register 2 access
(alarm time 2: year / month / day)
Y1
M1
D1
Y2
M2
D2
Y4
M4
D4
Y8
M8
D8
Y10
M10
D10
Y20
*6
D20
Y40
A2YE
*6
Y80
A2ME
A2DE
*1.
Write-only flag. The S-35399A03 initializes by writing "1" in this register.
*2.
Scratch bit. This is a register which is available for read / write operations and can be used by users freely.
*3.
Read-only flag. Valid only when using the alarm function. When the alarm time matches, this flag is set to "1", and it is
cleared to "0" when reading.
*4.
Read-only flag. "POC" is set to "1" when power is applied. It is cleared to "0" when reading. Regarding "BLD", refer to
" Low Power Supply Voltage Detection Circuit".
*5.
Test bit for SII Semiconductor Corporation. Be sure to set to "0" in use.
*6.
No effect when writing. It is "0" when reading.
*7.
The up counter is a read-only register.


Similar Part No. - S-35399A03-J8T2U

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-35399A03-J8T2G SII-S-35399A03-J8T2G Datasheet
571Kb / 51P
   2-WIRE REAL-TIME CLOCK
More results

Similar Description - S-35399A03-J8T2U

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-35390A SII-S-35390A Datasheet
701Kb / 54P
   2-WIRE REAL-TIME CLOCK
S-35392A SII-S-35392A Datasheet
618Kb / 47P
   2-WIRE REAL-TIME CLOCK
S-35399A02 SII-S-35399A02 Datasheet
787Kb / 55P
   2-WIRE REAL-TIME CLOCK
S35391A SII-S35391A Datasheet
2Mb / 53P
   2-WIRE REAL-TIME CLOCK
S35392A SII-S35392A Datasheet
2Mb / 48P
   2-WIRE REAL-TIME CLOCK
logo
Feature Integration Tec...
F15353 FINTEK-F15353 Datasheet
1,004Kb / 38P
   2-wire Real-time Clock
logo
Seiko Instruments Inc
S-35399A03 SII-S-35399A03 Datasheet
571Kb / 51P
   2-WIRE REAL-TIME CLOCK
logo
Intersil Corporation
X1205 INTERSIL-X1205 Datasheet
331Kb / 22P
   2-Wire RTC Real Time Clock/Calendar
logo
Renesas Technology Corp
X1205 RENESAS-X1205 Datasheet
873Kb / 22P
   2-Wire??RTC Real Time Clock/Calendar
logo
Seiko Instruments Inc
S-35199A01 SII-S-35199A01 Datasheet
594Kb / 54P
   3-WIRE REAL-TIME CLOCK
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com