Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZMD2500B Datasheet(PDF) 2 Page - Red Lion Controls. Inc

Part # ZMD2500B
Description  Model ZMD ??Miniature Length Sensor (Relplaces Model LSM)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REDLION [Red Lion Controls. Inc]
Direct Link  http://www.redlion.net/
Logo REDLION - Red Lion Controls. Inc

ZMD2500B Datasheet(HTML) 2 Page - Red Lion Controls. Inc

  ZMD2500B Datasheet HTML 1Page - Red Lion Controls. Inc ZMD2500B Datasheet HTML 2Page - Red Lion Controls. Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
 
-2-
Bulletin No. ZMD-C
Released 2017-05-02
Drawing No. LP0733
8. HOUSING: Stainless steel fibers in a high temperature nylon composite
9. MOUNTING: Pivot Shaft can be mounted from either side of the
housing and is field reversible.
10.WEIGHT: 5 oz. typical (141.7 g)
ENVIRONMENTAL SPECIFICATIONS
1. OPERATING TEMPERATURE: -20 °C to 85 °C
2. STORAGE TEMPERATURE: -25 °C to +85 °C
3. HUMIDITY: 98% RH non-condensing
4. VIBRATION: 10 g @ 58 to 500 Hz
5. SHOCK: 80 g @ 11 msec duration
6. SEALING: IP50
ORDERING INFORMATION
Only factory stocked part numbers are listed. Consult Factory for part
number and availability of other PPR and output configurations.
ACCESSORIES
MODEL NO. DESCRIPTION
PPR
PART NUMBER
ZMD
Miniature Length Sensor
with Quadrature Output
250
ZMD0250B
500
ZMD0500B
1000
ZMD1000B
2000
ZMD2000B
2500
ZMD2500B
DESCRIPTION
PART NUMBER
Mounting Bracket
RPGMB002
Urethane (6" Circumference) Wheel
WI0006OF
Knurled (6" Circumference) Wheel
WI0006OK
Urethane (200 mm Circumference) Wheel
WM0200OF
Knurled (200 mm Circumference) Wheel
WM0200OK
Do not dispose of unit in trash - Recycle
2.00
1.00
1.75
R.14
1.00
.25
1.81
R.093
(44.45)
(50.8)
(25.4)
(6.35)
(44.45)
(25.4)
1.75
1.25 (31.75)
.75 (19.05)
.125 (3.175)
(45.97)
DIMENSIONS In inches (mm)
MOUNTING BRACKET
This accessory angle mounting bracket
allows for a variety of mounting positions and
makes installation of the ZMD even easier.
LIMITED WARRANTY
(a) Red Lion Controls Inc. (the “Company”) warrants that all Products shall be free from defects in material and
workmanship under normal use for the period of time provided in “Statement of Warranty Periods” (available at
www.redlion.net) current at the time of shipment of the Products (the “Warranty Period”). EXCEPT FOR THE ABOVE-
STATED WARRANTY, COMPANY MAKES NO WARRANTY WHATSOEVER WITH RESPECT TO THE
PRODUCTS, INCLUDING ANY (A) WARRANTY OF MERCHANTABILITY; (B) WARRANTY OF FITNESS FOR A
PARTICULAR PURPOSE; OR (C) WARRANTY AGAINST INFRINGEMENT OF INTELLECTUAL PROPERTY
RIGHTS OF A THIRD PARTY; WHETHER EXPRESS OR IMPLIED BY LAW, COURSE OF DEALING, COURSE OF
PERFORMANCE, USAGE OF TRADE OR OTHERWISE. Customer shall be responsible for determining that a
Product is suitable for Customer’s use and that such use complies with any applicable local, state or federal law.
(b) The Company shall not be liable for a breach of the warranty set forth in paragraph (a) if (i) the defect is a result
of Customer’s failure to store, install, commission or maintain the Product according to specifications; (ii) Customer
alters or repairs such Product without the prior written consent of Company.
(c) Subject to paragraph (b), with respect to any such Product during the Warranty Period, Company shall, in its
sole discretion, either (i) repair or replace the Product; or (ii) credit or refund the price of Product provided that, if
Company so requests, Customer shall, at Company’s expense, return such Product to Company.
(d) THE REMEDIES SET FORTH IN PARAGRAPH (c) SHALL BE THE CUSTOMER’S SOLE AND EXCLUSIVE
REMEDY AND COMPANY’S ENTIRE LIABILITY FOR ANY BREACH OF THE LIMITED WARRANTY SET FORTH
IN PARAGRAPH (a).


Similar Part No. - ZMD2500B

ManufacturerPart #DatasheetDescription
logo
Red Lion Controls. Inc
ZMD2500B REDLION-ZMD2500B Datasheet
846Kb / 2P
   Model ZMD ??Miniature Length Sensor (Relplaces Model LSM)
ZMD2500B REDLION-ZMD2500B Datasheet
846Kb / 2P
   Model ZMD ??Miniature Length Sensor (Relplaces Model LSM)
More results

Similar Description - ZMD2500B

ManufacturerPart #DatasheetDescription
logo
Red Lion Controls. Inc
ZMD0250B REDLION-ZMD0250B Datasheet
846Kb / 2P
   Model ZMD ??Miniature Length Sensor (Relplaces Model LSM)
ZMD0500B REDLION-ZMD0500B Datasheet
846Kb / 2P
   Model ZMD ??Miniature Length Sensor (Relplaces Model LSM)
ZMD2500B REDLION-ZMD2500B Datasheet
846Kb / 2P
   Model ZMD ??Miniature Length Sensor (Relplaces Model LSM)
logo
Sony Corporation
DVP-C600D SONY-DVP-C600D Datasheet
7Mb / 26P
   US Model, Canadian Model, Mexican Model
XR-4880 SONY-XR-4880 Datasheet
1Mb / 7P
   AEP Model UK Model
logo
Red Lion Controls. Inc
HESS0000 REDLION-HESS0000 Datasheet
109Kb / 1P
   MODEL HESS - HALL EFFECT SPEED SENSOR
2012
logo
Advantech Co., Ltd.
ICAM-220 ADVANTECH-ICAM-220 Datasheet
300Kb / 1P
   AI Vision Sensor with OCR Model
4-May-2023
logo
Banner Engineering Corp...
SIM-525T BANNER-SIM-525T Datasheet
399Kb / 3P
   Model SIM-525T Sensor Interface Module
logo
NEC
NE68035 NEC-NE68035 Datasheet
26Kb / 1P
   NONLINEAR MODEL
logo
California Eastern Labs
NE85639 CEL-NE85639 Datasheet
37Kb / 1P
   NONLINEAR MODEL
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com