Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S-35770E01A-K8T2U Datasheet(PDF) 1 Page - Seiko Instruments Inc

Part # S-35770E01A-K8T2U
Description  FOR AUTOMOTIVE 125째C OPERATION 2-WIRE COUNTER CONVENIENCE TIMER
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-35770E01A-K8T2U Datasheet(HTML) 1 Page - Seiko Instruments Inc

  S-35770E01A-K8T2U Datasheet HTML 1Page - Seiko Instruments Inc S-35770E01A-K8T2U Datasheet HTML 2Page - Seiko Instruments Inc S-35770E01A-K8T2U Datasheet HTML 3Page - Seiko Instruments Inc S-35770E01A-K8T2U Datasheet HTML 4Page - Seiko Instruments Inc S-35770E01A-K8T2U Datasheet HTML 5Page - Seiko Instruments Inc S-35770E01A-K8T2U Datasheet HTML 6Page - Seiko Instruments Inc S-35770E01A-K8T2U Datasheet HTML 7Page - Seiko Instruments Inc S-35770E01A-K8T2U Datasheet HTML 8Page - Seiko Instruments Inc S-35770E01A-K8T2U Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
S-35770 Series
www.sii-ic.com
FOR AUTOMOTIVE 125°C OPERATION 2-WIRE COUNTER
CONVENIENCE TIMER
© SII Semiconductor Corporation, 2015-2016
Rev.1.2_00
1
The convenience timer is a CMOS timer IC which operates with low current consumption, and is suitable for the time
management of the relative time.
The S-35770 Series counts the number of clocks input from an external device.
The counter is a 24-bit binary up counter.
The counter data can be read via a 2-wire serial interface.
Caution This product can be used in vehicle equipment and in-vehicle equipment. Before using the product in the
purpose, contact to SII Semiconductor Corporation is indispensable.
Features
• External clock signal count function:
Countable from 0 to 16,777,215, with output pin for counter loop flag
• Low current consumption:
0.01
μA typ. (VDD = 3.0 V, Ta = +25°C, out of communication (CLKIN pin = 0 V))
• Wide range of operation voltage:
1.5 V to 5.5 V
• 2-wire (I
2C-bus) CPU interface
• Operation temperature range:
Ta =
−40°C to +125°C
• Lead-free (Sn 100%), halogen-free
• AEC-Q100 qualified
*1
*1. Contact our sales office for details.
Application
• Various pulse counters
Package
• TMSOP-8


Similar Part No. - S-35770E01A-K8T2U

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-35770E01A-K8T2U SII-S-35770E01A-K8T2U Datasheet
2Mb / 26P
   CONVENIENCE TIMER
More results

Similar Description - S-35770E01A-K8T2U

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S35740 SII-S35740 Datasheet
2Mb / 31P
   FOR AUTOMOTIVE 125째C OPERATION 2-WIRE INTERVAL TIMER CONVENIENCE TIMER
S35710M SII-S35710M Datasheet
2Mb / 29P
   FOR AUTOMOTIVE 125째C OPERATION 2-WIRE BUILT-IN QUARTZ CRYSTAL CONVENIENCE TIMER
S35730 SII-S35730 Datasheet
1Mb / 20P
   FOR AUTOMOTIVE 125째C OPERATION CLOCK PULSE OUTPUT WITH FREQUENCY SETTING PIN CONVENIENCE TIMER
S25A080A SII-S25A080A Datasheet
518Kb / 33P
   FOR AUTOMOTIVE 125째C OPERATION
logo
ABLIC Inc.
S-93A46B ABLIC-S-93A46B Datasheet
550Kb / 39P
   FOR AUTOMOTIVE 125째C OPERATION 3-WIRE SERIAL E2PROM
Rev.1.3_00
logo
Seiko Instruments Inc
S-35770E01A-K8T2U SII-S-35770E01A-K8T2U Datasheet
2Mb / 26P
   CONVENIENCE TIMER
S-35730C01A-K8T2U SII-S-35730C01A-K8T2U Datasheet
1Mb / 20P
   CONVENIENCE TIMER
S35710 SII-S35710 Datasheet
1Mb / 33P
   FOR AUTOMOTIVE 125C OPERATION 2-WIRE
logo
ABLIC Inc.
S-25A640A ABLIC-S-25A640A Datasheet
516Kb / 32P
   FOR AUTOMOTIVE 125째C OPERATION SPI SERIAL E2PROM
Rev.3.2_02
S-25A080A ABLIC-S-25A080A Datasheet
525Kb / 33P
   FOR AUTOMOTIVE 125째C OPERATION SPI SERIAL E2PROM
Rev.4.2_02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com