Electronic Components Datasheet Search |
|
S-89220 Datasheet(PDF) 1 Page - Seiko Instruments Inc |
|
S-89220 Datasheet(HTML) 1 Page - Seiko Instruments Inc |
1 / 20 page S-89210/89220 Series www.sii-ic.com MINI ANALOG SERIES CMOS COMPARATOR © SII Semiconductor Corporation, 2002-2010 Rev.4.0_01 1 The mini-analog series is a group of ICs that incorporate a general purpose analog circuit in a small package. The S-89210/89220 Series is a CMOS type comparator works on a lower voltage and lower current consumption. These features make this product the ideal solution for small battery-powered portable equipment. This product is a single comparator (with 1 circuit). Features • Lower operating voltage than the conventional general-purpose: VDD = 1.8 V to 5.5 V • Low current consumption: IDD = 50 μA Typ. (S-89210 Series) IDD = 10 μA Typ. (S-89220 Series) • Low input offset voltage: 4.0 mV Max. • Lead-free, halogen-free*1 *1. Refer to “ Product Name Structure” for details. Application • Mobile phones • Notebook PCs • Digital cameras • Digital video cameras Package • SC-88A |
Similar Part No. - S-89220 |
|
Similar Description - S-89220 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |