Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S-89140BC-I8T1U Datasheet(PDF) 8 Page - Seiko Instruments Inc

Part # S-89140BC-I8T1U
Description  MINI ANALOG SERIES CMOS OPERATIONAL AMPLIFIER
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-89140BC-I8T1U Datasheet(HTML) 8 Page - Seiko Instruments Inc

Back Button S-89140BC-I8T1U Datasheet HTML 4Page - Seiko Instruments Inc S-89140BC-I8T1U Datasheet HTML 5Page - Seiko Instruments Inc S-89140BC-I8T1U Datasheet HTML 6Page - Seiko Instruments Inc S-89140BC-I8T1U Datasheet HTML 7Page - Seiko Instruments Inc S-89140BC-I8T1U Datasheet HTML 8Page - Seiko Instruments Inc S-89140BC-I8T1U Datasheet HTML 9Page - Seiko Instruments Inc S-89140BC-I8T1U Datasheet HTML 10Page - Seiko Instruments Inc S-89140BC-I8T1U Datasheet HTML 11Page - Seiko Instruments Inc S-89140BC-I8T1U Datasheet HTML 12Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
MINI ANALOG SERIES CMOS OPERATIONAL AMPLIFIER
S-89130/89140 Series
Rev.1.0_01
8
2. S-89140 Series
Table 10
(Ta
= +25°C unless otherwise specified)
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Test
Circuit
Range of operating power supply
voltage
VDD
2.7
5.5
V
2. 1 VDD
= 5.0 V
Table 11
DC Electrical Characteristics (VDD
= 5.0 V)
(Ta
= +25°C unless otherwise specified)
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Test
Circuit
Current consumption (per circuit) IDD
VCMR
= VOUT = VDD / 2
0.27
0.35
mA
5
Input offset voltage
VIO
VCMR
= VDD / 2
−7.0
±3.0
+7.0
mV
1
Input offset voltage drift
ΔVIO
ΔTa
VCMR
= VDD / 2
±3
μV/°C1
Input offset current
IIO
1
pA
Input bias current
IBIAS
1
pA
Common-mode input voltage
range
VCMR
−0.1
3.8
V
2
Voltage gain (open loop)
AVOL
VOUT
= VSS + 0.5 V to VDD − 0.5 V
VCMR
= VDD / 2, RL = 1.0 MΩ
88
110
dB
8
Maximum output swing voltage
VOH
RL
= 1.0 MΩ
4.9
V
3
VOL
RL
= 1.0 MΩ
0.1
V
4
Common-mode input signal
rejection ratio
CMRR
VCMR
= VSS − 0.1 V to VDD − 1.2 V
70
85
dB
2
Power supply voltage rejection
ratio
PSRR
VDD
= 2.7 V to 5.5 V
70
90
dB
1
Source current
ISOURCE
VOUT
= VDD − 0.12 V
5.0
mA
6
Sink current
ISINK
VOUT
= 0.12 V
5.0
mA
7
Table 12
AC Electrical Characteristics (VDD
= 5.0 V)
(Ta
= +25°C unless otherwise specified)
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Slew rate
SR
RL
= 1.0 MΩ, CL = 15 pF (Refer to Figure 13)
0.5
V/
μs
Gain-bandwidth product
GBP
CL
= 0 pF
1.0
MHz


Similar Part No. - S-89140BC-I8T1U

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-89140BC-I8T1U SII-S-89140BC-I8T1U Datasheet
1Mb / 26P
   MINI ANALOG SERIES
More results

Similar Description - S-89140BC-I8T1U

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-89110A SII-S-89110A Datasheet
457Kb / 18P
   MINI ANALOG SERIES CMOS OPERATIONAL AMPLIFIER
S89110 SII-S89110 Datasheet
1Mb / 34P
   MINI ANALOG SERIES CMOS OPERATIONAL AMPLIFIER
S-89713B SII-S-89713B Datasheet
952Kb / 23P
   MINI ANALOG SERIES LOW INPUT OFFSET VOLTAGE CMOS OPERATIONAL AMPLIFIER
S89713 SII-S89713 Datasheet
1Mb / 24P
   MINI ANALOG SERIES LOW INPUT OFFSET VOLTAGE CMOS OPERATIONAL AMPLIFIER
S89430 SII-S89430 Datasheet
1Mb / 33P
   MINI ANALOG SERIES 0.5 uA Rail-to-Rail CMOS OPERATIONAL AMPLIFIER
S-89430A SII-S-89430A Datasheet
472Kb / 23P
   MINI ANALOG SERIES 0.5 關A Rail-to-Rail CMOS OPERATIONAL AMPLIFIER
S89210 SII-S89210 Datasheet
1Mb / 20P
   MINI ANALOG SERIES CMOS COMPARATOR
S89230 SII-S89230 Datasheet
1Mb / 24P
   MINI ANALOG SERIES CMOS COMPARATOR
S-89210A SII-S-89210A Datasheet
411Kb / 18P
   MINI ANALOG SERIES CMOS COMPARATOR
logo
SG Micro Corp
SGM8926 SGMICRO-SGM8926 Datasheet
317Kb / 10P
   CMOS Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com