Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S-89230BC-I8T1U Datasheet(PDF) 3 Page - Seiko Instruments Inc

Part # S-89230BC-I8T1U
Description  MINI ANALOG SERIES CMOS COMPARATOR
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-89230BC-I8T1U Datasheet(HTML) 3 Page - Seiko Instruments Inc

  S-89230BC-I8T1U Datasheet HTML 1Page - Seiko Instruments Inc S-89230BC-I8T1U Datasheet HTML 2Page - Seiko Instruments Inc S-89230BC-I8T1U Datasheet HTML 3Page - Seiko Instruments Inc S-89230BC-I8T1U Datasheet HTML 4Page - Seiko Instruments Inc S-89230BC-I8T1U Datasheet HTML 5Page - Seiko Instruments Inc S-89230BC-I8T1U Datasheet HTML 6Page - Seiko Instruments Inc S-89230BC-I8T1U Datasheet HTML 7Page - Seiko Instruments Inc S-89230BC-I8T1U Datasheet HTML 8Page - Seiko Instruments Inc S-89230BC-I8T1U Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
MINI ANALOG SERIES CMOS COMPARATOR
Rev.3.0_01
S-89230/89240 Series
3
Product Name Structure
Users can select the product type and package for the S-89230/89240 Series. Refer to “1. Product name” regarding
the contents of product name, “2. Package” regarding the package drawings and “3. Product name list” regarding
the product type.
1. Product name
S-892 x 0 B C
− xxxx U
Number of circuits
B
: 2
Package abbreviation and IC packing specifications
*1
I8T1 : SNT-8A, Tape
K8T2 : TMSOP-8, Tape
Current consumption (per circuit)
3
: IDD = 23 µA
4
: IDD = 5 µA
Environmental code
U:
Lead-free (Sn 100%), halogen-free
*1. Refer to the tape specifications.
2. Package
Package Name
Drawing Code
Package
Tape
Reel
Land
SNT-8A
PH008-A-P-SD
PH008-A-C-SD
PH008-A-R-SD
PH008-A-L-SD
TMSOP-8
FM008-A-P-SD
FM008-A-C-SD
FM008-A-R-SD
3. Product name list
Table 1
Product name
Current consumption
(per circuit)
Rise propagation
delay time*1
Fall propagation
delay time*1
Number of
circuits
Package
S-89230BC-I8T1U
23
μA
26
μs
4
μs
2 circuits
SNT-8A
S-89230BC-K8T2U
23
μA
26
μs
4
μs
2 circuits
TMSOP-8
S-89240BC-I8T1U
5
μA
100
μs
18
μs
2 circuits
SNT-8A
S-89240BC-K8T2U
5
μA
100
μs
18
μs
2 circuits
TMSOP-8
*1. The value when VDD = 3.0 V
Remark Please select products of environmental code = U for Sn 100%, halogen-free products.


Similar Part No. - S-89230BC-I8T1U

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-89230BC-I8T1U SII-S-89230BC-I8T1U Datasheet
1Mb / 24P
   MINI ANALOG SERIES
More results

Similar Description - S-89230BC-I8T1U

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S89210 SII-S89210 Datasheet
1Mb / 20P
   MINI ANALOG SERIES CMOS COMPARATOR
S-89210A SII-S-89210A Datasheet
411Kb / 18P
   MINI ANALOG SERIES CMOS COMPARATOR
S89530A SII-S89530A Datasheet
981Kb / 16P
   MINI ANALOG SERIES 0.7 uA Rail-to-Rail CMOS COMPARATOR
S-89530A SII-S-89530A Datasheet
270Kb / 16P
   MINI ANALOG SERIES 0.7 關A Rail-to-Rail CMOS COMPARATOR
S-89110A SII-S-89110A Datasheet
457Kb / 18P
   MINI ANALOG SERIES CMOS OPERATIONAL AMPLIFIER
S89110 SII-S89110 Datasheet
1Mb / 34P
   MINI ANALOG SERIES CMOS OPERATIONAL AMPLIFIER
S89130 SII-S89130 Datasheet
1Mb / 26P
   MINI ANALOG SERIES CMOS OPERATIONAL AMPLIFIER
logo
Advanced Linear Devices
ALD2321A ALD-ALD2321A Datasheet
61Kb / 8P
   ULTRA LOW VOS EPAD DUAL CMOS ANALOG VOLTAGE COMPARATOR
ALD2321 ALD-ALD2321_10 Datasheet
96Kb / 11P
   ULTRA LOW VOS EPAD짰 DUAL CMOS ANALOG VOLTAGE COMPARATOR
logo
Seiko Instruments Inc
S-19610AB0A-K8T2U SII-S-19610AB0A-K8T2U Datasheet
1Mb / 18P
   MINI ANALOG SERIES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com