Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S-89431 Datasheet(PDF) 9 Page - Seiko Instruments Inc

Part # S-89431
Description  MINI ANALOG SERIES 0.5 uA Rail-to-Rail CMOS OPERATIONAL AMPLIFIER
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-89431 Datasheet(HTML) 9 Page - Seiko Instruments Inc

Back Button S-89431 Datasheet HTML 5Page - Seiko Instruments Inc S-89431 Datasheet HTML 6Page - Seiko Instruments Inc S-89431 Datasheet HTML 7Page - Seiko Instruments Inc S-89431 Datasheet HTML 8Page - Seiko Instruments Inc S-89431 Datasheet HTML 9Page - Seiko Instruments Inc S-89431 Datasheet HTML 10Page - Seiko Instruments Inc S-89431 Datasheet HTML 11Page - Seiko Instruments Inc S-89431 Datasheet HTML 12Page - Seiko Instruments Inc S-89431 Datasheet HTML 13Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
MINI ANALOG SERIES 0.5
μA Rail-to-Rail CMOS OPERATIONAL AMPLIFIER
Rev.2.1_01
S-89430/89431 Series
9
2. VDD = 1.8 V
Table 10
DC Electrical Characteristics (VDD = 1.8 V)
(Ta =
+25°C unless otherwise specified)
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Test
Circuit
Current consumption
(per circuit)*1
IDD
VCMR = VOUT = 0.9 V
0.50
0.75
μA
6
Input offset voltage
VIO
VCMR = 0.9 V
S-89430 Series
−10
±5
+10
mV
2
S-89431 Series
−5
±3
+5
mV
2
Input offset current
IIO
1
pA
Input bias current
IBIAS
1
pA
Common-mode input voltage
range
VCMR
0
1.8
V
3
Voltage gain (open loop)
AVOL
VSS
+ 0.1 V ≤ VOUT ≤ VDD − 0.1 V,
VCMR = 0.9 V, RL = 1.0 M
Ω
66
75
dB
9
Maximum output
swing voltage
VOH
RL = 100 k
Ω
1.75
V
4
VOL
RL = 100 k
Ω
0.05
V
5
Common-mode input signal
rejection ratio
CMRR
VSS
≤ VCMR ≤ VDD
35
55
dB
3
VSS
≤ VCMR ≤ VDD − 0.3 V
45
60
dB
3
Power supply voltage
rejection ratio
PSRR
VDD = 0.9 V to 5.5 V
70
80
dB
1
Source current
ISOURCE
VOUT = VDD
− 0.1 V
220
300
μA
7
VOUT = 0 V
1200
1800
μA
7
Sink current
ISINK
VOUT = 0.1 V
220
300
μA
8
VOUT = VDD
1200
1800
μA
8
*1.
When the output is saturated on the VDD side, a current consumption of up to 3
μA to 5 μA may flow.
Refer to “4. Current consumption (per circuit) vs. Common-mode input voltage range characteristics (voltage
follower configuration)” in “ Characteristics (Typical Data)”.
Table 11
AC Electrical Characteristics (VDD = 1.8 V)
(Ta =
+25°C unless otherwise specified)
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Slew rate
SR
RL = 1.0 M
Ω, CL = 15 pF (Refer to Figure 17)
4.5
V/ms
Gain-bandwidth product
GBP
CL = 0 pF
5
kHz
Maximum load capacitance
CL
47
pF


Similar Part No. - S-89431

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-89431A SII-S-89431A Datasheet
472Kb / 23P
   MINI ANALOG SERIES 0.5 關A Rail-to-Rail CMOS OPERATIONAL AMPLIFIER
S-89431ACMC-HBVT2G SII-S-89431ACMC-HBVT2G Datasheet
472Kb / 23P
   MINI ANALOG SERIES 0.5 關A Rail-to-Rail CMOS OPERATIONAL AMPLIFIER
S-89431ACMC-HBVT2x SII-S-89431ACMC-HBVT2x Datasheet
1Mb / 33P
   MINI ANALOG SERIES
S-89431ACNC-HBVTFG SII-S-89431ACNC-HBVTFG Datasheet
472Kb / 23P
   MINI ANALOG SERIES 0.5 關A Rail-to-Rail CMOS OPERATIONAL AMPLIFIER
S-89431ACNC-HBVTFz SII-S-89431ACNC-HBVTFz Datasheet
1Mb / 33P
   MINI ANALOG SERIES
More results

Similar Description - S-89431

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-89430A SII-S-89430A Datasheet
472Kb / 23P
   MINI ANALOG SERIES 0.5 關A Rail-to-Rail CMOS OPERATIONAL AMPLIFIER
S89530A SII-S89530A Datasheet
981Kb / 16P
   MINI ANALOG SERIES 0.7 uA Rail-to-Rail CMOS COMPARATOR
logo
Analog Devices
OP186 AD-OP186 Datasheet
189Kb / 12P
   5 uA, Rail-to-Rail Output Operational Amplifier
REV. 0
logo
Texas Instruments
OPA348-Q1 TI1-OPA348-Q1_16 Datasheet
1Mb / 32P
[Old version datasheet]   CMOS Rail-to-Rail Operational Amplifier
logo
Advanced Linear Devices
ALD1704A ALD-ALD1704A Datasheet
47Kb / 6P
   RAIL TO RAIL CMOS OPERATIONAL AMPLIFIER
logo
ADL Embedded Solutions
ALD1704A ADL-ALD1704A Datasheet
79Kb / 9P
   RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
2010
logo
Advanced Linear Devices
ALD1704A ALD-ALD1704A_10 Datasheet
84Kb / 9P
   RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA2348-DIE TI-OPA2348-DIE Datasheet
74Kb / 5P
[Old version datasheet]   CMOS Rail-to-Rail Operational Amplifier
logo
Advanced Linear Devices
ALD1701A ALD-ALD1701A_10 Datasheet
85Kb / 9P
   MICROPOWER RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
ALD4704 ALD-ALD4704_10 Datasheet
85Kb / 9P
   QUAD RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com