Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N3906 Datasheet(PDF) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

Part # 2N3906
Description  TO-92 Plastic-Encapsulate Transistors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Direct Link  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

2N3906 Datasheet(HTML) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  2N3906 Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd 2N3906 Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd 2N3906 Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd 2N3906 Datasheet HTML 4Page - Jiangsu Changjiang Electronics Technology Co., Ltd 2N3906 Datasheet HTML 5Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
JIANGSU CHANGJIANG ELECTRONICS TECHNOLOGY CO., LTD
TO-92 Plastic-Encapsulate Transistors
2N3906 TRANSISTOR (PNP)
FEATURE
z PNP silicon epitaxial planar transistor for switching and
Amplifier applications
z As complementary type, the NPN transistor 2N3904 is
Recommended
z This transistor is also available in the SOT-23 case with
the type designation MMBT3906
TO-92
1.EMITTER
2.BASE
3. COLLECTOR
www.cj-elec.com
1
(,-XQ,201
0$5.,1*
Equivalent Circuit
1
3906
2N
;;;
MAXIMUM RATINGS(Ta=25
unless otherwise noted)
Symbol
Parameter
Value
Unit
9&%2
&ROOHFWRU%DVH9ROWDJH

9
9&(2
&ROOHFWRU(PLWWHU 9ROWDJH

9
9(%2
(PLWWHU%DVH 9ROWDJH

9
,&
&ROOHFWRU &XUUHQW&RQWLQXRXV

$
3&
&ROOHFWRU3RZHU'LVVLSDWLRQ

:
7-
-XQFWLRQ 7HPSHUDWXUH

7VWJ
6WRUDJH 7HPSHUDWXUH
a
6ROLGGRW *UHHQPROGLQJFRPSRXQGGHYLFH
;;; &RGH
ORDERING INFORMATION
Part Number
Package
Packing Method
Pack Quantity
TO-92
Bulk
1000
pcs/Bag
TO-92
Tape
2000
pcs/Box
2N3906
2N3906-TA
z
1 'HYLFHFRGH
LIQRQHWKHQRUPDOGHYLFH


Similar Part No. - 2N3906

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N3906 ONSEMI-2N3906 Datasheet
145Kb / 6P
   General Purpose Transistors(PNP Silicon)
1996 REV 2
logo
Unisonic Technologies
2N3906 UTC-2N3906 Datasheet
192Kb / 3P
   GENERAL PURPOSE APPLIATION
logo
Foshan Blue Rocket Elec...
2N3906 FOSHAN-2N3906 Datasheet
984Kb / 6P
   Silicon PNP transistor in a TO-92 Plastic Package
logo
Diotec Semiconductor
2N3906 DIOTEC-2N3906 Datasheet
99Kb / 2P
   Si-Epitaxial PlanarTransistors
logo
Daya Electric Group Co....
2N3906 DAYA-2N3906 Datasheet
948Kb / 1P
   TO-92 Plastic-Encapsulate Transistors
More results

Similar Description - 2N3906

ManufacturerPart #DatasheetDescription
logo
Tiger Electronic Co.,Lt...
MCR100-6 TGS-MCR100-6 Datasheet
132Kb / 2P
   TO-92 Plastic-Encapsulate Transistors (TO-92)
logo
Avic Technology
AV42 AVICTEK-AV42 Datasheet
148Kb / 2P
   TO-92 Plastic-Encapsulate Transistors
AV1015 AVICTEK-AV1015 Datasheet
423Kb / 3P
   TO-92 Plastic-Encapsulate Transistors
AV1815 AVICTEK-AV1815 Datasheet
404Kb / 3P
   TO-92 Plastic-Encapsulate Transistors
AV4401 AVICTEK-AV4401 Datasheet
478Kb / 3P
   TO-92 Plastic-Encapsulate Transistors
logo
Jiangsu Changjiang Elec...
2SC2001 JIANGSU-2SC2001 Datasheet
802Kb / 5P
   TO-92 Plastic-Encapsulate Transistors
logo
Jiangsu High diode Semi...
S9014-TO-92 HDSEMI-S9014-TO-92 Datasheet
2Mb / 4P
   TO-92 Plastic-Encapsulate Transistors
logo
Jiangsu Changjiang Elec...
2SD1513 JIANGSU-2SD1513 Datasheet
422Kb / 3P
   TO-92 Plastic-Encapsulate Transistors
2SD1835 JIANGSU-2SD1835 Datasheet
1Mb / 4P
   TO-92 Plastic-Encapsulate Transistors
BC237 JIANGSU-BC237 Datasheet
1Mb / 4P
   TO-92 Plastic-Encapsulate Transistors
BC327 JIANGSU-BC327 Datasheet
534Kb / 4P
   TO-92 Plastic-Encapsulate Transistors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com