Electronic Components Datasheet Search |
|
S-19212D50A-E6T1U Datasheet(PDF) 9 Page - Seiko Instruments Inc |
|
S-19212D50A-E6T1U Datasheet(HTML) 9 Page - Seiko Instruments Inc |
9 / 58 page FOR AUTOMOTIVE 125 °C OPERATION HIGH-WITHSTAND VOLTAGE LOW DROPOUT CMOS VOLTAGE REGULATOR Rev.5.1_00 S-19212B/DxxA Series 9 Electrical Characteristics Table 13 (Tj = −40°C to +125°C unless otherwise specified) Item Symbol Condition Min. Typ. Max. Unit Test Circuit Output voltage *1 VOUT(E) VIN = VOUT(S) + 2.0 V, IOUT = 10 mA VOUT(S) × 0.980 VOUT(S) VOUT(S) × 1.020 V 1 Output current *2 IOUT VIN ≥ VOUT(S) + 2.0 V 250 *4 − − mA 3 Dropout voltage *3 Vdrop IOUT = 125 mA, Ta = +25°C − 0.35 − V 1 IOUT = 250 mA, Ta = +25°C − 0.80 − V 1 Line regulation ΔVOUT1 ΔVIN • VOUT VOUT(S) + 0.5 V ≤ VIN ≤ 36 V, IOUT = 10 mA − 0.01 0.03 %/V 1 Load regulation ΔVOUT2 VIN = VOUT(S) + 2.0 V, 2.5 V ≤ VOUT(S) < 5.1 V, 0.1 mA ≤ IOUT ≤ 40 mA − 16 30 mV 1 VIN = VOUT(S) + 2.0 V, 5.1 V ≤ VOUT(S) < 12.1 V, 0.1 mA ≤ IOUT ≤ 40 mA − 16 35 mV 1 VIN = VOUT(S) + 2.0 V, 12.1 V ≤ VOUT(S) ≤ 16.0 V, 0.1 mA ≤ IOUT ≤ 40 mA − 16 40 mV 1 Current consumption during operation ISS1 VIN = 18.0 V, VON / OFF = VIN, IOUT = 0.01 mA − 6.5 8.5 μA 2 Current consumption during power-off ISS2 VIN = 18.0 V, VON / OFF = 0 V, no load − 0.1 3.5 μA 2 Input voltage VIN − 3.0 − 36 V − ON / OFF pin input voltage "H" VSH VIN = 18.0 V, RL = 1.0 k Ω, determined by VOUT output level B type (ON / OFF logic active "H") 1.5 − − V 4 D type (ON / OFF logic active "H") 2.0 − − V 4 ON / OFF pin input voltage "L" VSL VIN = 18.0 V, RL = 1.0 k Ω, determined by VOUT output level B type (ON / OFF logic active "H") − − 0.25 V 4 D type (ON / OFF logic active "H") − − 0.8 V 4 ON / OFF pin input current "H" ISH VIN = 18.0 V, VON / OFF = VIN −0.1 − 0.1 μA 4 ON / OFF pin input current "L" ISL VIN = 18.0 V, VON / OFF = 0 V −0.1 − 0.1 μA 4 Ripple rejection |RR| VIN = VOUT(S) + 2.0 V, f = 100 Hz, ΔVrip = 0.5 Vrms, IOUT = 10 mA, Ta = +25°C 2.5 V ≤ VOUT(S) < 3.6 V − 45 − dB 5 3.6 V ≤ VOUT(S) < 6.1 V − 40 − dB 5 6.1 V ≤ VOUT(S) < 10.1 V − 35 − dB 5 10.1 V ≤ VOUT(S) ≤ 16.0 V − 30 − dB 5 Short-circuit current Ishort VIN = VOUT(S) + 2.0 V, VON / OFF = VIN, VOUT = 0 V, Ta = +25°C − 120 − mA 3 Thermal shutdown detection temperature TSD Junction temperature − 165 − °C − Thermal shutdown release temperature TSR Junction temperature − 140 − °C − Discharge shunt resistance during power-off RLOW VIN = 18.0 V, VON / OFF = 0 V, VOUT = 2.0 V − 70 − k Ω 6 *1. VOUT(S): Set output voltage VOUT(E): Actual output voltage The output voltage when VIN = VOUT(S) + 2.0 V, IOUT = 10 mA *2. The output current at which the output voltage becomes 95% of VOUT(E) after gradually increasing the output current. *3. Vdrop = VIN1 − (VOUT3 × 0.98) VIN1 is the input voltage at which the output voltage becomes 98% of VOUT3 after gradually decreasing the input voltage. VOUT3 is the output voltage when VIN = VOUT(S) + 2.0 V, and IOUT = 125 mA or 250 mA. *4. Due to limitation of the power dissipation, this value may not be satisfied. Attention should be paid to the power dissipation when the output current is large. This specification is guaranteed by design. |
Similar Part No. - S-19212D50A-E6T1U |
|
Similar Description - S-19212D50A-E6T1U |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |