Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

16235SLM Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # 16235SLM
Description  PACIFIC DISPLAY DEVICES
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

16235SLM Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button 16235SLM Datasheet HTML 3Page - List of Unclassifed Manufacturers 16235SLM Datasheet HTML 4Page - List of Unclassifed Manufacturers 16235SLM Datasheet HTML 5Page - List of Unclassifed Manufacturers 16235SLM Datasheet HTML 6Page - List of Unclassifed Manufacturers 16235SLM Datasheet HTML 7Page - List of Unclassifed Manufacturers 16235SLM Datasheet HTML 8Page - List of Unclassifed Manufacturers 16235SLM Datasheet HTML 9Page - List of Unclassifed Manufacturers 16235SLM Datasheet HTML 10Page - List of Unclassifed Manufacturers 16235SLM Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY MODULE
MODEL NO: 16235
PACIFIC DISPLAY DEVICES
07.01.2003
7
• Read Mode
Characteristic
Symbol
Min.
Typ.
Max.
Unit
Test pin
E cycle time
tC
500
---
---
ns
E
E rise time
tr
---
---
25
ns
E
E fall time
tf
---
---
25
ns
E
E pulse width
tW
220
---
---
ns
E
R/W and RS set-up
time
tSU
40
---
---
ns
R/W, RS
R/W and RS hold time
th
10
---
---
ns
R/W, RS
Data output delay time
tD
---
---
120
ns
DB0 ~ DB7
Data hold time
tDH
20
---
---
ns
DB0 ~ DB7


Similar Part No. - 16235SLM

ManufacturerPart #DatasheetDescription
logo
Turck, Inc.
1623502 TURCK-1623502 Datasheet
342Kb / 2P
   Inductive Sensor
11/07/2023
1623503 TURCK-1623503 Datasheet
388Kb / 3P
   Inductive Sensor
11/07/2023
logo
PHOENIX CONTACT
1623506 PHOENIX-1623506 Datasheet
451Kb / 10P
   AC charging cable - EV-T2G3PC-1AC20A-4,0M2,5ESBK01
1623508 PHOENIX-1623508 Datasheet
450Kb / 9P
   AC charging cable - EV-T2G3PC-3AC20A-4,0M2,5ESBK01
1623509 PHOENIX-1623509 Datasheet
162Kb / 9P
   AC charging cable - EV-T2G3PC-3AC32A-4,0M6,0ESBK01
09/11/2020
More results

Similar Description - 16235SLM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
24064-02 ETC2-24064-02 Datasheet
504Kb / 31P
   PACIFIC DISPLAY DEVICES LCD Component Data Sheet
logo
Powertip Technology
PG9732LR-CE3-H POWERTIP-PG9732LR-CE3-H Datasheet
162Kb / 9P
   DISPLAY DEVICES
logo
OSRAM GmbH
HSDP2110S OSRAM-HSDP2110S Datasheet
977Kb / 16P
   Alphanumeric Intelligent Display Devices
logo
Powertip Technology
PC2004LRS-BSO-B POWERTIP-PC2004LRS-BSO-B Datasheet
130Kb / 10P
   DISPLAY DEVICES FOR BETTER ELECYRONOC DESIGN
logo
Advanced Analogic Techn...
AAT2833 ANALOGICTECH-AAT2833 Datasheet
474Kb / 20P
   240mA Total Display Solution for Portable Devices
logo
AverLogic Technologies ...
AL330B AVERLOGIC-AL330B Datasheet
2Mb / 2P
   Integrated Video SOC for Digital Display Devices
logo
SiGe Semiconductor, Inc...
AATIAN49 SIGE-AATIAN49 Datasheet
155Kb / 5P
   800mA Total Display Solution for Portable Devices
logo
Advanced Analogic Techn...
AAT2830 ANALOGICTECH-AAT2830 Datasheet
540Kb / 21P
   800mA Total Display Solution for Portable Devices
logo
OSRAM GmbH
DLR1414 OSRAM-DLR1414 Datasheet
467Kb / 10P
   Alphanumeric Intelligent Display Devices with Memory/Decoder/Driver
logo
Rohm
BA13002F ROHM-BA13002F Datasheet
152Kb / 8P
   Interface Driver for microcomputer peripheral and display devices
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com