Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S-19244H50A-E8T1U Datasheet(PDF) 1 Page - Seiko Instruments Inc

Part # S-19244H50A-E8T1U
Description  FOR AUTOMOTIVE OPERATION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR WITH SOFT-START FUNCTION
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-19244H50A-E8T1U Datasheet(HTML) 1 Page - Seiko Instruments Inc

  S-19244H50A-E8T1U Datasheet HTML 1Page - Seiko Instruments Inc S-19244H50A-E8T1U Datasheet HTML 2Page - Seiko Instruments Inc S-19244H50A-E8T1U Datasheet HTML 3Page - Seiko Instruments Inc S-19244H50A-E8T1U Datasheet HTML 4Page - Seiko Instruments Inc S-19244H50A-E8T1U Datasheet HTML 5Page - Seiko Instruments Inc S-19244H50A-E8T1U Datasheet HTML 6Page - Seiko Instruments Inc S-19244H50A-E8T1U Datasheet HTML 7Page - Seiko Instruments Inc S-19244H50A-E8T1U Datasheet HTML 8Page - Seiko Instruments Inc S-19244H50A-E8T1U Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 68 page
background image
S-19244xxxA Series
www.sii-ic.com
FOR AUTOMOTIVE 125
°C OPERATION LOW DROPOUT HIGH OUTPUT CURRENT
CMOS VOLTAGE REGULATOR WITH SOFT-START FUNCTION
© SII Semiconductor Corporation, 2016-2017
Rev.3.1_00
1
The S-19244xxxA Series developed by using high-withstand voltage CMOS process technology, is a positive voltage
regulator with high-accuracy output voltage and high output current.
A built-in overcurrent protection circuit to limit overcurrent of the output transistor and a built-in thermal shutdown circuit to
limit heat are included. In addition to the type in which output voltage is set inside the IC, the type for which output voltage
can be set via an external resistor is added to a lineup. Also, the S-19244xxxA Series includes the soft-start function to
adjust the output voltage rising time at power-on or at the time when the ON / OFF pin is set to ON.
Caution This product can be used in vehicle equipment and in-vehicle equipment. Before using the product in the
purpose, contact to SII Semiconductor Corporation is indispensable.
Features
• Output voltage (internally set):
1.0 V to 6.0 V, selectable in 0.05 V step
• Output voltage (externally set):
1.0 V to 9.0 V, settable via external resistor
(HSOP-8A, HSOP-6 and HSNT-8(2030) only)
• Input voltage:
2.5 V to 10.0 V
• Output voltage accuracy:
±2.3% (Tj = −40°C to +125°C)
• Dropout voltage:
0.38 V typ. (2.6 V output product, at IOUT = 1000 mA)
• Current consumption:
During operation: 120
μA typ., 150 μA max. (Tj = −40°C to +150°C)
During power-off: 0.1
μA typ., 10.5 μA max. (Tj = −40°C to +125°C)
• Output current:
Possible to output 1000 mA (at VIN
≥ VOUT(S) + 1.0 V)
*1
• Ripple rejection:
60 dB typ. (at f = 1.0 kHz)
• Built-in overcurrent protection circuit:
Limits overcurrent of output transistor.
• Built-in thermal shutdown circuit:
Detection temperature 170
°C typ.
• Built-in soft-start circuit:
Adjusts output voltage rising time at power-on or at the time when
ON / OFF pin is set to ON.
Adjustable type: E / F / G / H type, tSS = 6.0 ms typ. (CSS = 10 nF)
Soft-start time can be changed by the capacitor (CSS).
Fixed type: A / B / C / D type: Fixed to tSS = 1.0 ms typ.
• Built-in ON / OFF circuit:
Ensures long battery life.
• Built-in discharge shunt circuit:
Discharges the electric charge of the output capacitor during power-off.
• Operation temperature range:
Ta =
−40°C to +125°C
• Lead-free (Sn 100%), halogen-free
• AEC-Q100 qualified
*2
*1. Please make sure that the loss of the IC will not exceed the power dissipation when the output current is large.
*2. Contact our sales office for details.
Applications
• Constant-voltage power supply for electrical application for vehicle interior
• Constant-voltage power supply for home electric appliance
• For automotive use (engine, transmission, suspension, ABS, related-devices for EV / HEV / PHEV, etc.)
Packages
• TO-252-5S(A)
• HSOP-8A
• HSOP-6
• HSNT-8(2030)


Similar Part No. - S-19244H50A-E8T1U

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-19244H50A-E8T1U ABLIC-S-19244H50A-E8T1U Datasheet
1Mb / 68P
   AUTOMOTIVE, 125째C OPERATION, 10 V INPUT, 1000 mA VOLTAGE REGULATOR WITH SOFT-START FUNCTION
Rev.3.2_00
More results

Similar Description - S-19244H50A-E8T1U

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S19244XXXH SII-S19244XXXH Datasheet
3Mb / 68P
   FOR AUTOMOTIVE OPERATION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR WITH SOFT-START FUNCTION
S19243XXXA SII-S19243XXXA Datasheet
3Mb / 74P
   FOR AUTOMOTIVE OPERATION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR WITH SOFT-START FUNCTION
S19253XXXH SII-S19253XXXH Datasheet
2Mb / 30P
   FOR AUTOMOTIVE OPERATION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR WITH SOFT-START FUNCTION
S19254XXXH SII-S19254XXXH Datasheet
2Mb / 32P
   FOR AUTOMOTIVE OPERATION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR WITH SOFT-START FUNCTION
S19243XXXH SII-S19243XXXH Datasheet
3Mb / 74P
   FOR AUTOMOTIVE OPERATION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR WITH SOFT-START FUNCTION
S-1137 SII-S-1137 Datasheet
2Mb / 47P
   HIGH RIPPLE-REJECTION LOW DROPOUT SOFT-START FUNCTION CMOS VOLTAGE REGULATOR
S-19243A12A-E8T1U SII-S-19243A12A-E8T1U Datasheet
3Mb / 74P
   CMOS VOLTAGE REGULATOR WITH SOFT-START FUNCTION
S-19253E12H-U5T1U SII-S-19253E12H-U5T1U Datasheet
2Mb / 30P
   CMOS VOLTAGE REGULATOR WITH SOFT-START FUNCTION
S-19254E12H-E8T1U SII-S-19254E12H-E8T1U Datasheet
2Mb / 32P
   CMOS VOLTAGE REGULATOR WITH SOFT-START FUNCTION
S-19243A12H-E8T1U SII-S-19243A12H-E8T1U Datasheet
3Mb / 74P
   CMOS VOLTAGE REGULATOR WITH SOFT-START FUNCTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com