Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AWB459 Datasheet(PDF) 8 Page - Advanced Semiconductor Business Inc.

Part # AWB459
Description  Wide band MMIC Amplifie
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

AWB459 Datasheet(HTML) 8 Page - Advanced Semiconductor Business Inc.

Back Button AWB459_17 Datasheet HTML 4Page - Advanced Semiconductor Business Inc. AWB459_17 Datasheet HTML 5Page - Advanced Semiconductor Business Inc. AWB459_17 Datasheet HTML 6Page - Advanced Semiconductor Business Inc. AWB459_17 Datasheet HTML 7Page - Advanced Semiconductor Business Inc. AWB459_17 Datasheet HTML 8Page - Advanced Semiconductor Business Inc. AWB459_17 Datasheet HTML 9Page - Advanced Semiconductor Business Inc. AWB459_17 Datasheet HTML 10Page - Advanced Semiconductor Business Inc. AWB459_17 Datasheet HTML 11Page - Advanced Semiconductor Business Inc. AWB459_17 Datasheet HTML 12Page - Advanced Semiconductor Business Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
8/23
ASB Inc.
 sales@asb.co.kr  Tel: +82-42-528-7225
July 2017
AWB459
Wide band MMIC Amplifier
-60
-40
-20
0
20
40
60
80
100
Temperature
.
30
35
40
45
50
55
Frequency = 250 MHz
(°C)
-60
-40
-20
0
20
40
60
80
100
Temperature
.
18
20
22
24
26
28
30
(°C)
Frequency = 250 MHz
-60
-40
-20
0
20
40
60
80
100
Temperature
.
20
22
24
26
28
30
Frequency = 250 MHz
(°C)
-60
-40
-20
0
20
40
60
80
100
Temperature
.
115
120
125
130
135
140
145
(°C)
Noise Figure
Current
Gain
P1dB
Output IP3 vs. Tone Power (Frequency = 250 MHz)
Output IP3 @ 10 dBm / tone


Similar Part No. - AWB459_17

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor ...
AWB459 ASB-AWB459 Datasheet
945Kb / 12P
   Wide band MMIC Amplifier
January 2015
More results

Similar Description - AWB459_17

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor ...
AWB459 ASB-AWB459 Datasheet
945Kb / 12P
   Wide band MMIC Amplifier
January 2015
logo
M/A-COM Technology Solu...
MAAM02350 MA-COM-MAAM02350_15 Datasheet
624Kb / 5P
   Wide Band GaAs MMIC Amplifier
MAAM28000 MA-COM-MAAM28000_16 Datasheet
940Kb / 5P
   Wide Band GaAs MMIC Amplifier
MAAM28000 MA-COM-MAAM28000 Datasheet
221Kb / 4P
   Wide Band GaAs MMIC Amplifier
MAAM28000-A1 MA-COM-MAAM28000-A1 Datasheet
127Kb / 3P
   Wide Band GaAs MMIC Amplifier
MAAM02350 MA-COM-MAAM02350 Datasheet
95Kb / 4P
   Wide Band GaAs MMIC Amplifier
MAAM02350-A2 MA-COM-MAAM02350-A2 Datasheet
110Kb / 3P
   Wide Band GaAs MMIC Amplifier
logo
Advanced Semiconductor ...
ABX0618M ASB-ABX0618M Datasheet
861Kb / 18P
   Wide Band Power Amplifier MMIC
July 2017
logo
M/A-COM Technology Solu...
MAAM02350-A2 MA-COM-MAAM02350-A2_15 Datasheet
732Kb / 4P
   Wide Band GaAs MMIC Amplifier
MAAM28000 MA-COM-MAAM28000_15 Datasheet
221Kb / 4P
   Wide Band GaAs MMIC Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com