Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DB151 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # DB151
Description  50V~1000 V, 1.5 A Surface Mount Bridge Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

DB151 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  DB151 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH DB151 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
DB151~DB157
50V~1000 V, 1.5 A
Surface Mount Bridge Rectifiers
09-Dec-2015 Rev. A
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
A
F
J
E
B
H
C
G
D
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Glass passivated chip
High surge forward current capability
APPLICATIONS
General purpose 1 phase Bridge rectifier applications
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(Rating 25°C ambient temperature unless otherwise specified. Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, de-rate current by 20%.)
Part Number
Parameters
Symbol
DB
151
DB
152
DB
153
DB
154
DB
155
DB
156
DB
157
Unit
Peak Repetitive Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Working Peak Reverse Voltage
VRMS
35
70
140
280
420
560
700
V
DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
V
Average Rectified Output Current@ 60Hz sine
wave, R-load, TA=25°C
I(AV)
1.5
A
Non-repetitive Surge Forward Current@ 60Hz
sine wave, 1 cycle, TJ=25°C
IFSM
30
A
Current Squared Time
1
I
2t
3.7
A
2S
Peak Forward Voltage@ IFM=1.5A, pulse
measurement, rating of per diode
VFM
1.1
V
Peak Reverse Current@ VRM=VRRM, pulse
measurement, rating of per diode
IRRM
10
µA
Thermal Resistance from Junction to Ambient@
on a glass-epoxy substrate
RθJA
68
°C / W
Thermal Resistance from Junction to Lead
RθJL
15
°C / W
Junction and Storage Temperature Range
TJ, TSTG
-55~150
°C
Notes:
1.
1ms≤t<8.3ms, TJ=25°C, rating of per diode.
DB
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
8.13
8.51
F
0.46
0.58
B
7.6
8.9
G
1.27
2.03
C
2.8
3.3
H
3.81
4.69
D
6.2
6.5
J
0.89
1.14
E
5
5.2


Similar Part No. - DB151

ManufacturerPart #DatasheetDescription
logo
Surge Components
DB151 SURGE-DB151 Datasheet
75Kb / 2P
   DUAL-IN-LINE GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER VOLTAGE-50 to 1000 Volts?
logo
Shanghai Shunye Electro...
DB151 SY-DB151 Datasheet
172Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Rugao Dachang Electroni...
DB151 DACHANG-DB151 Datasheet
131Kb / 2P
   Single-phase Silicon Bridge Rectifier Reverse Voltage 50 to 1000V Forward Current 1.5 A
logo
Diode Semiconductor Kor...
DB151 DSK-DB151 Datasheet
87Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
Rectron Semiconductor
DB151 RECTRON-DB151 Datasheet
20Kb / 2P
   SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER
More results

Similar Description - DB151

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
MD151S SECOS-MD151S Datasheet
384Kb / 2P
   Voltage 50V ~ 1000V 1.5 Amp Surface Mount Bridge Rectifiers
DB1501 SECOS-DB1501 Datasheet
729Kb / 2P
   1.5 Amp Surface Mount Bridge Rectifiers
DB1501S SECOS-DB1501S_10 Datasheet
155Kb / 2P
   1.5 Amp Surface Mount Bridge Rectifiers
DB1501 SECOS-DB1501_15 Datasheet
343Kb / 2P
   1.5 Amp Surface Mount Bridge Rectifiers
DB1501S SECOS-DB1501S Datasheet
111Kb / 2P
   1.5 Amp Surface Mount Bridge Rectifiers
MD151S SECOS-MD151S_15 Datasheet
384Kb / 2P
   1.5 Amp Surface Mount Bridge Rectifiers
DB1501S SECOS-DB1501S_15 Datasheet
107Kb / 2P
   1.5 Amp Surface Mount Bridge Rectifiers
DF2005S SECOS-DF2005S Datasheet
227Kb / 2P
   Voltage 50 V ~ 1000 V2.0 Amp Surface Mount Bridge Rectifiers
KBP1005G SECOS-KBP1005G Datasheet
207Kb / 2P
   VOLTAGE 50V ~ 1000V 1.5 AMP Bridge Rectifiers
logo
Goodwork Semiconductor ...
DB151 GWSEMI-DB151 Datasheet
63Kb / 2P
   SINGLE PHASE 1.5 AMP SURFACE MOUNT BRIDGE RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com