Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DB153 Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # DB153
Description  50V~1000 V, 1.5 A Surface Mount Bridge Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

DB153 Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  DB153 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH DB153 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Elektronische Bauelemente
DB151~DB157
50V~1000 V, 1.5 A
Surface Mount Bridge Rectifiers
09-Dec-2015 Rev. A
Page 2 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RATINGS AND CHARACTERISTIC CURVES


Similar Part No. - DB153

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
DB153 RECTRON-DB153 Datasheet
20Kb / 2P
   SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER
logo
HY ELECTRONIC CORP.
DB153 HY-DB153 Datasheet
352Kb / 3P
   Glass Passivated Bridge Rectifiers
logo
Rugao Dachang Electroni...
DB153 DACHANG-DB153 Datasheet
131Kb / 2P
   Single-phase Silicon Bridge Rectifier Reverse Voltage 50 to 1000V Forward Current 1.5 A
logo
SUNMATE electronic Co.,...
DB153 SUNMATE-DB153 Datasheet
293Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIER
logo
Dc Components
DB153 DCCOM-DB153 Datasheet
377Kb / 2P
   TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
More results

Similar Description - DB153

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
MD151S SECOS-MD151S Datasheet
384Kb / 2P
   Voltage 50V ~ 1000V 1.5 Amp Surface Mount Bridge Rectifiers
DB1501 SECOS-DB1501 Datasheet
729Kb / 2P
   1.5 Amp Surface Mount Bridge Rectifiers
DB1501S SECOS-DB1501S_10 Datasheet
155Kb / 2P
   1.5 Amp Surface Mount Bridge Rectifiers
DB1501 SECOS-DB1501_15 Datasheet
343Kb / 2P
   1.5 Amp Surface Mount Bridge Rectifiers
DB1501S SECOS-DB1501S Datasheet
111Kb / 2P
   1.5 Amp Surface Mount Bridge Rectifiers
MD151S SECOS-MD151S_15 Datasheet
384Kb / 2P
   1.5 Amp Surface Mount Bridge Rectifiers
DB1501S SECOS-DB1501S_15 Datasheet
107Kb / 2P
   1.5 Amp Surface Mount Bridge Rectifiers
DF2005S SECOS-DF2005S Datasheet
227Kb / 2P
   Voltage 50 V ~ 1000 V2.0 Amp Surface Mount Bridge Rectifiers
KBP1005G SECOS-KBP1005G Datasheet
207Kb / 2P
   VOLTAGE 50V ~ 1000V 1.5 AMP Bridge Rectifiers
logo
Goodwork Semiconductor ...
DB151 GWSEMI-DB151 Datasheet
63Kb / 2P
   SINGLE PHASE 1.5 AMP SURFACE MOUNT BRIDGE RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com