Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G86-61401EUADAA Datasheet(PDF) 2 Page - Cherry Semiconductor Corporation

Part # G86-61401EUADAA
Description  SPOS QWERTY KEYBOARDS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

G86-61401EUADAA Datasheet(HTML) 2 Page - Cherry Semiconductor Corporation

  G86-61401EUADAA Datasheet HTML 1Page - Cherry Semiconductor Corporation G86-61401EUADAA Datasheet HTML 2Page - Cherry Semiconductor Corporation G86-61401EUADAA Datasheet HTML 3Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Order Description
Integration Level
Order Number
Interface
Color
Keys
Options
High Integration
G86-61411EUAEAA
USB
Lt. Gray
123
Touch Pad,
MSR
High Integration
G86-61411EUADAA
USB
Black
123
Touch Pad,
MSR
Moderate Integration
G86-61410EUAEAA
USB
Lt. Gray
135
MSR
Moderate Integration
G86-61410EUADAA
USB
Black
135
MSR
Moderate Integration
G86-61401EUADAA
USB
Black
123
Touch Pad
Minimum Integration
G86-61400EUADAA
USB
Black
135
Available in various country versions upon request.
Available Software
CHERRY Tools
MS Windows
™ XP, Windows 7, 8.1, & 10
CHERRY Tools Runtime
MS Windows
™ XP, Windows 7, 8.1, & 10
OPOS Local Edition
MS Windows
™ XP, Windows 7, 8.1, & 10
OPOS Client/Server Edition
MS Windows
™ XP, Windows 7, 8.1, & 10
JPOS Local Edition
MS Windows
™ XP, Windows 7, 8.1, & 10
Suse Linus V8.1-9.0 / Kernel 2.4
Suse Linus V9.1 / Kernel 2.6
JPOS Client/Server Edition
MS Windows
™ XP, Windows 7, 8.1, & 10
Suse Linus V8.1-9.0 / Kernel 2.4
Suse Linus V9.1 / Kernel 2.6
Delivery Volume
Keyboard, Quick Guide, Keycap Puller, Keyboard Feet
3 Year Warranty
Technical Data (Continued)
Interface
USB 2.0
Packaging Unit
22 keyboards per master carton
8 master cartons per pallet
Keyswitch Lifetime
25 million operations
Operating Temperature
0°C to 50°C
Storage Temperature
-20°C to 60°C
Agency Approvals / Instructions
CE, cURus, FCC Class B, VCCI, C-Tick, GOST-R,
WHQL, RoHS, BSMI


Similar Part No. - G86-61401EUADAA

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
G86-61510EUADAA CHERRY-G86-61510EUADAA Datasheet
257Kb / 3P
   SPOS QWERTY ENCRYPTABLE MSR KEYBOARDS
G86-61511EUADAA CHERRY-G86-61511EUADAA Datasheet
257Kb / 3P
   SPOS QWERTY ENCRYPTABLE MSR KEYBOARDS
More results

Similar Description - G86-61401EUADAA

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
G86-61510EUADAA CHERRY-G86-61510EUADAA Datasheet
257Kb / 3P
   SPOS QWERTY ENCRYPTABLE MSR KEYBOARDS
logo
Advantech Co., Ltd.
KBD-6307 ADVANTECH-KBD-6307 Datasheet
117Kb / 1P
   Keyboards
IPC-KB-6302 ADVANTECH-IPC-KB-6302 Datasheet
282Kb / 1P
   Keyboards
13-Sep-2017
PCA-6302 ADVANTECH-PCA-6302 Datasheet
1Mb / 1P
   Keyboards
KBD-6307 ADVANTECH-KBD-6307_12 Datasheet
1Mb / 1P
   Keyboards
logo
Grayhill, Inc
86BA2-001 GRAYHILL-86BA2-001 Datasheet
187Kb / 4P
   Modular Keyboards
logo
Cherry Semiconductor Co...
G84-4400 CHERRY-G84-4400 Datasheet
64Kb / 2P
   Compact Keyboard Ultraslim Series Keyboards
G83-6744 CHERRY-G83-6744 Datasheet
213Kb / 2P
   G83-6744 Smart Card Keyboards
logo
Analog Devices
ADP5587 AD-ADP5587_1 Datasheet
347Kb / 24P
   Mobile I/O Expander and QWERTY Keypad Controller
REV. B
ADP5587 AD-ADP5587 Datasheet
340Kb / 24P
   Mobile I/O Expander and QWERTY Keypad Controller
REV. 0
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com