Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9269UB16 Datasheet(PDF) 1 Page - Xicor Inc.

Part # X9269UB16
Description  Dual Digitally-Controlled Potentiometers
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X9269UB16 Datasheet(HTML) 1 Page - Xicor Inc.

  X9269UB16 Datasheet HTML 1Page - Xicor Inc. X9269UB16 Datasheet HTML 2Page - Xicor Inc. X9269UB16 Datasheet HTML 3Page - Xicor Inc. X9269UB16 Datasheet HTML 4Page - Xicor Inc. X9269UB16 Datasheet HTML 5Page - Xicor Inc. X9269UB16 Datasheet HTML 6Page - Xicor Inc. X9269UB16 Datasheet HTML 7Page - Xicor Inc. X9269UB16 Datasheet HTML 8Page - Xicor Inc. X9269UB16 Datasheet HTML 9Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
REV 1.1.11 2/17/03
Characteristics subject to change without notice.
1 of 25
www.xicor.com
X9269
Dual Digitally-Controlled (XDCPTM) Potentiometers
FEATURES
• Dual–Two separate potentiometers
• 256 resistor taps/pot–0.4% resolution
• 2-Wire Serial Interface for write, read, and
transfer operations of the potentiometer single
supply device
Wiper Resistance, 100
Ω typical VCC = 5V
• 4 Nonvolatile Data Registers for Each
Potentiometer
• Nonvolatile Storage of Multiple Wiper Positions
• Power On Recall. Loads Saved Wiper Position on
Power Up.
• Standby Current < 5µA Max
• 50K
Ω, 100KΩ versions of End to End Pot
Resistance
• 100 yr. Data Retention
• Endurance: 100,000 Data Changes per Bit per
Register
• 24-Lead SOIC, 16-Lead CSP (Chip Scale Pack-
age), 24-Lead TSSOP
• Low Power CMOS
• Power Supply VCC = 2.7V to 5.5V
DESCRIPTION
The
X9269
integrates
2
digitally
controlled
potentiometer
(XDCP)
on
a
monolithic
CMOS
integrated circuit.
The digital controlled potentiometer is implemented
using 255 resistive elements in a series array.
Between each element are tap points connected to the
wiper terminal through switches. The position of the
wiper on the array is controlled by the user through the
2-Wire
bus
interface.
Each
potentiometer
has
associated with it a volatile Wiper Counter Register
(WCR) and a four nonvolatile Data Registers that can
be directly written to and read by the user. The
contents of the WCR controls the position of the wiper
on the resistor array though the switches. Powerup
recalls the contents of the default Data Register (DR0)
to the WCR.
The
XDCP
can
be
used
as
a
three-terminal
potentiometer or as a two terminal variable resistor in
a wide variety of applications including control,
parameter adjustments, and signal processing.
Single Supply / Low Power / 256-tap / 2-Wire bus
APPLICATION NOTES AND DEVELOPMENT SYSTEM
A V A I L A B L E
AN99 • AN115 • AN124 •AN133 • AN134 • AN135
FUNCTIONAL DIAGRAM
RH0
RL0
RW0
VCC
VSS
2-Wire
Bus
50K
Ω or 100KΩ versions
RH1
RL1
RW1
Power On Recall
Wiper Counter
Registers (WCR)
Data Registers
(DR0–DR3)
Interface
Bus
Interface
and Control
Address
Data
Status
Write
Read
Transfer
Inc/Dec
Control


Similar Part No. - X9269UB16

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9269US24 INTERSIL-X9269US24 Datasheet
367Kb / 24P
   Single Supply/Low Power/256-Tap/2-Wire Bus
X9269US24 INTERSIL-X9269US24 Datasheet
346Kb / 24P
   Dual Digitally-Controlled Potentiometers
logo
Renesas Technology Corp
X9269US24 RENESAS-X9269US24 Datasheet
923Kb / 24P
   Single Supply/Low Power/256-Tap/2-Wire Bus Dual Digitally-Controlled (XDCP?? Potentiometers
logo
Intersil Corporation
X9269US24-2.7 INTERSIL-X9269US24-2.7 Datasheet
367Kb / 24P
   Single Supply/Low Power/256-Tap/2-Wire Bus
X9269US24-2.7 INTERSIL-X9269US24-2.7 Datasheet
346Kb / 24P
   Dual Digitally-Controlled Potentiometers
More results

Similar Description - X9269UB16

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X93254 INTERSIL-X93254 Datasheet
208Kb / 10P
   Dual Digitally Controlled Potentiometers
X93255 INTERSIL-X93255 Datasheet
183Kb / 8P
   Dual Digitally Controlled Potentiometers
X9260 INTERSIL-X9260_06 Datasheet
338Kb / 23P
   Dual Digitally-Controlled Potentiometers
ISL22326 INTERSIL-ISL22326 Datasheet
487Kb / 13P
   Dual Digitally Controlled Potentiometers
X9268 INTERSIL-X9268_06 Datasheet
320Kb / 22P
   Dual Digitally-Controlled Potentiometers
X9269 INTERSIL-X9269_07 Datasheet
346Kb / 24P
   Dual Digitally-Controlled Potentiometers
X9418 INTERSIL-X9418_06 Datasheet
340Kb / 20P
   Dual Digitally Controlled Potentiometers
X93256 INTERSIL-X93256_06 Datasheet
333Kb / 9P
   Dual Digitally Controlled Potentiometers
X93256UV14I-2.7 INTERSIL-X93256UV14I-2.7 Datasheet
186Kb / 7P
   Dual Digitally Controlled Potentiometers
February 1, 2008
logo
Xicor Inc.
X9418 XICOR-X9418 Datasheet
386Kb / 21P
   Dual Digitally Controlled Potentiometers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com