Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DCA3100A2020-29SW-BSN-F Datasheet(PDF) 1 Page - DDK Ltd.

Part # DCA3100A2020-29SW-BSN-F
Description  Reverse Bayonet Coupling Connectors
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DDK [DDK Ltd.]
Direct Link  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

DCA3100A2020-29SW-BSN-F Datasheet(HTML) 1 Page - DDK Ltd.

  DCA3100A2020-29SW-BSN-F Datasheet HTML 1Page - DDK Ltd. DCA3100A2020-29SW-BSN-F Datasheet HTML 2Page - DDK Ltd. DCA3100A2020-29SW-BSN-F Datasheet HTML 3Page - DDK Ltd. DCA3100A2020-29SW-BSN-F Datasheet HTML 4Page - DDK Ltd. DCA3100A2020-29SW-BSN-F Datasheet HTML 5Page - DDK Ltd. DCA3100A2020-29SW-BSN-F Datasheet HTML 6Page - DDK Ltd. DCA3100A2020-29SW-BSN-F Datasheet HTML 7Page - DDK Ltd. DCA3100A2020-29SW-BSN-F Datasheet HTML 8Page - DDK Ltd. DCA3100A2020-29SW-BSN-F Datasheet HTML 9Page - DDK Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
http://www.ddknet.co.jp
◎ Specifications and/or dimensions in this catalog are subject to change without notice.
  Please varify the latest specifications with our drawings.
DCA series is a bayonet coupling connector which utilizes
MIL-DTL-5015 insert arrangements and is compatible
with VG95234. The inserts are made of the thermosetting
resin.
A various combination of the plugs, receptacles and
accessories is also available and can be used for cable to
cable usage and cable to panel usage.
The DCA series is suitable for applications such as servo
moters, machine tools and factory automation equipment.
DCA-A-F Series
Reverse Bayonet Coupling Connectors
160219
◆ Quick positive bayonet coupling.
◆ Audible, tactile and visual indication of full coupling.
◆ Non-waterproof
◆ Wire connection : Soldering
◆ High shock and vibration capabilities.
◆ Operating temperature range: -55℃ to 125℃
◆ Intermateable with existing VG95234 connectors.
OUTLINE
FEATURES
Lock Type
Bayonet
Conforming
Standard
MIL-DTL-5015
RoHS Compliant
SPECIFICATIONS
Contact Size
Rated current
Contact Resistance
Assembled in Insulator
Test Current
Voltage Descent
# 16
13A max.
13A
87mV max.
# 12
23A max.
23A
77mV max.
#8
46A max.
46A
80mV max.
#4
80A max.
80A
70mV max.
#0
150A max.
150A
65mV max.
Service Rating
Rated voltage
Dielectric Withstand
Voltage at 1minute
DC
AC(r.m.s.)
INST
250V
200V
1,000V AC(r.m.s.)
A
700V
500V
2,000V AC(r.m.s.)
D
1,250V
900V
2,800V AC(r.m.s.)
E
1,750V
1,250V
3,500V AC(r.m.s.)
Contact Size
      Applicable Cable Size
A.W.G.
Official Sectional Area Conductor Diameter
# 16
#16 〜# 22
1.25mm2
1.6mm Max.
# 12
#12 〜 #14
3.50mm2
2.5mm Max.
#8
#8 〜 #10
8.00mm2
4.5mm Max.
#4
#4 〜 #6
22.00mm2
7.0mm Max.
#0
#0 〜 #2
50.00mm2
11.0mm Max.
Insulation Resistance 5,000M Ω at 500VDC
Item
Material / Finish
Contact
Copper Alloy / Silver
Insert
Diallyl Phthalate Resin(Blue)
Shell
Aluminum Alloy / Zinc Plating,
Black Cation Electroplating Finish
Retaining Ring
Copper Alloy / Nickel Plating
Gasket
Synthetic Rubber (Nitrile)
RoHS
Compliant
RoHS
Compliant
MATERIAL / FINISH


Similar Part No. - DCA3100A2020-29SW-BSN-F

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
DCA3101E10SL-3PWG-D-BSN-1 DDK-DCA3101E10SL-3PWG-D-BSN-1 Datasheet
2Mb / 19P
   Reverse Bayonet Coupling Connectors
DCA3101E10SL-3SWG-D-BSN-1 DDK-DCA3101E10SL-3SWG-D-BSN-1 Datasheet
2Mb / 19P
   Reverse Bayonet Coupling Connectors
DCA3101E10SL-4PWG-D-BSN-1 DDK-DCA3101E10SL-4PWG-D-BSN-1 Datasheet
2Mb / 19P
   Reverse Bayonet Coupling Connectors
DCA3101E10SL-4SWG-D-BSN-1 DDK-DCA3101E10SL-4SWG-D-BSN-1 Datasheet
2Mb / 19P
   Reverse Bayonet Coupling Connectors
DCA3101E12S-3PWG-D-BSN-1 DDK-DCA3101E12S-3PWG-D-BSN-1 Datasheet
2Mb / 19P
   Reverse Bayonet Coupling Connectors
More results

Similar Description - DCA3100A2020-29SW-BSN-F

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
DCA3101E10SL-3PWG-D-BSN-1 DDK-DCA3101E10SL-3PWG-D-BSN-1 Datasheet
2Mb / 19P
   Reverse Bayonet Coupling Connectors
logo
Amphenol Corporation
GTC08F16S-4S AMPHENOL-GTC08F16S-4S Datasheet
1Mb / 95P
   Amphenol GT Series Reverse Bayonet Coupling Connectors
logo
Glenair, Inc.
240-ITSJ GLENAIR-240-ITSJ Datasheet
94Kb / 2P
   Jam Nut Mount with Reverse Bayonet Coupling
240-ITSW GLENAIR-240-ITSW Datasheet
91Kb / 2P
   Rear Panel Mount with Reverse Bayonet Coupling
230-021 GLENAIR-230-021 Datasheet
416Kb / 2P
   Bayonet Coupling Box Mount Receptacle
947-292 GLENAIR-947-292 Datasheet
402Kb / 2P
   Bayonet Coupling Jam Nut Mount
230-020 GLENAIR-230-020 Datasheet
266Kb / 2P
   Bayonet Coupling Solder Mount Receptacle
230-015 GLENAIR-230-015 Datasheet
287Kb / 2P
   Bayonet Coupling Jam Nut Receptacle
947-292 GLENAIR-947-292_15 Datasheet
295Kb / 2P
   Bayonet Coupling Jam Nut Mount
logo
Amphenol Corporation
31-242 AMPHENOL-31-242 Datasheet
11Mb / 30P
   Bayonet coupling mechanism provides quick
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com