Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S25C128A-H Datasheet(PDF) 7 Page - Seiko Instruments Inc

Part # S25C128A-H
Description  OPERATION SPI SERIAL E2PROM FOR AUTOMOTIVE
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S25C128A-H Datasheet(HTML) 7 Page - Seiko Instruments Inc

Back Button S25C128A-H Datasheet HTML 3Page - Seiko Instruments Inc S25C128A-H Datasheet HTML 4Page - Seiko Instruments Inc S25C128A-H Datasheet HTML 5Page - Seiko Instruments Inc S25C128A-H Datasheet HTML 6Page - Seiko Instruments Inc S25C128A-H Datasheet HTML 7Page - Seiko Instruments Inc S25C128A-H Datasheet HTML 8Page - Seiko Instruments Inc S25C128A-H Datasheet HTML 9Page - Seiko Instruments Inc S25C128A-H Datasheet HTML 10Page - Seiko Instruments Inc S25C128A-H Datasheet HTML 11Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
105°C OPERATION SPI SERIAL E2PROM FOR AUTOMOTIVE
Rev.2.3_01_H
S-25C128A H Series
7
Table 13
Item
Symbol
Ta =
−40°C to +105°C
Unit
VCC = 2.5 V to 5.5 V
Min.
Max.
Write time
tPR
5.0
ms
SO
tCSH.CL
SCK
CS
SI
tCSS.CL
tDS
tDH
MSB IN
LSB IN
tCSH.CH
tCSS.CH
tCDS
tFSK
tRSK
High-Z
Figure 4 Serial Input Timing
SO
SCK
HOLD
CS
SI
tSKH.HL
tOZ.HL
tOD.HH
tSKH.HH
tSKS.HL
tSKS.HH
Figure 5 Hold Timing


Similar Part No. - S25C128A-H

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S25C128A SII-S25C128A Datasheet
407Kb / 31P
   SPI SERIAL E2PROM FOR AUTOMOTIVE
More results

Similar Description - S25C128A-H

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S25C160A-H SII-S25C160A-H Datasheet
1Mb / 31P
   OPERATION SPI SERIAL E2PROM FOR AUTOMOTIVE
S25C080A-H SII-S25C080A-H Datasheet
1Mb / 31P
   OPERATION SPI SERIAL E2PROM FOR AUTOMOTIVE
S-25C010A-H SII-S-25C010A-H Datasheet
1Mb / 33P
   OPERATION SPI SERIAL E2PROM FOR AUTOMOTIVE
S-25C320A-H SII-S-25C320A-H Datasheet
1Mb / 31P
   OPERATION SPI SERIAL E2PROM FOR AUTOMOTIVE
logo
ABLIC Inc.
S-25A010A ABLIC-S-25A010A Datasheet
524Kb / 35P
   FOR AUTOMOTIVE 125째C OPERATION SPI SERIAL E2PROM
Rev.5.2_02
S-25A256B ABLIC-S-25A256B Datasheet
414Kb / 23P
   FOR AUTOMOTIVE 125째C OPERATION SPI SERIAL E2PROM
Rev.1.2_02
S-25A080A ABLIC-S-25A080A Datasheet
525Kb / 33P
   FOR AUTOMOTIVE 125째C OPERATION SPI SERIAL E2PROM
Rev.4.2_02
S-25A640A ABLIC-S-25A640A Datasheet
516Kb / 32P
   FOR AUTOMOTIVE 125째C OPERATION SPI SERIAL E2PROM
Rev.3.2_02
S-25A128B ABLIC-S-25A128B Datasheet
450Kb / 26P
   FOR AUTOMOTIVE 125째C OPERATION SPI SERIAL E2PROM
Rev.1.3_02
S-25C160AH ABLIC-S-25C160AH Datasheet
504Kb / 34P
   105°C OPERATION SPI SERIAL E2PROM FOR AUTOMOTIVE
Rev.3.0_01_H
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com