Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X5645S14I Datasheet(PDF) 1 Page - Xicor Inc.

Part # X5645S14I
Description  CPU Supervisor with 64Kbit SPI EEPROM
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X5645S14I Datasheet(HTML) 1 Page - Xicor Inc.

  X5645S14I Datasheet HTML 1Page - Xicor Inc. X5645S14I Datasheet HTML 2Page - Xicor Inc. X5645S14I Datasheet HTML 3Page - Xicor Inc. X5645S14I Datasheet HTML 4Page - Xicor Inc. X5645S14I Datasheet HTML 5Page - Xicor Inc. X5645S14I Datasheet HTML 6Page - Xicor Inc. X5645S14I Datasheet HTML 7Page - Xicor Inc. X5645S14I Datasheet HTML 8Page - Xicor Inc. X5645S14I Datasheet HTML 9Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
REV 1.1.1 3/5/01
Characteristics subject to change without notice.
1 of 19
www.xicor.com
Replaces X25643/X25645
CPU Supervisor with 64Kbit SPI EEPROM
X5643/X5645
BLOCK DIAGRAM
Watchdog
Timer Reset
Data
Register
Command
Decode &
Control
Logic
SI
SO
SCK
CS/WDI
VCC
Reset &
Watchdog
Timebase
Power On and
Generation
VTRIP
+
-
RESET/RESET
Reset
Low Voltage
Status
Register
Protect Logic
16Kbits
16Kbits
32Kbits
Watchdog Transition
Detector
WP
VCC Threshold
Reset logic
X5643 = RESET
X5645 = RESET
FEATURES
• Selectable watchdog timer
•Low VCC detection and reset assertion
—Five standard reset threshold voltages
—Re-program low VCC reset threshold voltage
using special programming sequence
—Reset signal valid to VCC = 1V
• Determine watchdog or low voltage reset with a
volatile flag bit
• Long battery life with low power consumption
—<50µA max standby current, watchdog on
—<1µA max standby current, watchdog off
—<400µA max active current during read
• 64Kbits of EEPROM
• Built-in inadvertent write protection
—Power-up/power-down protection circuitry
—Protect 0, 1/4, 1/2 or all of EEPROM array with
Block Lockprotection
—In circuit programmable ROM mode
• 2MHz SPI interface modes (0,0 & 1,1)
• Minimize EEPROM programming time
—32-byte page write mode
—Self-timed write cycle
—5ms write cycle time (typical)
• 2.7V to 5.5V and 4.5V to 5.5V power supply
operation
• Available packages
—8-lead PDIP, 14-lead SOIC
DESCRIPTION
These devices combine four popular functions, Power-
on Reset Control, Watchdog Timer, Supply Voltage
Supervision, and Block Lock Protect Serial EEPROM
Memory in one package. This combination lowers sys-
tem cost, reduces board space requirements, and
increases reliability.
Applying power to the device activates the power on
reset circuit which holds RESET/RESET active for a
period of time. This allows the power supply and oscilla-
tor to stabilize before the processor can execute code.
The Watchdog Timer provides an independent protection
mechanism for microcontrollers. When the microcon-
troller fails to restart a timer within a selectable time out
interval, the device activates the RESET/RESET signal.
The user selects the interval from three preset values.
Once selected, the interval does not change, even after
cycling the power.
The device’s low VCC detection circuitry protects the
user’s system from low voltage conditions, resetting
the system when VCC falls below the minimum VCC
trip point. RESET/RESET is asserted until VCC returns
to proper operating level and stabilizes. Five industry
standard VTRIP thresholds are available, however,
Xicor’s unique circuits allow the threshold to be repro-
grammed to meet custom requirements or to fine-tune
the threshold for applications requiring higher precision.


Similar Part No. - X5645S14I

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X5645S14I INTERSIL-X5645S14I Datasheet
312Kb / 19P
   CPU Supervisor with 64Kbit SPI EEPROM
logo
Renesas Technology Corp
X5645S14I RENESAS-X5645S14I Datasheet
734Kb / 19P
   CPU Supervisor with 64Kbit SPI EEPROM
July 18, 2005
logo
Intersil Corporation
X5645S14I-4.5A INTERSIL-X5645S14I-4.5A Datasheet
312Kb / 19P
   CPU Supervisor with 64Kbit SPI EEPROM
logo
Renesas Technology Corp
X5645S14I-4.5A RENESAS-X5645S14I-4.5A Datasheet
734Kb / 19P
   CPU Supervisor with 64Kbit SPI EEPROM
July 18, 2005
More results

Similar Description - X5645S14I

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
X5643 RENESAS-X5643 Datasheet
734Kb / 19P
   CPU Supervisor with 64Kbit SPI EEPROM
July 18, 2005
logo
Intersil Corporation
X5648 INTERSIL-X5648 Datasheet
300Kb / 18P
   CPU Supervisor with 64Kbit SPI EEPROM
logo
Renesas Technology Corp
X5648 RENESAS-X5648 Datasheet
700Kb / 18P
   CPU Supervisor with 64Kbit SPI EEPROM
March 17, 2005
logo
Intersil Corporation
X5643 INTERSIL-X5643 Datasheet
312Kb / 19P
   CPU Supervisor with 64Kbit SPI EEPROM
X5083 INTERSIL-X5083 Datasheet
348Kb / 20P
   CPU Supervisor with 9Kbit SPI EEPROM
X5323S8IZT1 INTERSIL-X5323S8IZT1 Datasheet
347Kb / 20P
   CPU Supervisor with 32kBit SPI EEPROM
X5163S8IZT1 INTERSIL-X5163S8IZT1 Datasheet
434Kb / 1P
   CPU Supervisor with 16Kbit SPI EEPROM
August 13, 2015
X5168 INTERSIL-X5168 Datasheet
364Kb / 19P
   CPU Supervisor with 16Kbit SPI EEPROM
logo
Xicor Inc.
X5083 XICOR-X5083 Datasheet
115Kb / 21P
   CPU Supervisor with 8Kbit SPI EEPROM
logo
Intersil Corporation
X5083 INTERSIL-X5083_06 Datasheet
320Kb / 21P
   CPU Supervisor with 8Kbit SPI EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com