Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S-57B1NSL1B-M3T1U Datasheet(PDF) 1 Page - Seiko Instruments Inc

Part # S-57B1NSL1B-M3T1U
Description  OPERATION HIGH-SPEED UNIPOLAR DETECTION TYPE HALL IC
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-57B1NSL1B-M3T1U Datasheet(HTML) 1 Page - Seiko Instruments Inc

  S-57B1NSL1B-M3T1U Datasheet HTML 1Page - Seiko Instruments Inc S-57B1NSL1B-M3T1U Datasheet HTML 2Page - Seiko Instruments Inc S-57B1NSL1B-M3T1U Datasheet HTML 3Page - Seiko Instruments Inc S-57B1NSL1B-M3T1U Datasheet HTML 4Page - Seiko Instruments Inc S-57B1NSL1B-M3T1U Datasheet HTML 5Page - Seiko Instruments Inc S-57B1NSL1B-M3T1U Datasheet HTML 6Page - Seiko Instruments Inc S-57B1NSL1B-M3T1U Datasheet HTML 7Page - Seiko Instruments Inc S-57B1NSL1B-M3T1U Datasheet HTML 8Page - Seiko Instruments Inc S-57B1NSL1B-M3T1U Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
S-57B1 Series
www.sii-ic.com
125
°C OPERATION HIGH-SPEED
UNIPOLAR DETECTION TYPE HALL IC
© SII Semiconductor Corporation, 2011-2016
Rev.3.0_00
1
This IC, developed by CMOS technology, is a high-accuracy Hall IC that operates with a high-sensitivity, a high-speed
detection and low current consumption.
The output voltage changes when this IC detects the intensity level of flux density. Using this IC with a magnet makes it
possible to detect the open / close and rotation state in various devices. High-density mounting is possible by using the
small SOT-23-3 package. Due to its high-accuracy magnetic characteristics, this IC can make operation’s dispersion in the
system combined with magnet smaller.
SII Semiconductor Corporation offers a "magnetism simulation service" that provides the ideal combination of magnets and
our Hall ICs for customer systems. Our magnetism simulation service will reduce prototype production, development period
and development costs. In addition, it will contribute to optimization of parts to realize high cost performance.
For more information regarding our magnetism simulation service, contact our sales office.
Features
• Pole detection:
Detection of S pole
• Detection logic for magnetism
*1:
Active "L", active "H"
• Output form
*1:
Nch open drain output, CMOS output
• Magnetic sensitivity
*1:
BOP = 3.0 mT typ.
BOP = 4.5 mT typ.
BOP = 7.0 mT typ.
• Operating cycle:
tCYCLE = 50
μs typ.
• Power supply voltage range:
VDD = 2.7 V to 5.5 V
• Operation temperature range:
Ta =
−40°C to +125°C
• Lead-free (Sn 100%), halogen-free
*1. The Option can be selected.
Applications
• Motor
• Housing equipment
• Industrial equipment
Package
• SOT-23-3


Similar Part No. - S-57B1NSL1B-M3T1U

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-57B1NSL1B-M3T1U SII-S-57B1NSL1B-M3T1U Datasheet
1Mb / 20P
   UNIPOLAR DETECTION TYPE HALL IC
More results

Similar Description - S-57B1NSL1B-M3T1U

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-5713A SII-S-5713A Datasheet
187Kb / 16P
   HIGH-SPEED UNIPOLAR DETECTION TYPE HALL IC
S-57A1NSL1A-M3T2U SII-S-57A1NSL1A-M3T2U Datasheet
886Kb / 15P
   HIGH-SPEED UNIPOLAR DETECTION TYPE HALL IC
S-5715CNDL1-M3T1U SII-S-5715CNDL1-M3T1U Datasheet
1Mb / 28P
   UNIPOLAR DETECTION TYPE HALL IC
S-57B1NSL1B-M3T1U SII-S-57B1NSL1B-M3T1U Datasheet
1Mb / 20P
   UNIPOLAR DETECTION TYPE HALL IC
S-5715CNSL1-M3T1U SII-S-5715CNSL1-M3T1U Datasheet
1Mb / 28P
   UNIPOLAR DETECTION TYPE HALL IC
S-5717ANDL8-I4T1U SII-S-5717ANDL8-I4T1U Datasheet
1Mb / 19P
   UNIPOLAR DETECTION TYPE HALL IC
S-5732NSL1B-Y3N2U SII-S-5732NSL1B-Y3N2U Datasheet
1Mb / 21P
   UNIPOLAR DETECTION TYPE HALL IC
S5712E SII-S5712E Datasheet
1Mb / 31P
   HIGH-SPEED LOW VOLTAGE OPERATION OMNIPOLAR / UNIPOLAR DETECTION TYPE HALL EFFECT SWITCH IC
S5717 SII-S5717 Datasheet
1Mb / 19P
   LOW VOLTAGE OPERATION BOTH POLES / UNIPOLAR DETECTION TYPE HALL IC
S-57A1-A SII-S-57A1-A Datasheet
1Mb / 17P
   FOR AUTOMOTIVE OPERATION HIGH-WITHSTAND VOLTAGE HIGH-SPEED UNIPOLAR DETECTION TYPE HALL EFFECT SWITCH IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com