Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S-57P1NBL9S-M3T4U Datasheet(PDF) 3 Page - Seiko Instruments Inc

Part # S-57P1NBL9S-M3T4U
Description  FOR AUTOMOTIVE OPERATION HIGH-WITHSTAND VOLTAGE HIGH-SPEED BIPOLAR HALL EFFECT LATCH IC
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-57P1NBL9S-M3T4U Datasheet(HTML) 3 Page - Seiko Instruments Inc

  S-57P1NBL9S-M3T4U Datasheet HTML 1Page - Seiko Instruments Inc S-57P1NBL9S-M3T4U Datasheet HTML 2Page - Seiko Instruments Inc S-57P1NBL9S-M3T4U Datasheet HTML 3Page - Seiko Instruments Inc S-57P1NBL9S-M3T4U Datasheet HTML 4Page - Seiko Instruments Inc S-57P1NBL9S-M3T4U Datasheet HTML 5Page - Seiko Instruments Inc S-57P1NBL9S-M3T4U Datasheet HTML 6Page - Seiko Instruments Inc S-57P1NBL9S-M3T4U Datasheet HTML 7Page - Seiko Instruments Inc S-57P1NBL9S-M3T4U Datasheet HTML 8Page - Seiko Instruments Inc S-57P1NBL9S-M3T4U Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
FOR AUTOMOTIVE 150°C OPERATION HIGH-WITHSTAND VOLTAGE HIGH-SPEED BIPOLAR HALL EFFECT LATCH IC
Rev.1.2_01
S-57P1 S Series
3
AEC-Q100 Qualified
This IC supports AEC-Q100 for operation temperature grade 0.
Contact our sales office for details of AEC-Q100 reliability specification.
Product Name Structure
1. Product name
S-57P1 N B x x S - M3T4 U
Environmental code
U:
Lead-free (Sn 100%), halogen-free
Package abbreviation and IC packing specifications
*1
M3T4:
SOT-23-3S, Tape
Operation temperature
S:
Ta =
−40°C to +150°C
Magnetic sensitivity
9:
BOP = 0.5 mT typ.
0:
BOP = 1.5 mT typ.
8:
BOP = 2.2 mT typ.
1:
BOP = 3.0 mT typ.
Output logic
L:
VOUT = "L" at S pole detection
H:
VOUT = "H" at S pole detection
Pole detection
B:
Bipolar latch
Output form
N:
Nch open-drain output
*1. Refer to the tape drawing.
2. Package
Table 1 Package Drawing Codes
Package Name
Dimension
Tape
Reel
SOT-23-3S
MP003-D-P-SD
MP003-D-C-SD
MP003-D-R-SD
3. Product name list
Table 2
Product Name
Output Form
Pole Detection
Output Logic
Magnetic
Sensitivity (BOP)
S-57P1NBL9S-M3T4U Nch open-drain output Bipolar latch
VOUT = "L" at S pole detection
0.5 mT typ.
S-57P1NBL0S-M3T4U Nch open-drain output Bipolar latch
VOUT = "L" at S pole detection
1.5 mT typ.
S-57P1NBL8S-M3T4U Nch open-drain output Bipolar latch
VOUT = "L" at S pole detection
2.2 mT typ.
S-57P1NBL1S-M3T4U Nch open-drain output Bipolar latch
VOUT = "L" at S pole detection
3.0 mT typ.
S-57P1NBH9S-M3T4U Nch open-drain output Bipolar latch
VOUT = "H" at S pole detection
0.5 mT typ.
S-57P1NBH0S-M3T4U Nch open-drain output Bipolar latch
VOUT = "H" at S pole detection
1.5 mT typ.
S-57P1NBH1S-M3T4U Nch open-drain output Bipolar latch
VOUT = "H" at S pole detection
3.0 mT typ.
Remark Please contact our sales office for products other than the above.


Similar Part No. - S-57P1NBL9S-M3T4U

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-57P1NBL9S-M3T4U SII-S-57P1NBL9S-M3T4U Datasheet
1Mb / 16P
   HIGH-SPEED BIPOLAR HALL EFFECT LATCH
More results

Similar Description - S-57P1NBL9S-M3T4U

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-57K1-A SII-S-57K1-A Datasheet
1Mb / 17P
   FOR AUTOMOTIVE OPERATION HIGH-WITHSTAND VOLTAGE HIGH-SPEED BIPOLAR HALL EFFECT LATCH IC
S-57A1-A SII-S-57A1-A Datasheet
1Mb / 17P
   FOR AUTOMOTIVE OPERATION HIGH-WITHSTAND VOLTAGE HIGH-SPEED UNIPOLAR DETECTION TYPE HALL EFFECT SWITCH IC
S5724 SII-S5724 Datasheet
1Mb / 29P
   LOW VOLTAGE OPERATION HIGH-SPEED BIPOLAR HALL EFFECT LATCH
logo
ABLIC Inc.
S-576ZB ABLIC-S-576ZB Datasheet
877Kb / 38P
   125°C OPERATION, HIGH-WITHSTAND VOLTAGE, HIGH-SPEED, ZCLTM HALL EFFECT IC
Rev.1.1_00
logo
Seiko Instruments Inc
S-5725CNBL9-M3T1U SII-S-5725CNBL9-M3T1U Datasheet
1Mb / 31P
   HIGH-SPEED BIPOLAR HALL EFFECT LATCH
S-57P1NBL9S-M3T4U SII-S-57P1NBL9S-M3T4U Datasheet
1Mb / 16P
   HIGH-SPEED BIPOLAR HALL EFFECT LATCH
S-57M1NBL1B-M3T1U SII-S-57M1NBL1B-M3T1U Datasheet
947Kb / 16P
   HIGH-SPEED BIPOLAR HALL EFFECT LATCH
S-57K1NBL1A-M3T2U SII-S-57K1NBL1A-M3T2U Datasheet
893Kb / 15P
   HIGH-SPEED BIPOLAR HALL EFFECT LATCH
S-5724CNBL1-M3T1U SII-S-5724CNBL1-M3T1U Datasheet
1Mb / 29P
   HIGH-SPEED BIPOLAR HALL EFFECT LATCH
S5725 SII-S5725 Datasheet
1Mb / 31P
   HIGH-SPEED BIPOLAR HALL EFFECT LATCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com