Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S-57M1CBH1B-M3T1U Datasheet(PDF) 5 Page - Seiko Instruments Inc

Part # S-57M1CBH1B-M3T1U
Description  HIGH-SPEED BIPOLAR HALL EFFECT LATCH
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-57M1CBH1B-M3T1U Datasheet(HTML) 5 Page - Seiko Instruments Inc

  S-57M1CBH1B-M3T1U Datasheet HTML 1Page - Seiko Instruments Inc S-57M1CBH1B-M3T1U Datasheet HTML 2Page - Seiko Instruments Inc S-57M1CBH1B-M3T1U Datasheet HTML 3Page - Seiko Instruments Inc S-57M1CBH1B-M3T1U Datasheet HTML 4Page - Seiko Instruments Inc S-57M1CBH1B-M3T1U Datasheet HTML 5Page - Seiko Instruments Inc S-57M1CBH1B-M3T1U Datasheet HTML 6Page - Seiko Instruments Inc S-57M1CBH1B-M3T1U Datasheet HTML 7Page - Seiko Instruments Inc S-57M1CBH1B-M3T1U Datasheet HTML 8Page - Seiko Instruments Inc S-57M1CBH1B-M3T1U Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
HIGH-SPEED BIPOLAR HALL EFFECT LATCH
Rev.1.2_01
S-57M1 Series
5
Electrical Characteristics
Table 5
(Ta =
+25°C, VDD = 5.0 V, VSS = 0 V unless otherwise specified)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Test
Circuit
Power supply voltage VDD
2.7
5.0
5.5
V
Current consumption
IDD
Average value
1400 2000
μA
1
Output voltage
VOUT
Nch open-drain output
product
Output transistor Nch,
IOUT = 2 mA
0.4
V
2
CMOS output product
Output transistor Nch,
IOUT = 2 mA
0.4
V
2
Output transistor Pch,
IOUT =
−2 mA
VDD
0.4
V
3
Leakage current
ILEAK
Nch open-drain output product
Output transistor Nch, VOUT = 5.5 V
1
μA
4
Operation cycle
tCYCLE
50
100
μs
Magnetic Characteristics
Table 6
(Ta =
+25°C, VDD = 5.0 V, VSS = 0 V unless otherwise specified)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Test Circuit
Operation point*1
S pole
BOP
1.4
3.0
4.0
mT
5
Release point*2
N pole
BRP
−4.0
−3.0
−1.4
mT
5
Hysteresis width*3
BHYS
BHYS = BOP
− BRP
6.0
mT
5
*1. BOP: Operation point
BOP is the value of magnetic flux density when the output voltage (VOUT) changes after the magnetic flux density applied
to the S-57M1 Series by the magnet (S pole) is increased (by moving the magnet closer).
VOUT retains the status until a magnetic flux density of the N pole higher than BRP is applied.
*2. BRP: Release point
BRP is the value of magnetic flux density when the output voltage (VOUT) changes after the magnetic flux density applied
to the S-57M1 Series by the magnet (N pole) is increased (by moving the magnet closer).
VOUT retains the status until a magnetic flux density of the S pole higher than BOP is applied.
*3. BHYS: Hysteresis width
BHYS is the difference of magnetic flux density between BOP and BRP.
Remark The unit of magnetic density mT can be converted by using the formula 1 mT = 10 Gauss.


Similar Part No. - S-57M1CBH1B-M3T1U

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-57M1CBH1B-M3T1U SII-S-57M1CBH1B-M3T1U Datasheet
947Kb / 16P
   HIGH-SPEED BIPOLAR HALL EFFECT LATCH
More results

Similar Description - S-57M1CBH1B-M3T1U

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-5725CNBL9-M3T1U SII-S-5725CNBL9-M3T1U Datasheet
1Mb / 31P
   HIGH-SPEED BIPOLAR HALL EFFECT LATCH
S-57P1NBL9S-M3T4U SII-S-57P1NBL9S-M3T4U Datasheet
1Mb / 16P
   HIGH-SPEED BIPOLAR HALL EFFECT LATCH
S-57M1NBL1B-M3T1U SII-S-57M1NBL1B-M3T1U Datasheet
947Kb / 16P
   HIGH-SPEED BIPOLAR HALL EFFECT LATCH
S-57K1NBL1A-M3T2U SII-S-57K1NBL1A-M3T2U Datasheet
893Kb / 15P
   HIGH-SPEED BIPOLAR HALL EFFECT LATCH
S-5724CNBL1-M3T1U SII-S-5724CNBL1-M3T1U Datasheet
1Mb / 29P
   HIGH-SPEED BIPOLAR HALL EFFECT LATCH
S5725 SII-S5725 Datasheet
1Mb / 31P
   HIGH-SPEED BIPOLAR HALL EFFECT LATCH
S-5742NBL0B-Y3N2U SII-S-5742NBL0B-Y3N2U Datasheet
1Mb / 21P
   BIPOLAR HALL EFFECT LATCH
S5724 SII-S5724 Datasheet
1Mb / 29P
   LOW VOLTAGE OPERATION HIGH-SPEED BIPOLAR HALL EFFECT LATCH
logo
Infineon Technologies A...
TLE4946K INFINEON-TLE4946K Datasheet
703Kb / 19P
   High Precision Bipolar Hall-Effect Latch
Rev 1.0, September 2007
TLE4946-1L INFINEON-TLE4946-1L_08 Datasheet
667Kb / 17P
   High Precision Bipolar Hall-Effect Latch
Rev 1.2, December 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com