Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S-82A1AAI-I6T1U Datasheet(PDF) 7 Page - Seiko Instruments Inc

Part # S-82A1AAI-I6T1U
Description  BATTERY PROTECTION IC FOR 1-CELL PACK
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-82A1AAI-I6T1U Datasheet(HTML) 7 Page - Seiko Instruments Inc

Back Button S-82A1AAI-I6T1U Datasheet HTML 3Page - Seiko Instruments Inc S-82A1AAI-I6T1U Datasheet HTML 4Page - Seiko Instruments Inc S-82A1AAI-I6T1U Datasheet HTML 5Page - Seiko Instruments Inc S-82A1AAI-I6T1U Datasheet HTML 6Page - Seiko Instruments Inc S-82A1AAI-I6T1U Datasheet HTML 7Page - Seiko Instruments Inc S-82A1AAI-I6T1U Datasheet HTML 8Page - Seiko Instruments Inc S-82A1AAI-I6T1U Datasheet HTML 9Page - Seiko Instruments Inc S-82A1AAI-I6T1U Datasheet HTML 10Page - Seiko Instruments Inc S-82A1AAI-I6T1U Datasheet HTML 11Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 44 page
background image
BATTERY PROTECTION IC FOR 1-CELL PACK
Rev.2.0_01
S-82A1A Series
7
Table 4
Delay Time
Combination
Overcharge
Detection
Delay Time
[tCU]
Overdischarge
Detection
Delay Time
[tDL]
Discharge
Overcurrent
Detection
Delay Time 1
[tDIOV1]
Discharge
Overcurrent
Detection
Delay Time 2
[tDIOV2]
Load Short-
circuiting
Detection
Delay Time
[tSHORT]
Charge
Overcurrent
Detection
Delay Time
[tCIOV]
(1)
1.0 s
128 ms
16 ms
280
μs
8 ms
(2)
1.0 s
32 ms
16 ms
280
μs
16 ms
(3)
1.0 s
64 ms
16 ms
280
μs
8 ms
(4)
1.0 s
32 ms
16 ms
530
μs
16 ms
(5)
1.0 s
32 ms
4.0 s
16 ms
280
μs
16 ms
(6)
1.0 s
64 ms
512 ms
32 ms
280
μs
8 ms
(7)
1.0 s
128 ms
4.0 s
16 ms
280
μs
8 ms
(8)
1.0 s
64 ms
32 ms
530
μs
16 ms
(9)
1.0 s
64 ms
16 ms
280
μs
16 ms
(10)
1.0 s
64 ms
256 ms
530
μs
16 ms
(11)
1.0 s
32 ms
2.0 s
16 ms
280
μs
16 ms
Remark The delay times can be changed within the range listed in Table 5. For details, please contact our sales office.
Table 5
Delay Time
Symbol
Selection Range
Remark
Overcharge detection
delay time
tCU
256 ms
512 ms
1.0 s
Select a value from
the left.
Overdischarge
detection delay time
tDL
32 ms
64 ms
128 ms
256 ms
Select a value from
the left.
Discharge overcurrent
detection delay time 1
tDIOV1
4 ms
8 ms
16 ms
32 ms
64 ms
128 ms
Select a value from
the left.
256 ms
512 ms
1.0 s
2.0 s
4.0 s
Discharge overcurrent
detection delay time 2
tDIOV2
4 ms
8 ms
16 ms
32 ms
64 ms
128 ms
Select a value from
the left.
Load short-circuiting
detection delay time
tSHORT
280
μs
530
μs
Select a value from
the left.
Charge overcurrent
detection delay time
tCIOV
4 ms
8 ms
16 ms
32 ms
64 ms
128 ms
Select a value from
the left.


Similar Part No. - S-82A1AAI-I6T1U

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-82A1AAI-I6T1U SII-S-82A1AAI-I6T1U Datasheet
3Mb / 44P
   BATTERY PROTECTION IC FOR 1-CELL PACK
logo
ABLIC Inc.
S-82A1AAI-I6T1U ABLIC-S-82A1AAI-I6T1U Datasheet
961Kb / 46P
   BATTERY PROTECTION IC FOR 1-CELL PACK
Rev.2.4_00
More results

Similar Description - S-82A1AAI-I6T1U

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
EC9527A E-CMOS-EC9527A Datasheet
486Kb / 13P
   Protection IC for 1-Cell Battery Pack
logo
Seiko Instruments Inc
S8240A SII-S8240A Datasheet
1Mb / 38P
   BATTERY PROTECTION IC FOR 1-CELL PACK
logo
Neotec Semiconductor Lt...
NT1715B NEOTEC-NT1715B Datasheet
250Kb / 4P
   Battery Protection IC for 1-Cell Pack
V1.13
logo
ABLIC Inc.
S-82C1F ABLIC-S-82C1F Datasheet
843Kb / 42P
   BATTERY PROTECTION IC FOR 1-CELL PACK
Rev.1.3_00
S-8240A ABLIC-S-8240A Datasheet
783Kb / 48P
   BATTERY PROTECTION IC FOR 1-CELL PACK
Rev.2.7_00
S-8250B ABLIC-S-8250B Datasheet
577Kb / 32P
   BATTERY PROTECTION IC FOR 1-CELL PACK
Rev.1.1_03
logo
Neotec Semiconductor Lt...
NT1713C NEOTEC-NT1713C Datasheet
283Kb / 5P
   Protection IC for 1-Cell Battery Pack
V1.1
NT1715C NEOTEC-NT1715C Datasheet
228Kb / 4P
   Battery Protection IC for 1-Cell Pack
V1.4
logo
Seiko Instruments Inc
S-8211D SII-S-8211D Datasheet
370Kb / 36P
   BATTERY PROTECTION IC FOR 1-CELL PACK
logo
ABLIC Inc.
S-8211C ABLIC-S-8211C Datasheet
636Kb / 43P
   BATTERY PROTECTION IC FOR 1-CELL PACK
Rev.7.7_03
S-82H1B ABLIC-S-82H1B Datasheet
561Kb / 29P
   BATTERY PROTECTION IC FOR 1-CELL PACK
Rev.1.0_00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com